Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM27C040-200 Datasheet(PDF) 10 Page - Advanced Micro Devices

Part # AM27C040-200
Description  4 Megabit (512 K x 8-Bit) CMOS EPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM27C040-200 Datasheet(HTML) 10 Page - Advanced Micro Devices

Back Button AM27C040-200 Datasheet HTML 5Page - Advanced Micro Devices AM27C040-200 Datasheet HTML 6Page - Advanced Micro Devices AM27C040-200 Datasheet HTML 7Page - Advanced Micro Devices AM27C040-200 Datasheet HTML 8Page - Advanced Micro Devices AM27C040-200 Datasheet HTML 9Page - Advanced Micro Devices AM27C040-200 Datasheet HTML 10Page - Advanced Micro Devices AM27C040-200 Datasheet HTML 11Page - Advanced Micro Devices AM27C040-200 Datasheet HTML 12Page - Advanced Micro Devices AM27C040-200 Datasheet HTML 13Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
Am27C040
FI NAL
AC CHARACTERISTICS
Caution: Do not remove the device from (or inserted into) a socket when VCC or VPP is applied.
Notes:
1. VCC must be applied simultaneously or before VPP, and removed simultaneously or after VPP.
2. This parameter is sampled and not 100% tested.
3. Switching characteristics are over operating range, unless otherwise specified.
4. See Figure 1 and Table 1 for test specifications.
SWITCHING WAVEFORMS
PACKAGE CAPACITANCE
Notes:
1. This parameter is only sampled and not 100% tested.
2. TA = +25°C, f = 1 MHz.
Parameter Symbols
Description
Test Setup
Am27C040
Unit
JEDEC
Std.
-90
-120
-150
-200
tAVQV
tACC
Address to Output Delay
CE# = OE#
= VIL
Max
90
120
150
200
ns
tELQV
tCE
Chip Enable to Output Delay
OE# = VIL
Max
90
120
150
200
ns
tGLQV
tOE
Output Enable to Output Delay
CE# = VIL
Max
4050
6575
ns
tEHQZ
tGHQZ
tDF
(Note 2)
Chip Enable High or Output Enable High,
Whichever Occurs First, to Output High Z
Max
3030
3040
ns
tAXQX
tOH
Output Hold Time from Addresses, CE# or
OE#, Whichever Occurs First
Min
0000
ns
Parameter
Symbol
Parameter
Description
Test
Conditions
CDV032
PD 032
PL 032
Unit
Typ
Max
Typ
Max
Typ
Max
CIN
Input Capacitance
VIN = 0 V
101210
12
8
10
pF
COUT
Output Capacitance VOUT = 0 V
121512
15
9
12
pF
Addresses
CE#/PGM#
OE#
Output
Addresses Valid
High Z
High Z
tCE
Valid Output
2.4
0.45
2.0
0.8
2.0
0.8
tACC
(Note 1)
tOE
tDF
(Note 2)
tOH
Note:
1. OE# may be delayed up to tACC - tOE after the falling edge of the addresses without impact on tACC.
2. tDF is specified from OE# or CE#, whichever occurs first.
14971E-1


Similar Part No. - AM27C040-200

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27C040-200 AMD-AM27C040-200 Datasheet
166Kb / 13P
   4 Megabit (512 K x 8-Bit) CMOS EPROM
More results

Similar Description - AM27C040-200

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27C040 AMD-AM27C040_99 Datasheet
166Kb / 13P
   4 Megabit (512 K x 8-Bit) CMOS EPROM
AM27X040 AMD-AM27X040 Datasheet
132Kb / 10P
   4 Megabit (512 K x 8-Bit) CMOS ExpressROM Device
AM27C512 AMD-AM27C512 Datasheet
168Kb / 12P
   512 Kilobit (64 K x 8-Bit) CMOS EPROM
AM27C010 AMD-AM27C010 Datasheet
175Kb / 13P
   1 Megabit (128 K x 8-Bit) CMOS EPROM
AM27C020 AMD-AM27C020 Datasheet
172Kb / 12P
   2 Megabit (256 K x 8-Bit) CMOS EPROM
AM27C4096 AMD-AM27C4096 Datasheet
165Kb / 12P
   4 Megabit (256 K x 16-Bit) CMOS EPROM
AM27C1024 AMD-AM27C1024 Datasheet
165Kb / 12P
   1 Megabit (65 K x 16-Bit) CMOS EPROM
AM27C2048 AMD-AM27C2048 Datasheet
173Kb / 12P
   2 Megabit (128 K x 16-Bit) CMOS EPROM
AM27C64 AMD-AM27C64 Datasheet
172Kb / 12P
   64 Kilobit (8 K x 8-Bit) CMOS EPROM
AM29F400B AMD-AM29F400B Datasheet
515Kb / 37P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com