Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM27C64 Datasheet(PDF) 10 Page - Advanced Micro Devices

Part # AM27C64
Description  64 Kilobit (8 K x 8-Bit) CMOS EPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM27C64 Datasheet(HTML) 10 Page - Advanced Micro Devices

Back Button AM27C64 Datasheet HTML 4Page - Advanced Micro Devices AM27C64 Datasheet HTML 5Page - Advanced Micro Devices AM27C64 Datasheet HTML 6Page - Advanced Micro Devices AM27C64 Datasheet HTML 7Page - Advanced Micro Devices AM27C64 Datasheet HTML 8Page - Advanced Micro Devices AM27C64 Datasheet HTML 9Page - Advanced Micro Devices AM27C64 Datasheet HTML 10Page - Advanced Micro Devices AM27C64 Datasheet HTML 11Page - Advanced Micro Devices AM27C64 Datasheet HTML 12Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Am27C64
AC CHARACTERISTICS
Caution: Do not remove the device from (or insert it into) a socket or board that has VPP or VCC applied.
Notes:
1. VCC must be applied simultaneously or before VPP, and removed simultaneously or after VPP.
2. This parameter is sampled and not 100% tested.
3. Switching characteristics are over operating range, unless otherwise specified.
4. See Figure 3 and Table 1 for test specifications.
SWITCHING WAVEFORMS
Notes:
1. OE# may be delayed up to tACC – tOE after the falling edge of the addresses without impact on tACC.
2. tDF is specified from OE# or CE#, whichever occurs first.
PACKAGE CAPACITANCE
Notes:
1. This parameter is only sampled and not 100% tested.
2. TA = +25°C, f = 1 MHz.
Parameter Symbols
Description
Test Setup
Am27C64
Unit
JEDEC
Standard
-45
-55
-70
-90
-120 -150 -200 -255
tAVQV
tACC
Address to Output Delay
CE#,
OE# = VIL
Max
45
55
70
90
120
150
200
250
ns
tELQV
tCE
Chip Enable to Output Delay
OE# = VIL Max
45
55
70
90
120
150
200
250
ns
tGLQV
tOE
Output Enable to Output
Delay
CE# = VIL Max
303540
405050
50
50
ns
tEHQZ
tGHQZ
tDF
(Note 2)
Chip Enable High or Output
Enable High to Output High Z,
Whichever Occurs First
Max
252525
253030
30
30
ns
tAXQX
tOH
Output Hold Time from
Addresses, CE# or OE#,
Whichever Occurs First
Min
0
000
0000
ns
Addresses
CE#
OE#
Output
11419E-9
Addresses Valid
High Z
High Z
tCE
Valid Output
2.4
0.45
2.0
0.8
2.0
0.8
tACC
(Note 1)
tOE
tDF (Note 2)
tOH
Parameter
Symbol
Parameter
Description
Test Conditions
CDV028
PL 032
PD 028
Unit
Typ
Max
Typ
Max
Typ
Max
CIN
Input Capacitance
VIN = 0
8
10610
5
10
pF
COUT
Output Capacitance
VOUT = 0
1114
8
12
8
10pF


Similar Part No. - AM27C64

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27C010 AMD-AM27C010 Datasheet
175Kb / 13P
   1 Megabit (128 K x 8-Bit) CMOS EPROM
logo
Rochester Electronics
AM27C010 ROCHESTER-AM27C010 Datasheet
926Kb / 9P
   1 Megabit ( 128 K x 8-Bit ) CMOS EPROM Speed options as fast as 45 ns
logo
Advanced Micro Devices
AM27C010-120 AMD-AM27C010-120 Datasheet
175Kb / 13P
   1 Megabit (128 K x 8-Bit) CMOS EPROM
logo
Rochester Electronics
AM27C010-120DC ROCHESTER-AM27C010-120DC Datasheet
926Kb / 9P
   1 Megabit ( 128 K x 8-Bit ) CMOS EPROM Speed options as fast as 45 ns
logo
Advanced Micro Devices
AM27C010-120DC5 AMD-AM27C010-120DC5 Datasheet
175Kb / 13P
   1 Megabit (128 K x 8-Bit) CMOS EPROM
More results

Similar Description - AM27C64

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27C512 AMD-AM27C512 Datasheet
168Kb / 12P
   512 Kilobit (64 K x 8-Bit) CMOS EPROM
AMD27C64 AMD-AMD27C64 Datasheet
88Kb / 11P
   64 Kilobit (8,192 x 8-Bit) CMOS EPROM
AM27X64 AMD-AM27X64 Datasheet
139Kb / 10P
   64 Kilobit (8 K x 8-Bit) CMOS ExpressROM Device
AM27X512 AMD-AM27X512 Datasheet
135Kb / 10P
   512 Kilobit (64 K x 8-Bit) CMOS ExpressROM Device
AMD27C256 AMD-AMD27C256 Datasheet
90Kb / 12P
   256 Kilobit (32,768 x 8-Bit) CMOS EPROM
logo
Rochester Electronics
AM27C512 ROCHESTER-AM27C512_13 Datasheet
611Kb / 9P
   512 Kilobit ( 64 K x 8-Bit ) CMOS EPROM Speed options as fast as 55 ns
AM27C512 ROCHESTER-AM27C512 Datasheet
788Kb / 9P
   512 Kilobit ( 64 K x 8-Bit ) CMOS EPROM Speed options as fast as 55 ns
logo
Advanced Micro Devices
AM27C256 AMD-AM27C256 Datasheet
171Kb / 12P
   256 Kilobit (32 K x 8-Bit) CMOS EPRO
AM27X128 AMD-AM27X128 Datasheet
139Kb / 10P
   128 Kilobit (16 K x 8-Bit) CMOS ExpressROM Device
AM27X256 AMD-AM27X256 Datasheet
139Kb / 10P
   256 Kilobit (32 K x 8-Bit) CMOS ExpressROM Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com