Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC4423A Datasheet(PDF) 11 Page - Microchip Technology

Part # TC4423A
Description  3A Dual High-Speed Power MOSFET Drivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4423A Datasheet(HTML) 11 Page - Microchip Technology

Back Button TC4423A Datasheet HTML 7Page - Microchip Technology TC4423A Datasheet HTML 8Page - Microchip Technology TC4423A Datasheet HTML 9Page - Microchip Technology TC4423A Datasheet HTML 10Page - Microchip Technology TC4423A Datasheet HTML 11Page - Microchip Technology TC4423A Datasheet HTML 12Page - Microchip Technology TC4423A Datasheet HTML 13Page - Microchip Technology TC4423A Datasheet HTML 14Page - Microchip Technology TC4423A Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
© 2007 Microchip Technology Inc.
DS21998B-page 11
TC4423A/TC4424A/TC4425A
5.0
PACKAGING INFORMATION
5.1
Package Marking Information (Not to Scale)
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
XXXXXXXX
XXXXXNNN
YYWW
8-Lead PDIP (300 mil)
Example:
TC4423AV
PA^^256
0520
8-Lead SOIC (150 mil)
Example:
XXXXXXXX
XXXXYYWW
NNN
256
TC4423AV
8-Lead DFN (6x5)
Example
:
XXXXXXX
XXXXXXX
XXYYWW
NNN
TC4423A
VMF^^
0520
256
OA^^0520
3
e
3
e
3
e
16-Lead SOIC (300 mil)
Example:
XXXXXXXXXXX
XXXXXXXXXXX
YYWWNNN
XXXXXXXXXXX
0420256
TC4423A
VOE^^3
e


Similar Part No. - TC4423A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC4423A MICROCHIP-TC4423A Datasheet
771Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
2007
TC4423A MICROCHIP-TC4423A Datasheet
773Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
12/08/06
More results

Similar Description - TC4423A

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4423 TELCOM-TC4423 Datasheet
84Kb / 7P
   3A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4423 MICROCHIP-TC4423_04 Datasheet
321Kb / 18P
   3A Dual High-Speed Power MOSFET Drivers
2004
TC4423A MICROCHIP-TC4423A Datasheet
771Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
2007
TC4424AVOA713 MICROCHIP-TC4424AVOA713 Datasheet
773Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
12/08/06
TC4424AVOE MICROCHIP-TC4424AVOE Datasheet
773Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
12/08/06
logo
Unisonic Technologies
UTC4424 UTC-UTC4424 Datasheet
171Kb / 4P
   3A Dual High-Speed Power MOSFET Drivers
logo
Microchip Technology
TC4423 MICROCHIP-TC4423 Datasheet
71Kb / 9P
   3A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
TC4423 MICROCHIP-TC4423_13 Datasheet
358Kb / 20P
   3A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC4424AVOA MICROCHIP-TC4424AVOA Datasheet
773Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
12/08/06
TC4423M MICROCHIP-TC4423M Datasheet
225Kb / 18P
   3A Dual High-Speed Power MOSFET Drivers
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com