Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP7312-1833FM-7 Datasheet(PDF) 11 Page - Dialight Corporation

Part # AP7312-1833FM-7
Description  DUAL 150mA LOW QUIESCENT CURRENT FASTTRANSIENT LOW DROPOUT LINEAR REGULATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

AP7312-1833FM-7 Datasheet(HTML) 11 Page - Dialight Corporation

Back Button AP7312-1833FM-7 Datasheet HTML 7Page - Dialight Corporation AP7312-1833FM-7 Datasheet HTML 8Page - Dialight Corporation AP7312-1833FM-7 Datasheet HTML 9Page - Dialight Corporation AP7312-1833FM-7 Datasheet HTML 10Page - Dialight Corporation AP7312-1833FM-7 Datasheet HTML 11Page - Dialight Corporation AP7312-1833FM-7 Datasheet HTML 12Page - Dialight Corporation AP7312-1833FM-7 Datasheet HTML 13Page - Dialight Corporation AP7312-1833FM-7 Datasheet HTML 14Page - Dialight Corporation AP7312-1833FM-7 Datasheet HTML 15Page - Dialight Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
AP7312
DUAL 150mA LOW QUIESCENT CURRENT FAST
TRANSIENT LOW DROPOUT LINEAR REGULATOR
AP7312
Document number: DS35133 Rev. 2 - 2
11 of 18
www.diodes.com
January 2011
© Diodes Incorporated
Typical Performance Characteristics (Continued)
Short Circuit Current vs Input Voltage
0
20
40
60
80
100
2.53
3.54
4.55
5.56
Input Voltage(V)
Short-circuit Current vs Temperature
0
20
40
60
80
100
-50
-25
0
25
50
75
100
125
Temperature(℃)
VIN=3.8V
-45°C
25°C
90°C


Similar Part No. - AP7312-1833FM-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7312 DIODES-AP7312 Datasheet
293Kb / 18P
   DUAL 150mA LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT
DS35133 Rev. 1 - 2
More results

Similar Description - AP7312-1833FM-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7311 DIODES-AP7311 Datasheet
266Kb / 13P
   150mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
AP7311 Rev. 2
AP7313 DIODES-AP7313 Datasheet
277Kb / 13P
   150mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
AP7313 Rev. 2
logo
Texas Instruments
TPS78218 TI1-TPS78218 Datasheet
853Kb / 25P
[Old version datasheet]   500nA, IQ 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS782XX TI-TPS782XX Datasheet
629Kb / 18P
[Old version datasheet]   150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
TPS78223 TI-TPS78223 Datasheet
743Kb / 20P
[Old version datasheet]   150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
TPS78330 TI1-TPS78330 Datasheet
504Kb / 17P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS783XX TI-TPS783XX Datasheet
338Kb / 15P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS783XX TI-TPS783XX_10 Datasheet
504Kb / 17P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
logo
Monolithic Power System...
MP2011A MPS-MP2011A Datasheet
523Kb / 14P
   24V, 150mA, Low Quiescent Current Linear Regulator
MP2015A MPS-MP2015A Datasheet
604Kb / 18P
   24V, 150mA, Low Quiescent Current Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com