Electronic Components Datasheet Search |
|
1-796435-1 Datasheet(PDF) 4 Page - Tyco Electronics |
|
1-796435-1 Datasheet(HTML) 4 Page - Tyco Electronics |
4 / 51 page AMP Circular Connectors for Commercial Signal and Power Applications 4 Catalog 82021 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 7-07 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 52-55-1106-0800 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 57-1-254-4444 UK: 44-208-420-8341 Connector Series and Types Note: All part numbers are RoHS Compliant. Series 1—Size 16 Contacts Series 1 connectors permit the use of multiple combina- tions of signal and coaxial circuits in the same housing by accepting durable Multimate contacts. These pin and socket contacts include Type III+ and Series 2—Size 20 Contacts Series 2 connectors accept Size 20 DF (precision formed) and Size 20 DM (screw-machined) pin and socket contacts with a .040 [1.02] pin diameter, Size 20 DF contacts are available in crimp and solder versions, as well as a posted version Series 3—Power Contacts Series 3 connectors accept Type XII power contacts which can carry up to 25 amps per contact. These contacts will accommodate a wire size range of 16 to Series 4—Combination Size 16 and Power Contacts Series 4 connectors accept Size 16 Multimate and Type XII power contacts, combining the signal and coaxial circuit capabilities of Series 1 connectors with the subminiature coaxial contacts, interchangeable in the same Multimate contact cavity. Type III+ contacts (.062 [1.57] pin diameter) are capable of carrying a maximum of 13 amperes when crimped in wire. for wrap-type and pc board applications. Maximum current carrying capability is 7.5 amperes. Many connector arrangements offer both standard and reverse sex contact loading— from 8 thru 63 positions. 10 AWG [1.4 to 5 mm2]. Two connector sizes are available in both standard and reverse sex connector arrangements 3 and 7 positions. power circuit capabilities of Series 3 connectors. Available in two connector sizes offering power mixing combinations totaling 16 and 22 positions. Type III solder contacts and posted contacts for pc board applications are also available. Many connector arrangements offer both standard and reverse sex contact loading— from 4 thru 37 positions. 1 4 6 12 3 7 11 14 1 9 15 21 26 28 25 20 14 8 4 3 12 3 6 5 7 1 23 4 5 6 11 14 16 13 8 10 7 15 |
Similar Part No. - 1-796435-1 |
|
Similar Description - 1-796435-1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |