Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1-796404-1 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 1-796404-1
Description  AMP Circular Connectors for Commercial Signal & Power Applications
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-796404-1 Datasheet(HTML) 4 Page - Tyco Electronics

  1-796404-1 Datasheet HTML 1Page - Tyco Electronics 1-796404-1 Datasheet HTML 2Page - Tyco Electronics 1-796404-1 Datasheet HTML 3Page - Tyco Electronics 1-796404-1 Datasheet HTML 4Page - Tyco Electronics 1-796404-1 Datasheet HTML 5Page - Tyco Electronics 1-796404-1 Datasheet HTML 6Page - Tyco Electronics 1-796404-1 Datasheet HTML 7Page - Tyco Electronics 1-796404-1 Datasheet HTML 8Page - Tyco Electronics 1-796404-1 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
AMP Circular Connectors for
Commercial Signal and Power Applications
4
Catalog 82021
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 7-07
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341
Connector Series and Types
Note: All part numbers
are RoHS Compliant.
Series 1—Size 16 Contacts
Series 1 connectors permit
the use of multiple combina-
tions of signal and coaxial
circuits in the same housing
by accepting durable
Multimate contacts. These
pin and socket contacts
include Type III+ and
Series 2—Size 20 Contacts
Series 2 connectors accept
Size 20 DF (precision
formed) and Size 20 DM
(screw-machined) pin and
socket contacts with a .040
[1.02] pin diameter, Size 20
DF contacts are available in
crimp and solder versions,
as well as a posted version
Series 3—Power Contacts
Series 3 connectors accept
Type XII power contacts
which can carry up to 25
amps per contact. These
contacts will accommodate
a wire size range of 16 to
Series 4—Combination
Size 16 and Power Contacts
Series 4 connectors accept
Size 16 Multimate and
Type XII power contacts,
combining the signal and
coaxial circuit capabilities of
Series 1 connectors with the
subminiature coaxial
contacts, interchangeable in
the same Multimate contact
cavity. Type III+ contacts
(.062 [1.57] pin diameter)
are capable of carrying a
maximum of 13 amperes
when crimped in wire.
for wrap-type and pc board
applications. Maximum
current carrying capability
is 7.5 amperes. Many
connector arrangements
offer both standard and
reverse sex contact
loading—
from 8 thru 63
positions.
10 AWG [1.4 to 5 mm2].
Two connector sizes are
available in both standard
and reverse sex connector
arrangements
3 and 7
positions.
power circuit capabilities of
Series 3 connectors.
Available in two connector
sizes offering power mixing
combinations totaling
16
and 22 positions.
Type III solder contacts
and posted contacts for pc
board applications are also
available. Many connector
arrangements offer both
standard and reverse sex
contact loading—
from 4
thru 37 positions.
1
4
6
12
3
7
11
14
1
9
15
21
26
28
25
20
14
8
4
3
12
3
6
5
7
1
23
4
5
6
11
14
16
13
8
10
7
15


Similar Part No. - 1-796404-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-796410-1 MACOM-1-796410-1 Datasheet
72Kb / 2P
   TERMINAL BLOCK PCB MOUNT, STRAIGHT SIDE WIRE ENTRY, LOW PROFILE W/INTERLOCK, 5.08mm PITCH (LT)
1-796410-2 MACOM-1-796410-2 Datasheet
72Kb / 2P
   TERMINAL BLOCK PCB MOUNT, STRAIGHT SIDE WIRE ENTRY, LOW PROFILE W/INTERLOCK, 5.08mm PITCH (LT)
1-796410-3 MACOM-1-796410-3 Datasheet
72Kb / 2P
   TERMINAL BLOCK PCB MOUNT, STRAIGHT SIDE WIRE ENTRY, LOW PROFILE W/INTERLOCK, 5.08mm PITCH (LT)
1-796410-4 MACOM-1-796410-4 Datasheet
72Kb / 2P
   TERMINAL BLOCK PCB MOUNT, STRAIGHT SIDE WIRE ENTRY, LOW PROFILE W/INTERLOCK, 5.08mm PITCH (LT)
1-796410-5 MACOM-1-796410-5 Datasheet
72Kb / 2P
   TERMINAL BLOCK PCB MOUNT, STRAIGHT SIDE WIRE ENTRY, LOW PROFILE W/INTERLOCK, 5.08mm PITCH (LT)
More results

Similar Description - 1-796404-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
206036-2 MACOM-206036-2 Datasheet
3Mb / 51P
   AMP Circular Connectors for Commercial Signal and Power Applications
logo
ITT Industries
CA3106B18-8PX ITT-CA3106B18-8PX Datasheet
1Mb / 5P
   Circular Connectors
logo
Hirose Electric
HR24A-8DLPA4SA2200A HIROSE-HR24A-8DLPA4SA2200A Datasheet
722Kb / 17P
   CIRCULAR WATER-PROOF CONNECTORS FOR SENSORS
logo
DB Lectro Inc
AEC0610SL-P9 DBLECTRO-AEC0610SL-P9 Datasheet
434Kb / 1P
   PG-ADAPTER FOR MS CIRCULAR CONNECTORS
AEC0810SL-P9 DBLECTRO-AEC0810SL-P9 Datasheet
435Kb / 1P
   PG-ADAPTER FOR MS CIRCULAR CONNECTORS
logo
ITT Industries
FRF ITT-FRF Datasheet
80Kb / 1P
   Circular Commercial Aircraft Military Aircraft
logo
Lumberg
0137 LUMBERG-0137 Datasheet
784Kb / 3P
   DIN circular connectors
MP-371 LUMBERG-MP-371 Datasheet
570Kb / 3P
   Miniature circular connectors
logo
List of Unclassifed Man...
R03 ETC2-R03 Datasheet
616Kb / 2P
   Miniature Circular Connectors
ER03 ETC-ER03 Datasheet
1Mb / 8P
   Miniature Circular Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com