Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFC233826684 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # BFC233826684
Description  Interference Suppression Film Capacitors MKP Radial Potted Type
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC233826684 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button BFC233826684 Datasheet HTML 4Page - Vishay Siliconix BFC233826684 Datasheet HTML 5Page - Vishay Siliconix BFC233826684 Datasheet HTML 6Page - Vishay Siliconix BFC233826684 Datasheet HTML 7Page - Vishay Siliconix BFC233826684 Datasheet HTML 8Page - Vishay Siliconix BFC233826684 Datasheet HTML 9Page - Vishay Siliconix BFC233826684 Datasheet HTML 10Page - Vishay Siliconix BFC233826684 Datasheet HTML 11Page - Vishay Siliconix BFC233826684 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MKP338 2 X2
www.vishay.com
Vishay BCcomponents
Revision: 04-Jul-13
8
Document Number: 28119
For technical questions, contact: rfi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• SPQ = Standard Packing Quantity
(1) Weight for short lead product only
ELECTRICAL DATA AND ORDERING CODE - PITCH 27.5 mm
URAC
(V)
CAP.
(μF)
DIMENSIONS
w x h x l
(mm)
MASS
(g) (1)
CATALOG NUMBER BFC2 338 ..... AND PACKAGING
LOOSE IN BOX
SHORT LEADS
LONG LEADS
lt = 3.5 mm
± 0.3 mm
lt = 5.0 mm
± 1.0 mm
SPQ
lt = 25.0 mm
± 2.0 mm
SPQ
310
PITCH = 27.5 mm ± 0.4 mm; dt = 0.80 mm ± 0.08 mm; C-TOL. = ± 20 %
0.39
9.0 x 19.0 x 31.5
5.5
21394
23394
100
25394
150
0.47
21474
23474
25474
0.56
21564
23564
25564
125
0.68
21684
23684
25684
0.82
21824
23824
25824
1.0
11.0 x 21.0 x 31.0
7.4
21105
23105
25105
1.2
20125
22125
24125
1.5
13.0 x 23.0 x 31.0
9.2
20155
22155
24155
1.8
20185
22185
24185
100
2.2
15.0 x 25.0 x 31.5
12.3
20225
22225
24225
2.7
18.0 x 28.0 x 31.5
16.1
20275
22275
50
24275
75
3.3
20335
22335
24335
PITCH = 27.5 mm ± 0.4 mm; dt = 0.80 mm ± 0.08 mm; C-TOL. = ± 10 %
1.0
11.0 x 21.0 x 31.0
7.4
28141
28341
100
28541
125
1.2
28142
28342
28542
1.5
13.0 x 23.0 x 31.0
9.2
28143
28343
28543
1.8
15.0 x 25.0 x 31.5
12.3
28144
28344
28544
100
2.2
28145
28345
50
28545
75
2.7
18.0 x 28.0 x 31.5
16.1
28146
28346
28546
PITCH = 27.5 mm ± 0.4 mm; dt = 0.80 mm ± 0.08 mm; C-TOL. = ± 5 %
1.0
11.0 x 21.0 x 31.0
7.4
28241
28441
100
28641
125
1.2
13.0 x 23.0 x 31.0
9.2
28242
28442
100
28642
125
1.5
28243
28443
28643
1.8
15.0 x 25.0 x 31.5
12.3
28244
28444
100
28644
100
2.2
18.0 x 28.0 x 31.5
16.1
28245
28445
50
28645
75
2.7
28246
28446
28646


Similar Part No. - BFC233826684

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFC233826682 VISHAY-BFC233826682 Datasheet
235Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
More results

Similar Description - BFC233826684

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
MKP3384X2 VISHAY-MKP3384X2 Datasheet
464Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 01-Aug-07
BFC233620223 VISHAY-BFC233620223 Datasheet
221Kb / 17P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 08-Oct-08
BFC233820224 VISHAY-BFC233820224 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
MKP3382X2 VISHAY-MKP3382X2 Datasheet
293Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
MKP3381X1 VISHAY-MKP3381X1 Datasheet
132Kb / 5P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 07-Oct-03
BFC233922105 VISHAY-BFC233922105 Datasheet
194Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233620104 VISHAY-BFC233620104 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
F17102101000 VISHAY-F17102101000 Datasheet
136Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 12-Jun-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com