Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM27X040 Datasheet(PDF) 5 Page - Advanced Micro Devices

Part # AM27X040
Description  4 Megabit (512 K x 8-Bit) CMOS ExpressROM Device
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM27X040 Datasheet(HTML) 5 Page - Advanced Micro Devices

  AM27X040 Datasheet HTML 1Page - Advanced Micro Devices AM27X040 Datasheet HTML 2Page - Advanced Micro Devices AM27X040 Datasheet HTML 3Page - Advanced Micro Devices AM27X040 Datasheet HTML 4Page - Advanced Micro Devices AM27X040 Datasheet HTML 5Page - Advanced Micro Devices AM27X040 Datasheet HTML 6Page - Advanced Micro Devices AM27X040 Datasheet HTML 7Page - Advanced Micro Devices AM27X040 Datasheet HTML 8Page - Advanced Micro Devices AM27X040 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Am27X040
5
ABSOLUTE MAXIMUM RATINGS
Storage Temperature
OTP Products. . . . . . . . . . . . . . . . . . –65
°C to +125°C
Ambient Temperature
with Power Applied. . . . . . . . . . . . . . –55
°C to +125°C
Voltage with Respect to VSS
All pins except VCC . . . . . . . . . –0.6 V to VCC + 0.6 V
VCC (Note 1). . . . . . . . . . . . . . . . . . . . . –0.6 V to 7.0 V
Note:
1. Minimum DC voltage on input or I/O pins –0.5 V. During
voltage transitions, the input may overshoot VSS to –2.0 V
for periods of up to 20 ns. Maximum DC voltage on input
and I/O pins is VCC + 5 V. During voltage transitions, input
and I/O pins may overshoot to VCC + 2.0 V for periods up
to 20 ns.
Stresses above those listed under “Absolute Maximum Rat-
ings” may cause permanent damage to the device. This is a
stress rating only; functional operation of the device at these
or any other conditions above those indicated in the opera-
tional sections of this specification is not implied. Exposure of
the device to absolute maximum ratings for extended periods
may affect device reliability.
OPERATING RANGES
Commercial (C) Devices
Ambient Temperature (TA) . . . . . . . . . . .0°C to +70°C
Industrial (I) Devices
Ambient Temperature (TA) . . . . . . . . .–40°C to +85°C
Supply Read Voltages
VCC for ± 10% devices . . . . . . . . . +4.50 V to +5.50 V
Operating ranges define those limits between which the func-
tionality of the device is guaranteed.


Similar Part No. - AM27X040

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27X010 AMD-AM27X010 Datasheet
138Kb / 10P
   1 Megabit (128 K x 8-Bit) CMOS ExpressROM Device
AM27X010-120JC AMD-AM27X010-120JC Datasheet
138Kb / 10P
   1 Megabit (128 K x 8-Bit) CMOS ExpressROM Device
AM27X010-120JI AMD-AM27X010-120JI Datasheet
138Kb / 10P
   1 Megabit (128 K x 8-Bit) CMOS ExpressROM Device
AM27X010-120PC AMD-AM27X010-120PC Datasheet
138Kb / 10P
   1 Megabit (128 K x 8-Bit) CMOS ExpressROM Device
AM27X010-120PI AMD-AM27X010-120PI Datasheet
138Kb / 10P
   1 Megabit (128 K x 8-Bit) CMOS ExpressROM Device
More results

Similar Description - AM27X040

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27X020 AMD-AM27X020 Datasheet
136Kb / 10P
   2 Megabit (256 K x 8-Bit) CMOS ExpressROM Device
AM27X010 AMD-AM27X010 Datasheet
138Kb / 10P
   1 Megabit (128 K x 8-Bit) CMOS ExpressROM Device
AM27X512 AMD-AM27X512 Datasheet
135Kb / 10P
   512 Kilobit (64 K x 8-Bit) CMOS ExpressROM Device
AM27X2048 AMD-AM27X2048 Datasheet
136Kb / 10P
   2 Megabit (128 K x 16-Bit) CMOS ExpressROM Device
AM27C040 AMD-AM27C040_99 Datasheet
166Kb / 13P
   4 Megabit (512 K x 8-Bit) CMOS EPROM
AM27C040 AMD-AM27C040 Datasheet
175Kb / 13P
   4 Megabit (512 K x 8-Bit) CMOS EPROM
AM27X64 AMD-AM27X64 Datasheet
139Kb / 10P
   64 Kilobit (8 K x 8-Bit) CMOS ExpressROM Device
AM27X128 AMD-AM27X128 Datasheet
139Kb / 10P
   128 Kilobit (16 K x 8-Bit) CMOS ExpressROM Device
AM27X256 AMD-AM27X256 Datasheet
139Kb / 10P
   256 Kilobit (32 K x 8-Bit) CMOS ExpressROM Device
AM29F400B AMD-AM29F400B Datasheet
515Kb / 37P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com