Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0402C0G1C150J Datasheet(PDF) 3 Page - TDK Electronics

Part # C0402C0G1C150J
Description  MULTILAYER CERAMIC CHIP CAPACITORS
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C0402C0G1C150J Datasheet(HTML) 3 Page - TDK Electronics

  C0402C0G1C150J Datasheet HTML 1Page - TDK Electronics C0402C0G1C150J Datasheet HTML 2Page - TDK Electronics C0402C0G1C150J Datasheet HTML 3Page - TDK Electronics C0402C0G1C150J Datasheet HTML 4Page - TDK Electronics C0402C0G1C150J Datasheet HTML 5Page - TDK Electronics C0402C0G1C150J Datasheet HTML 6Page - TDK Electronics C0402C0G1C150J Datasheet HTML 7Page - TDK Electronics C0402C0G1C150J Datasheet HTML 8Page - TDK Electronics C0402C0G1C150J Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 72 page
background image
C Series
General Application
Type: C0402, C0603, C1005, C1608,
C2012, C3216, C3225, C4532, C5750
• High capacitance has been achieved through precision
technologies that enable the use of multiple thinner
ceramic dielectric layers.
• A monolithic structure ensures superior mechanical
strength and reliability.
• High-accuracy automatic mounting is facilitated through
the maintenance of very precise dimensional tolerances.
• Composed of only ceramics and metals, these
capacitors provide extremely dependable performance,
exhibiting virtually no degradation even when subjected to
temperature extremes.
• Low stray capacitance ensures high conformity with
nominal values, thereby simplifying the circuit design
process.
• Low residual inductance assures superior frequency
characteristics.
• Because electrostatic capacity has been obtained up to
the electrolytic capacitor range, these capacitors offer
long service life and are optimally suited for power supply
designs that require high levels of reliability.
• Owing to their low ESR and excellent frequency
characteristics, these products are optimally suited for
high frequency and high-density type power supplies.
Applications
• Electronics equipment
• Mobile communications equipment
• Office automation equipment
• Automotive electronics
• Test and measurement equipment
• Hybrid ICs, etc.
• Decoupling
• Smoothing
• Charge pump
Features
Shape &
Dimensions
Dimensions in mm
Part Number
Construction
Series Name
C
2012 X7R 1E 105 K T XXXX
Dimensions L x W (mm)
Temperature Characteristic
Rated Voltage (DC)
Nominal Capacitance (pF)
Capacitance Tolerance
Packaging Style
Internal Codes
The capacitance is expressed in three digit
codes and in units of pico Farads (pF). The first
and second digits identify the first and second
significant figures of the capacitance. The third
digit identifies the multiplier. R designates a
decimal point.
Case Code
Length
Width
C0402
0.40 ± 0.02
0.20 ± 0.02
C0603
0.60 ± 0.03
0.30 ± 0.03
C1005
1.00 ± 0.05
0.50 ± 0.05
C1608
1.60 ± 0.10
0.80 ± 0.10
C2012
2.00 ± 0.20
1.25 ± 0.20
C3216
3.20 ± 0.20
1.60 ± 0.20
C3225
3.20 ± 0.40
2.50 ± 0.30
C4532
4.50 ± 0.40
3.20 ± 0.40
C5750
5.70 ± 0.40
5.00 ± 0.40
Temperature
Characteristics
Capacitance
Change
Temperature
Range
C0G
0±30 ppm/ºC
-55 to +125ºC
SL
+350/-1000 ppm/ºC -25 to +85ºC
X5R
±15%
-55 to +85ºC
X6S
+22%
-55 to +105ºC
X7R
±15%
-55 to +125ºC
X7S
±22%
-55 to +125ºC
Y5V
+22/-82%
-33 to +85ºC
Packaging Code
Style
T
Tape & Reel
Tolerance Code
Tolerance
W
± 0.05 pF
B
± 0.10 pF
C
± 0.25 pF
D
± 0.50 pF
E
± 0.20 pF
G
± 2%
J
± 5%
K
± 10%
M
± 20%
Z
+80-20%
Capacitance Code
Capacitance
0R5
0.5pF
010
1pF
102
1,000pF (1nF)
105
1,000,000pF (1µF)
Voltage
Code
Voltage
(DC)
1C
16V
1E
25V
1V
35V
Voltage
Code
Voltage
(DC)
0G
4V
0J
6.3V
1A
10V
TDK MLCC US Catalog
Version B11
Page 5
L
Body Length
W Body Width
T
Body Height
B
Terminal Width
Voltage
Code
Voltage
(DC)
1H
50V


Similar Part No. - C0402C0G1C150J

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C0402C0G1C150J TDK-C0402C0G1C150J Datasheet
1Mb / 72P
   C Series General Application
C0402C0G1C150J TDK-C0402C0G1C150J Datasheet
1Mb / 72P
   MULTILAYER CERAMIC CHIP CAPACITORS
C0402C0G1C150J020BC TDK-C0402C0G1C150J020BC Datasheet
130Kb / 1P
   Commercial Grade ( General (Up to 50V) )
C0402C0G1C150J020BC TDK-C0402C0G1C150J020BC_16 Datasheet
130Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0402C0G1C150J020BC TDK-C0402C0G1C150J020BC_17 Datasheet
183Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C0402C0G1C150J

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com