Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS6005 Datasheet(PDF) 2 Page - ISOCOM COMPONENTS

Part # IS6005
Description  OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

IS6005 Datasheet(HTML) 2 Page - ISOCOM COMPONENTS

  IS6005 Datasheet HTML 1Page - ISOCOM COMPONENTS IS6005 Datasheet HTML 2Page - ISOCOM COMPONENTS IS6005 Datasheet HTML 3Page - ISOCOM COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PARAMETER
MIN TYP MAX UNITS
TEST CONDITION
ELECTRICAL CHARACTERISTICS ( T
A = 25°C Unless otherwise noted )
Input
Forward Voltage (V
F)
1.2
1.5
V
I
F = 10mA
Reverse Current (I
R)
100
μAV
R = 6V
Output
Peak Off-state Current ( I
DRM )
100
nA
V
DRM = 400V (note 1 )
Peak Blocking Voltage ( V
DRM )
400
V
I
DRM = 100nA
On-state Voltage ( V
TM )
1.5
3.0
V
I
TM = 100mA ( peak )
Critical rate of rise of off-state
Voltage ( dv/dt ) ( note 1 )
10
V/
μs
Critical rate of rise of commutating
Voltage ( dv/dt ) ( note 1 )
0.1
0.2
V/
μs
I load = 15mA,
V
IN = 30V ( fig 1. )
Coupled
Input Current to Trigger ( I
FT )(note 2 )
IS6015
15
mA
V
D = 3V ( note 2 )
IS6010
10
mA
IS6005
5
mA
MOC3023
Holding Current , either direction ( I
H )
100
μA
Input to Output Isolation Voltage V
ISO
5300
V
RMS
See note 3
7500
V
PK
See note 3
Note 1. Test voltage must be applied within dv/dt rating.
Note 2. Guaranteed to trigger at an I
F value less than or equal to max. IFT , recommended IF lies
between Rated I
FT and absolute max. IFT .
Note 3. Measured with input leads shorted together and output leads shorted together.
R
IN
1
3
6
5
4
V
CC
+
-
2k
Ω
V
IN
~
STATIC
dv/dt
COMMUTATING
dv/dt
2
+5v
V
CC
0v
120
Ω
FIGURE 1
R
L
27/11/08
DB91045m-AAS/A5


Similar Part No. - IS6005

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IS6005 ETC-IS6005 Datasheet
54Kb / 3P
   OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
logo
Panasonic Semiconductor
IS6005X PANASONIC-IS6005X Datasheet
75Kb / 3P
   OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
More results

Similar Description - IS6005

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H11J1X ETC-H11J1X Datasheet
52Kb / 3P
   OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
logo
ISOCOM COMPONENTS
MOC3009X ISOCOM-MOC3009X Datasheet
54Kb / 3P
   OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
logo
List of Unclassifed Man...
IS6003 ETC-IS6003 Datasheet
54Kb / 3P
   OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
IS607 ETC-IS607 Datasheet
58Kb / 3P
   OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
logo
ISOCOM COMPONENTS
MOC3020X ISOCOM-MOC3020X Datasheet
67Kb / 3P
   OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
logo
Panasonic Semiconductor
IS6005X PANASONIC-IS6005X Datasheet
75Kb / 3P
   OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
logo
List of Unclassifed Man...
IS3021 ETC-IS3021 Datasheet
44Kb / 3P
   OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
MOC3031 ETC-MOC3031 Datasheet
37Kb / 3P
   OPTICALLY COUPLED BILATERAL SWITCH LIGHT ACTIVATED ZERO VOLTAGE CROSSING TRIAC
IS620 ETC-IS620 Datasheet
37Kb / 3P
   OPTICALLY COUPLED BILATERAL SWITCH LIGHT ACTIVATED ZERO VOLTAGE CROSSING TRIAC
IS420 ETC1-IS420 Datasheet
38Kb / 3P
   OPTICALLY COUPLED BILATERAL SWITCH LIGHT ACTIVATED ZERO VOLTAGE CROSSING TRIAC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com