Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VC060303A100DP Datasheet(PDF) 4 Page - AVX Corporation

Part # VC060303A100DP
Description  AVX Multilayer Ceramic Transient Voltage Suppressors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VC060303A100DP Datasheet(HTML) 4 Page - AVX Corporation

  VC060303A100DP Datasheet HTML 1Page - AVX Corporation VC060303A100DP Datasheet HTML 2Page - AVX Corporation VC060303A100DP Datasheet HTML 3Page - AVX Corporation VC060303A100DP Datasheet HTML 4Page - AVX Corporation VC060303A100DP Datasheet HTML 5Page - AVX Corporation VC060303A100DP Datasheet HTML 6Page - AVX Corporation VC060303A100DP Datasheet HTML 7Page - AVX Corporation VC060303A100DP Datasheet HTML 8Page - AVX Corporation VC060303A100DP Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Termination/Lead Finish Code
Packaging Code
V
W (DC)
DC Working Voltage (V)
V
W (AC)
AC Working Voltage (V)
V
B
Typical Breakdown Voltage (V @ 1mA
DC )
V
B Tol
V
B Tolerance is ± from Typical Value
V
C
Clamping Voltage (V @ I
VC )
I
VC
Test Current for V
C (A, 8x20µS)
I
L
Maximum Leakage Current at the Working Voltage (µA)
E
T
Transient Energy Rating (J, 10x1000µS)
I
P
Peak Current Rating (A, 8x20µS)
Cap
Typical Capacitance (pF) @ frequency specified
and 0.5 VRMS
Freq
Frequency at which capacitance is measured
(K = 1kHz, M = 1MHz)
4
TransGuard
®
AVX Multilayer Ceramic Transient Voltage Suppressors
ELECTRICAL CHARACTERISTICS
AVXWorking Working Breakdown Clamping
Test
Maximum Transient
Peak
Typical Frequency
Case
Part Number
Voltage
Voltage
Voltage
Voltage
Current
Leakage
Energy
Current
Cap
Size
(DC)
(AC)
For V
C
Current
Rating
Rating
VA100018D400 _ _
18.0
13.0
25.5±10%
42
1
10
0.4
150
900
K
1000
VC060326A580 _ _
26.0
18.0
34.5±10%
60
1
10
0.1
30
155
K
0603
VC080526A580 _ _
26.0
18.0
34.5±10%
60
1
10
0.1
30
120
K
0805
VC080526C580 _ _
26.0
18.0
34.5±10%
60
1
10
0.3
100
250
K
0805
VC120626D580 _ _
26.0
18.0
34.5±10%
60
1
10
0.4
120
500
K
1206
VC120626F540 _ _
26.0
20.0
33.0±10%
54
1
15
0.7
200
600
K
1206
VC121026H560 _ _
26.0
18.0
34.5±10%
60
5
10
1.2
300
2150
K
1210
VJ13MC0260KBA
26.0
18.0
33.0±10%
62
10
25
1.2
300
1120
K
1210
VC181226P540 _ _
26.0
20.0
33.0±10%
54
5
15
3.0
800
3000
K
1812
VA100026D580 _ _
26.0
18.0
34.5±10%
60
1
10
0.4
120
650
K
1000
VC060330A650 _ _
30.0
21.0
41.0±10%
67
1
10
0.1
30
125
K
0603
VC080530A650 _ _
30.0
21.0
41.0±10%
67
1
10
0.1
30
90
M
0805
VC120630D650 _ _
30.0
21.0
41.0±10%
67
1
10
0.4
120
400
K
1206
VC121030G620 _ _
30.0
21.0
41.0±10%
67
5
10
0.9
220
1750
K
1210
VC121030H620 _ _
30.0
21.0
41.0±10%
67
5
10
1.2
280
1850
K
1210
VJ13MC0300KBA
30.0
21.0
39.0±10%
73
10
25
0.9
220
1020
K
1210
VJ13PC0300KBA
30.0
21.0
39.0±10%
73
10
25
1.2
280
1150
K
1210
VA100030D650 _ _
30.0
21.0
41.0±10%
67
1
10
0.4
120
550
K
1000
VC120631M650 _ _
31.0
25.0
39.0±10%
65
1
15
1.0
200
500
K
1206
VC120638N770 _ _
38.0
30.0
47.0±10%
77
1
15
1.1
200
350
K
1206
VC121038S770 _ _
38.0
30.0
47.0±10%
77
2.5
15
2.0
300
750
K
1210
VC181238U770 _ _
38.0
30.0
47.0±10%
77
5
15
4.2
800
1700
K
1812
VC120645K900 _ _
45.0
35.0
56.0±10%
90
1
15
0.6
200
260
K
1206
VC181245U900 _ _
45.0
35.0
56.0±10%
90
5
15
4.0
500
1200
K
1812
VC120648D101 _ _
48.0
34.0
62.0±10%
100
1
10
0.4
100
225
K
1206
VC121048G101 _ _
48.0
34.0
62.0±10%
100
5
10
0.9
220
450
K
1210
VC121048H101 _ _
48.0
34.0
62.0±10%
100
5
10
1.2
250
500
K
1210
VJ13MC0480KBA
48.0
34.0
60.5±10%
110
10
25
0.9
220
800
K
1210
VJ13PC0480KBA
48.0
34.0
60.5±10%
110
10
25
1.2
250
840
K
1210
VA100048D101 _ _
48.0
34.0
62.0±10%
100
1
10
0.4
100
200
K
1000
VC120656F111 _ _
56.0
40.0
68.0±10%
110
1
15
0.7
100
180
K
1206
VC181256U111 _ _
56.0
40.0
68.0±10%
110
5
15
4.8
500
800
K
1812
VC121060J121 _ _
60.0
42.0
76.0±10%
120
5
10
1.5
250
400
K
1210
VJ13MC0600KBA
60.0
42.0
75.0±10%
126
10
25
1.5
250
600
K
1210
VA200060K121 _ _
60.0
42.0
76.0±10%
120
1
10
2.0
300
400
K
2000
VC120665L131 _ _
65.0
50.0
82.0±10%
135
1
15
0.8
100
120
K
1206


Similar Part No. - VC060303A100DP

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VC060303A100 AVX-VC060303A100 Datasheet
484Kb / 10P
   TransGuard짰 AVX Multilayer Ceramic Transient Voltage Suppressors
VC060303A100 AVX-VC060303A100 Datasheet
206Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC060303A100 AVX-VC060303A100 Datasheet
496Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC060303A100 AVX-VC060303A100 Datasheet
501Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC060303A100 AVX-VC060303A100 Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
More results

Similar Description - VC060303A100DP

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VC120630D650RP AVX-VC120630D650RP Datasheet
501Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC040205X150WP AVX-VC040205X150WP Datasheet
496Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC080505C150RP AVX-VC080505C150RP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120630D650DP AVX-VC120630D650DP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120631M650RP AVX-VC120631M650RP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120605D150RP AVX-VC120605D150RP Datasheet
418Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120605D150DP AVX-VC120605D150DP Datasheet
518Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VCH4AG100R8MATWA AVX-VCH4AG100R8MATWA Datasheet
235Kb / 2P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120614D300DP AVX-VC120614D300DP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC080530A650DP AVX-VC080530A650DP Datasheet
206Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com