Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7811YR Datasheet(PDF) 5 Page - Analog Devices

Part # AD7811YR
Description  2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7811YR Datasheet(HTML) 5 Page - Analog Devices

  AD7811YR Datasheet HTML 1Page - Analog Devices AD7811YR Datasheet HTML 2Page - Analog Devices AD7811YR Datasheet HTML 3Page - Analog Devices AD7811YR Datasheet HTML 4Page - Analog Devices AD7811YR Datasheet HTML 5Page - Analog Devices AD7811YR Datasheet HTML 6Page - Analog Devices AD7811YR Datasheet HTML 7Page - Analog Devices AD7811YR Datasheet HTML 8Page - Analog Devices AD7811YR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
AD7811/AD7812
–5–
REV. B
PIN FUNCTION DESCRIPTIONS
Pin(s)
Pin(s)
AD7811
AD7812
Mnemonic
Description
11
VREF
An external reference input can be applied here. When using an external precision
reference or VDD the EXTREF bit in the control register must be set to logic one. The
external reference input range is 1.2 V to VDD.
22
CREF
Reference Capacitor. A capacitor (10 nF) is connected here to improve the noise
performance of the on-chip reference.
3, 5–7
3, 5–11
VIN1–VIN4(8)
Analog Inputs. The analog input range is 0 V to VREF.
4
4
AGND
Analog Ground. Ground reference for track/hold, comparator, on-chip reference and
DAC.
8
12
A0
Package Address Pin. This Logic Input can be hardwired high or low. When used in
conjunction with the package address bit in the control register this input allows two
devices to share the same serial bus. For example a twelve channel solution can be
achieved by using the AD7811 and the AD7812 on the same serial bus.
9
13
DGND
Digital Ground. Ground reference for digital circuitry.
10
14
TFS
Transmit Frame Sync. The falling edge of this Logic Input tells the part that a new
control byte should be shifted in on the next 10 falling edges of SCLK.
11
15
RFS
Receive Frame Sync. The rising edge of this Logic Input is used to enable a counter in
the serial interface. It is used to provide compatibility with DSPs which use a continuous
serial clock and framing signal. In multipackage applications the RFS Pin can also be
used as a serial bus select pin. The serial interface will ignore the SCLK until it receives a
rising edge on this input. The counter is reset at the end of a serial read operation.
12
16
DOUT
Serial Data Output. Serial data is shifted out on this pin on the rising edge of the serial
clock. The output enters a High impedance condition on the rising edge of the 11th
SCLK pulse.
13
17
DIN
Serial Data Input. The control byte is read in at this input. In order to complete a
serial write operation 13 SCLK pulses need to be provided. Only the first 10 bits are
shifted in—see Serial Interface section.
14
18
SCLK
Serial Clock Input. An external serial clock is applied to this input to obtain serial data
from the AD7811/AD7812 and also to latch data into the AD7811/AD7812. Data is
clocked out on the rising edge of SCLK and latched in on the falling edge of SCLK.
15
19
CONVST
Convert Start. This is an edge triggered logic input. The Track/Hold goes into its Hold
Mode on the falling edge of this signal and a conversion is initiated. The state of this
pin at the end of conversion also determines whether the part is powered down or not.
See operating modes section of this data sheet.
16
20
VDD
Positive Supply Voltage 2.7 V to 5.5 V.
PIN CONFIGURATIONS
DIP/SOIC/TSSOP
14
13
12
11
16
15
10
9
8
1
2
3
4
7
6
5
TOP VIEW
(Not to Scale)
AD7811
VREF
DIN
SCLK
CONVST
VDD
CREF
VIN1
AGND
TFS
RFS
DOUT
VIN2
VIN3
VIN4
A0
DGND
14
13
12
11
17
16
15
20
19
18
10
9
8
1
2
3
4
7
6
5
TOP VIEW
(Not to Scale)
AD7812
VREF
DIN
SCLK
VDD
CREF
VIN1
AGND
TFS
RFS
DOUT
VIN2
VIN3
VIN4
VIN5
VIN6
VIN7
VIN8
A0
DGND
CONVST


Similar Part No. - AD7811YR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7811YR AD-AD7811YR Datasheet
200Kb / 19P
   2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
REV. B
AD7811YR AD-AD7811YR Datasheet
198Kb / 19P
   2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
REV. B
AD7811YR AD-AD7811YR Datasheet
211Kb / 19P
   2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
REV. B
AD7811YR AD-AD7811YR Datasheet
211Kb / 19P
   2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
REV. B
AD7811YRU AD-AD7811YRU Datasheet
200Kb / 19P
   2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
REV. B
More results

Similar Description - AD7811YR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7811YRUZ AD-AD7811YRUZ Datasheet
211Kb / 19P
   2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
REV. B
AD7811 AD-AD7811 Datasheet
200Kb / 19P
   2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
REV. B
AD7812YRUZ AD-AD7812YRUZ Datasheet
211Kb / 19P
   2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
REV. B
AD7811 AD-AD7811_15 Datasheet
333Kb / 24P
   2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
REV. C
AD7812 AD-AD7812_15 Datasheet
333Kb / 24P
   2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
REV. C
AD7811YRUZ AD-AD7811YRUZ Datasheet
198Kb / 19P
   2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
REV. B
AD7813 AD-AD7813_15 Datasheet
194Kb / 11P
   2.7 V to 5.5 V, 400 kSPS 8-/10-Bit Sampling ADC
REV. C
AD7813YNZ AD-AD7813YNZ Datasheet
174Kb / 11P
   2.7 V to 5.5 V, 400 kSPS 8-/10-Bit Sampling ADC
REV. C
AD7813 AD-AD7813_17 Datasheet
219Kb / 12P
   2.7 V to 5.5 V, 400 kSPS 8-/10-Bit Sampling ADC
AD7813 AD-AD7813 Datasheet
185Kb / 11P
   2.7 V to 5.5 V, 400 kSPS 8-/10-Bit Sampling ADC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com