Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7865BS-1 Datasheet(PDF) 2 Page - Analog Devices

Part # AD7865BS-1
Description  Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7865BS-1 Datasheet(HTML) 2 Page - Analog Devices

  AD7865BS-1 Datasheet HTML 1Page - Analog Devices AD7865BS-1 Datasheet HTML 2Page - Analog Devices AD7865BS-1 Datasheet HTML 3Page - Analog Devices AD7865BS-1 Datasheet HTML 4Page - Analog Devices AD7865BS-1 Datasheet HTML 5Page - Analog Devices AD7865BS-1 Datasheet HTML 6Page - Analog Devices AD7865BS-1 Datasheet HTML 7Page - Analog Devices AD7865BS-1 Datasheet HTML 8Page - Analog Devices AD7865BS-1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
REV. B
–2–
AD7865–SPECIFICATIONS
(VDD = 5 V
5%, AGND = DGND = 0 V, VREF = Internal. Clock = Internal; all specifi-
cations TMIN to TMAX unless otherwise noted.)
Parameter
A, Y Versions
1
B Version
Unit
Test Conditions/Comments
SAMPLE AND HOLD
–3 dB Full Power Bandwidth
3
3
MHz typ
Aperture Delay
20
20
ns max
Aperture Jitter
50
50
ps typ
Aperture Delay Matching
4
4
ns max
DYNAMIC PERFORMANCE
2
fIN = 100 kHz, fS = 350 kSPS
Signal to (Noise + Distortion) Ratio
3
@ 25
°C
AD7865-1, AD7865-3
78
78
dB min
Typically 80 dB
AD7865-2
77
77
dB min
Typically 78 dB
TMIN to TMAX
AD7865-1, AD7865-3
77
77
dB min
AD7865-2
76
76
dB min
Total Harmonic Distortion
3, 4
–86
–86
dB max
Peak Harmonic or Spurious Noise
3, 4
–86
–86
dB max
Intermodulation Distortion
3
fa = 49 kHz, fb = 50 kHz
2nd Order Terms
–95
–95
dB typ
3rd Order Terms
–95
–95
dB typ
Channel-to-Channel Isolation
3, 5
–88
–88
dB max
fIN = 50 kHz Sine Wave
DC ACCURACY
Any Channel
Resolution
14
14
Bits
Relative Accuracy (INL)
3
±2
±1.5
LSB max
Typically 0.6 LSBs
Differential Nonlinearity (DNL)
3
±1
±1
LSB max
No Missing Codes Guaranteed
AD7865-1
Positive Gain Error
3
±10
±8
LSB max
Typically
±2 LSBs
Positive Gain Error Match
3
8
8
LSB max
Typically 2 LSBs
Negative Gain Error
3
±10
±8
LSB max
Typically
±2 LSBs
Negative Gain Error Match
3
8
8
LSB max
Typically 2 LSBs
Bipolar Zero Error
±12
±10
LSB max
Typically
±2 LSBs
Bipolar Zero Error Match
6
6
LSB max
Typically 1.5 LSBs
AD7865-2
Positive Gain Error
3
±16
±16
LSB max
Typically
±2 LSBs
Positive Gain Error Match
3
8
8
LSB max
Typically 2 LSBs
Unipolar Offset Error
3
±10
±10
LSB max
Typically
±2 LSBs
Unipolar Offset Error Match
3
10
10
LSB max
Typically 2 LSBs
AD7865-3
Positive Gain Error
3
±16
±14
LSB max
Typically
±6 LSBs
Positive Gain Error Match
3
8
8
LSB max
Typically 2 LSBs
Negative Gain Error
3
±16
±14
LSB max
Typically
±6 LSBs
Negative Gain Error Match
3
8
8
LSB max
Typically 2 LSBs
Bipolar Zero Error
±14
±12
LSB max
Typically
±5 LSBs
Bipolar Zero Error Match
8
6
LSB max
Typically 2 LSBs
ANALOG INPUTS
AD7865-1
Input Voltage Range
±5, ±10
±5, ±10
Volts
Input Current
1, 1
1, 1
mA max
VIN = –5 V and –10 V Respectively,
Typically 0.7 mA
AD7865-2
Input Voltage Range
0 V to 2.5 V,
0 V to 2.5 V,
0 V to 5 V
0 V to 5 V
Volts
Input Current
10
10
µA max
VIN = 2.5 V, 0 V to 2.5 V Range, Typ 1
µA
1
1
mA max
VIN = 5 V, 0 V to 5 V Range, Typ 0.7 mA
AD7865-3
Input Voltage Range
±2.5
±2.5
Volts
Input Current
1
1
mA max
VIN = –2.5 V, Typically 0.7 mA


Similar Part No. - AD7865BS-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7865BS-1 AD-AD7865BS-1 Datasheet
195Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. A
AD7865BS-1 AD-AD7865BS-1 Datasheet
211Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
AD7865BS-1 AD-AD7865BS-1 Datasheet
197Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
AD7865BS-1 AD-AD7865BS-1 Datasheet
197Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
AD7865BS-1 AD-AD7865BS-1 Datasheet
211Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
More results

Similar Description - AD7865BS-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7865ASZ-1 AD-AD7865ASZ-1 Datasheet
211Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
AD7865ASZ-2 AD-AD7865ASZ-2 Datasheet
211Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
AD7865ASZ-3 AD-AD7865ASZ-3 Datasheet
197Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
AD7865ASZ AD-AD7865ASZ Datasheet
197Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
AD7865BSZ-1 AD-AD7865BSZ-1 Datasheet
211Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
AD7865ASZ-3 AD-AD7865ASZ-3 Datasheet
211Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
AD7865 AD-AD7865_17 Datasheet
242Kb / 20P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
AD7865 AD-AD7865 Datasheet
195Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. A
logo
Linear Technology
LTC1408 LINER-LTC1408 Datasheet
496Kb / 20P
   Channel, 14-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
LTC2351-14 LINER-LTC2351-14 Datasheet
289Kb / 20P
   Channel, 14-Bit, 1.5Msps Simultaneous Sampling ADC with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com