Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8804 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8804
Description  12 Channel, 8-Bit TrimDACs with Power Shutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8804 Datasheet(HTML) 2 Page - Analog Devices

  AD8804 Datasheet HTML 1Page - Analog Devices AD8804 Datasheet HTML 2Page - Analog Devices AD8804 Datasheet HTML 3Page - Analog Devices AD8804 Datasheet HTML 4Page - Analog Devices AD8804 Datasheet HTML 5Page - Analog Devices AD8804 Datasheet HTML 6Page - Analog Devices AD8804 Datasheet HTML 7Page - Analog Devices AD8804 Datasheet HTML 8Page - Analog Devices AD8804 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Parameter
Symbol
Conditions
Min
Typ
1
Max
Units
STATIC ACCURACY
Specifications apply to all DACs
Resolution
N
8
Bits
Differential Nonlinearity Error
DNL
Guaranteed Monotonic
–1
±1/4
+1
LSB
Integral Nonlinearity Error
INL
–1.5
±1/2
+1.5
LSB
Full-Scale Error
GFSE
–1
1/2
+1
LSB
Zero Code Error
VZSE
–1
1/4
+1
LSB
DAC Output Resistance
ROUT
35
8
k
Output Resistance Match
∆R/R
O
1.5
%
REFERENCE INPUT
Voltage Range
2
VREFH
0VDD
V
VREFL
Pin Available on AD8804 Only
0
VDD
V
REFH Input Resistance
RREFH
Digital Inputs = 55H, VREFH = VDD
1.2
k
REFL Input Resistance
3
RREFL
Digital Inputs = 55H, VREFL = VDD
1.2
k
Reference Input Capacitance
3
CREF0
Digital Inputs all Zeros
32
pF
CREF1
Digital Inputs all Ones
32
pF
DIGITAL INPUTS
Logic High
VIH
VDD = +5 V
2.4
V
Logic Low
VIL
VDD = +5 V
0.8
V
Logic High
VIH
VDD = +3 V
2.1
V
Logic Low
VIL
VDD = +3 V
0.6
V
Input Current
IIL
VIN = 0 V or + 5 V
±1
µA
Input Capacitance
3
CIL
5pF
POWER SUPPLIES
4
Power Supply Range
VDD Range
2.7
5.5
V
Supply Current (CMOS)
IDD
VIH = VDD or VIL = 0 V
0.01
10
µA
Supply Current (TTL)
IDD
VIH = 2.4 V or VIL = 0.8 V, VDD = +5.5 V
1
4
mA
Shutdown Current
IREFH
SHDN
= 0
0.2
10
µA
Power Dissipation
PDISS
VIH = VDD or VIL = 0 V, VDD = +5.5 V
55
µW
Power Supply Sensitivity
PSRR
VDD = +5 V ± 10%
0.001
0.002
%/%
DYNAMIC PERFORMANCE
3
VOUT Settling Time
tS
±1/2 LSB Error Band
0.6
µs
Crosstalk
CT
Between Adjacent Outputs
5
50
dB
SWITCHING CHARACTERISTICS
3, 6
Input Clock Pulse Width
tCH, tCL
Clock Level High or Low
15
ns
Data Setup Time
tDS
5ns
Data Hold Time
tDH
5ns
CS
Setup Time
tCSS
10
ns
CS
High Pulse Width
tCSW
10
ns
Reset Pulse Width
tRS
90
ns
CLK Rise to CS Rise Hold Time
tCSH
20
ns
CS
Rise to Clock Rise Setup
tCS1
10
ns
NOTES
1Typicals represent average readings at +25
°C.
2V
REFH can be any value between GND and V DD, for the AD8804 VREFL can be any value between GND and VDD.
3Guaranteed by design and not subject to production test.
4Digital Input voltages V
IN = 0 V or VDD for CMOS condition. DAC outputs unloaded. P DISS is calculated from (IDD × VDD).
5Measured at a V
OUT pin where an adjacent VOUT pin is making a full-scale voltage change (f = 100 kHz).
6See timing diagram for location of measured values. All input control voltages are specified with t
R = tF = 2 ns (10% to 90% of VDD) and timed from a voltage level of
1.6 V.
Specifications subject to change without notice.
AD8802/AD8804–SPECIFICATIONS
REV. 0
–2–
(VDD = +3 V
10% or +5 V
10%, VREFH = +VDD, VREFL = 0 V, –40 C
≤T
A
≤ +85 C unless otherwise noted)


Similar Part No. - AD8804

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8804 AD-AD8804 Datasheet
432Kb / 16P
   12 Channel, 8-Bit TrimDACs with Power Shutdown
REV. 0
AD8804AN AD-AD8804AN Datasheet
432Kb / 16P
   12 Channel, 8-Bit TrimDACs with Power Shutdown
REV. 0
AD8804AN AD-AD8804AN Datasheet
434Kb / 16P
   12 Channel, 8-Bit TrimDACs with Power Shutdown
REV. 0
AD8804AN AD-AD8804AN Datasheet
434Kb / 16P
   12 Channel, 8-Bit TrimDACs with Power Shutdown
REV. 0
AD8804ANZ AD-AD8804ANZ Datasheet
434Kb / 16P
   12 Channel, 8-Bit TrimDACs with Power Shutdown
REV. 0
More results

Similar Description - AD8804

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8804 AD-AD8804_15 Datasheet
434Kb / 16P
   12 Channel, 8-Bit TrimDACs with Power Shutdown
REV. 0
AD8802 AD-AD8802_15 Datasheet
434Kb / 16P
   12 Channel, 8-Bit TrimDACs with Power Shutdown
REV. 0
AD8802ARZ AD-AD8802ARZ Datasheet
434Kb / 16P
   12 Channel, 8-Bit TrimDACs with Power Shutdown
REV. 0
AD8804ANZ AD-AD8804ANZ Datasheet
434Kb / 16P
   12 Channel, 8-Bit TrimDACs with Power Shutdown
REV. 0
AD8802 AD-AD8802 Datasheet
432Kb / 16P
   12 Channel, 8-Bit TrimDACs with Power Shutdown
REV. 0
logo
Linear Technology
LTC1400 LINER-LTC1400 Datasheet
515Kb / 20P
   Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
LTC1404 LINER-LTC1404 Datasheet
455Kb / 24P
   Complete SO-8, 12-Bit, 600ksps ADC with Shutdown
LTC1400 LINER-LTC1400_15 Datasheet
371Kb / 20P
   Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
LTC1404 LINER-LTC1404_15 Datasheet
339Kb / 24P
   Complete SO-8, 12-Bit, 600ksps ADC with Shutdown
LTC1400 LINER-LTC1400_1 Datasheet
2Mb / 20P
   Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com