Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9516-5 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9516-5
Description  14-Output Clock Generator
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9516-5 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9516-5 Datasheet HTML 5Page - Analog Devices AD9516-5 Datasheet HTML 6Page - Analog Devices AD9516-5 Datasheet HTML 7Page - Analog Devices AD9516-5 Datasheet HTML 8Page - Analog Devices AD9516-5 Datasheet HTML 9Page - Analog Devices AD9516-5 Datasheet HTML 10Page - Analog Devices AD9516-5 Datasheet HTML 11Page - Analog Devices AD9516-5 Datasheet HTML 12Page - Analog Devices AD9516-5 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 76 page
background image
AD9516-5
Rev. A | Page 9 of 76
CLOCK OUTPUT ADDITIVE TIME JITTER (VCO DIVIDER USED)
Table 8.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVPECL OUTPUT ADDITIVE TIME JITTER
Distribution section only; does not include PLL;
uses rising edge of clock signal
CLK = 2.4 GHz; VCO Div = 2; LVPECL = 100 MHz;
Divider = 12; Duty-Cycle Correction = Off
210
fs rms
Calculated from SNR of ADC method
LVDS OUTPUT ADDITIVE TIME JITTER
Distribution section only; does not include PLL;
uses rising edge of clock signal
CLK = 2.4 GHz; VCO Div = 2; LVDS = 100 MHz;
Divider = 12; Duty-Cycle Correction = Off
285
fs rms
Calculated from SNR of ADC method
CMOS OUTPUT ADDITIVE TIME JITTER
Distribution section only; does not include PLL;
uses rising edge of clock signal
CLK = 2.4 GHz; VCO Div = 2; CMOS = 100 MHz;
Divider = 12; Duty-Cycle Correction = Off
350
fs rms
Calculated from SNR of ADC method
DELAY BLOCK ADDITIVE TIME JITTER
Table 9.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DELAY BLOCK ADDITIVE TIME JITTER1
Incremental additive jitter
100 MHz Output
Delay (1600 μA, 0x1C) Fine Adjust 000000b
0.54
ps rms
Delay (1600 μA, 0x1C) Fine Adjust 101111b
0.60
ps rms
Delay (800 μA, 0x1C) Fine Adjust 000000b
0.65
ps rms
Delay (800 μA, 0x1C) Fine Adjust 101111b
0.85
ps rms
Delay (800 μA, 0x4C) Fine Adjust 000000b
0.79
ps rms
Delay (800 μA, 0x4C) Fine Adjust 101111b
1.2
ps rms
Delay (400 μA, 0x4C) Fine Adjust 000000b
1.2
ps rms
Delay (400 μA, 0x4C) Fine Adjust 101111b
2.0
ps rms
Delay (200 μA, 0x1C) Fine Adjust 000000b
1.3
ps rms
Delay (200 μA, 0x1C) Fine Adjust 101111b
2.5
ps rms
Delay (200 μA, 0x4C) Fine Adjust 000000b
1.9
ps rms
Delay (200 μA, 0x4C) Fine Adjust 101111b
3.8
ps rms
1 This value is incremental; that is, it is in addition to the jitter of the LVDS or CMOS output without the delay. To estimate the total jitter, the LVDS or CMOS output jitter
should be added to this value using the root sum of the squares (RSS) method.


Similar Part No. - AD9516-5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9516-5 AD-AD9516-5 Datasheet
1Mb / 76P
   14-Output Clock Generator
REV. A
AD9516-5BCPZ AD-AD9516-5BCPZ Datasheet
1Mb / 76P
   14-Output Clock Generator
REV. A
AD9516-5BCPZ-REEL7 AD-AD9516-5BCPZ-REEL7 Datasheet
1Mb / 76P
   14-Output Clock Generator
REV. A
AD9516-5PCBZ AD-AD9516-5PCBZ Datasheet
1Mb / 76P
   14-Output Clock Generator
REV. A
More results

Similar Description - AD9516-5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9516-5BCPZ AD-AD9516-5BCPZ Datasheet
1Mb / 76P
   14-Output Clock Generator
REV. A
AD9516-4 AD-AD9516-4 Datasheet
1Mb / 84P
   14-Output Clock Generator with Integrated 1.6 GHz VCO
REV. 0
AD9516-3 AD-AD9516-3 Datasheet
957Kb / 84P
   14-Output Clock Generator with Integrated 2.0 GHz VCO
REV. 0
AD9516-2 AD-AD9516-2 Datasheet
946Kb / 84P
   14-Output Clock Generator with Integrated 2.2 GHz VCO
REV. 0
AD9516-2 AD-AD9516-2_15 Datasheet
1Mb / 80P
   14-Output Clock Generator with Integrated 2.2 GHz VCO
REV. C
AD9516-3 AD-AD9516-3_15 Datasheet
1Mb / 80P
   14-Output Clock Generator with Integrated 2.0 GHz VCO
REV. C
AD9516-4 AD-AD9516-4_15 Datasheet
1Mb / 80P
   14-Output Clock Generator with Integrated 1.6 GHz VCO
REV. C
AD9516-1 AD-AD9516-1 Datasheet
1Mb / 84P
   14-Output Clock Generator with Integrated 2.5 GHz VCO
REV. 0
AD9518-3 AD-AD9518-3 Datasheet
1,002Kb / 64P
   6-Output Clock Generator with 6-Output Clock Generator with
REV. B
AD9516-0 AD-AD9516-0_07 Datasheet
1Mb / 84P
   14-Output Clock Generator with Integrated 2.8 GHz VCO
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com