Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TBU-CA065-100-WH Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # TBU-CA065-100-WH
Description  Bidirectional Dual TBU짰 Protectors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TBU-CA065-100-WH Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  TBU-CA065-100-WH Datasheet HTML 1Page - Bourns Electronic Solutions TBU-CA065-100-WH Datasheet HTML 2Page - Bourns Electronic Solutions TBU-CA065-100-WH Datasheet HTML 3Page - Bourns Electronic Solutions TBU-CA065-100-WH Datasheet HTML 4Page - Bourns Electronic Solutions TBU-CA065-100-WH Datasheet HTML 5Page - Bourns Electronic Solutions TBU-CA065-100-WH Datasheet HTML 6Page - Bourns Electronic Solutions TBU-CA065-100-WH Datasheet HTML 7Page - Bourns Electronic Solutions TBU-CA065-100-WH Datasheet HTML 8Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Bourns® TBU® Product Examples
RS232 Interface
RS422 Interface
Intelligent Transport System
Microwave Link
RS485 Interface
CANBUS
Intrinsically Safe Sensor
Video Surveillance
TBU-CA065-200-WH
SMBJ26CA
RS232
2031-23T-SM
TBU-CA065-300-WH
CDSOT23-SM712
RS485
MOV-10D201K
MOV-10D201K
TBU-CA065-100-WH
SMBJ12CA
RS422
MOV-10D201K
TBU-CA065-100-WH
SMBJ12CA
CANBUS
2031-23T-SM
Diode voltage dependent on CANbus driver resistibility. Typically 6 - 20 V, check specification.
Composite
Video
TBU-CA065-100-WH
75 Ω Coax
75 Ω
2031-23T-SM
TBU-CA065-100-WH
500 Ω
SMAJ26A
Equipment
Line
HV LP
Filter
2031-15T-SM
TBU-CA025-300-WH
Protection for higher power split mounted IF feed equipment
TBU-CA065-100-WH
2031-23T-SM
CDSOD323-T05LC
SDI


Similar Part No. - TBU-CA065-100-WH

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TBU-CA065-100-WH BOURNS-TBU-CA065-100-WH Datasheet
494Kb / 6P
   TBU-CA Series - TBU짰 High-Speed Protectors
TBU-CA065-100-WH BOURNS-TBU-CA065-100-WH Datasheet
492Kb / 6P
   TBU High Speed Protectors
TBU-CA065-100-WH BOURNS-TBU-CA065-100-WH Datasheet
486Kb / 6P
   TBU-CA Series - TBU짰 High-Speed Protectors
TBU-CA065-100-WH BOURNS-TBU-CA065-100-WH Datasheet
486Kb / 6P
   High-Speed Protectors
TBU-CA065-100-WH-Q BOURNS-TBU-CA065-100-WH-Q Datasheet
942Kb / 7P
   TBU® High-Speed Protectors
Mar 31, 2015
More results

Similar Description - TBU-CA065-100-WH

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TBU-PK050-100-WH_1107 BOURNS-TBU-PK050-100-WH_1107 Datasheet
806Kb / 7P
   TBU짰 High-Speed Protectors
TBU-CX025-VTC-WH BOURNS-TBU-CX025-VTC-WH_11 Datasheet
562Kb / 5P
   TBU짰 High-Speed Protectors
TBU-PL050-100-WH_1107 BOURNS-TBU-PL050-100-WH_1107 Datasheet
805Kb / 7P
   TBU짰 High-Speed Protectors
logo
Power Innovations Ltd
TISP3070H3SL POINN-TISP3070H3SL Datasheet
231Kb / 12P
   DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP3070H3 BOURNS-TISP3070H3 Datasheet
562Kb / 12P
   DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP3X00F3 BOURNS-TISP3X00F3 Datasheet
299Kb / 10P
   DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TBU-CA025-050-WH BOURNS-TBU-CA025-050-WH_11 Datasheet
494Kb / 6P
   TBU-CA Series - TBU짰 High-Speed Protectors
P40-G240-WH BOURNS-P40-G240-WH Datasheet
586Kb / 7P
   P40-G Series TBU짰 High-Speed Protectors
P500-G BOURNS-P500-G_10 Datasheet
811Kb / 7P
   TBU짰 P500-G and P850-G Protectors
TBU-CA085-500-WH BOURNS-TBU-CA085-500-WH Datasheet
486Kb / 6P
   TBU-CA Series - TBU짰 High-Speed Protectors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com