Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TBU-CA085-300-WH Datasheet(PDF) 5 Page - Bourns Electronic Solutions

Part # TBU-CA085-300-WH
Description  Bidirectional Dual TBU짰 Protectors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TBU-CA085-300-WH Datasheet(HTML) 5 Page - Bourns Electronic Solutions

  TBU-CA085-300-WH Datasheet HTML 1Page - Bourns Electronic Solutions TBU-CA085-300-WH Datasheet HTML 2Page - Bourns Electronic Solutions TBU-CA085-300-WH Datasheet HTML 3Page - Bourns Electronic Solutions TBU-CA085-300-WH Datasheet HTML 4Page - Bourns Electronic Solutions TBU-CA085-300-WH Datasheet HTML 5Page - Bourns Electronic Solutions TBU-CA085-300-WH Datasheet HTML 6Page - Bourns Electronic Solutions TBU-CA085-300-WH Datasheet HTML 7Page - Bourns Electronic Solutions TBU-CA085-300-WH Datasheet HTML 8Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Part
Number
Maximum Ratings
Operating Characteristics
Device Size
(mm)
Form Factor
Vimp
(V)
Vrms
(V)
Itrigger
Min.
(mA)
Itrigger
Max.
(mA)
tblock
(µs)
Rtyp
(Ω)
P40-G240-WH
40
28
240
480
0.2
3.6
4.00 x 4.00
TBU-PL050-100-WH
500
300
100
200
1
50
6.50 x 4.00
L501
C954
TBU-PL050-200-WH
500
300
200
400
1
50
TBU-PL060-100-WH
600
350
100
200
1
50
TBU-PL060-200-WH
600
350
200
400
1
50
TBU-PL075-100-WH
750
400
100
200
1
50
TBU-PL075-200-WH
750
400
200
400
1
50
TBU-PL085-100-WH
850
425
100
200
1
50
TBU-PL085-200-WH
850
425
200
400
1
50
TBU-PK050-100-WH
500
300
100
200
1
80
6.50 x 4.00
K501
C959
TBU-PK060-100-WH
600
425
100
200
1
80
TBU-PK085-100-WH
850
425
100
200
1
80
TBU-PL, TBU-PK & P40 Product Families
TBU® Lightning Surge Protection
TBU® Power Fault Protection
Bidirectional Dual TBU® Protectors
4 ms/div.
1 µs/div.
1
1
2
2
3
3
Ch1 V1
Ch2 V2
Ch3 Current
Ch1 V1
Ch2 V2
Ch3 Current
Vimp
Maximum peak impulse voltage withstand with duration less than 10 ms.
Vrms
Maximum continuous alternating current RMS voltage.
Itrigger
Minimum and maximum current required for the device to go from operating state to protected state.
tblock
Maximum time for the device to go from normal operating state to protected state.
Rtyp
Typical series resistance of the TBU® device.
Consult factory for alternate specification values. See data sheet for detailed specifications.


Similar Part No. - TBU-CA085-300-WH

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TBU-CA085-300-WH BOURNS-TBU-CA085-300-WH Datasheet
494Kb / 6P
   TBU-CA Series - TBU짰 High-Speed Protectors
TBU-CA085-300-WH BOURNS-TBU-CA085-300-WH Datasheet
492Kb / 6P
   TBU High Speed Protectors
TBU-CA085-300-WH BOURNS-TBU-CA085-300-WH Datasheet
486Kb / 6P
   TBU-CA Series - TBU짰 High-Speed Protectors
TBU-CA085-300-WH BOURNS-TBU-CA085-300-WH Datasheet
486Kb / 6P
   High-Speed Protectors
TBU-CA085-300-WH-Q BOURNS-TBU-CA085-300-WH-Q Datasheet
942Kb / 7P
   TBU® High-Speed Protectors
Mar 31, 2015
More results

Similar Description - TBU-CA085-300-WH

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TBU-PK050-100-WH_1107 BOURNS-TBU-PK050-100-WH_1107 Datasheet
806Kb / 7P
   TBU짰 High-Speed Protectors
TBU-CX025-VTC-WH BOURNS-TBU-CX025-VTC-WH_11 Datasheet
562Kb / 5P
   TBU짰 High-Speed Protectors
TBU-PL050-100-WH_1107 BOURNS-TBU-PL050-100-WH_1107 Datasheet
805Kb / 7P
   TBU짰 High-Speed Protectors
logo
Power Innovations Ltd
TISP3070H3SL POINN-TISP3070H3SL Datasheet
231Kb / 12P
   DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP3070H3 BOURNS-TISP3070H3 Datasheet
562Kb / 12P
   DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP3X00F3 BOURNS-TISP3X00F3 Datasheet
299Kb / 10P
   DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TBU-CA025-050-WH BOURNS-TBU-CA025-050-WH_11 Datasheet
494Kb / 6P
   TBU-CA Series - TBU짰 High-Speed Protectors
P40-G240-WH BOURNS-P40-G240-WH Datasheet
586Kb / 7P
   P40-G Series TBU짰 High-Speed Protectors
P500-G BOURNS-P500-G_10 Datasheet
811Kb / 7P
   TBU짰 P500-G and P850-G Protectors
TBU-CA085-500-WH BOURNS-TBU-CA085-500-WH Datasheet
486Kb / 6P
   TBU-CA Series - TBU짰 High-Speed Protectors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com