Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P850-U180-WH Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # P850-U180-WH
Description  MATERIAL DECLARATION SHEET
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

P850-U180-WH Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  P850-U180-WH Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Headquarters Riverside CA
www.bourns.com
page 1 of 1
CASRN: CAS Registry Number® is a Registered Trademark of the American Chemical Society
MATERIAL DECLARATION SHEET
No.
Construction
Element(subpart)
Homogeneous
Material
Material
weight
[mg]
Homogeneous
Material\
Substances
CASRN
if applicable
Materials
Mass %
Material
Mass % of
total unit wt.
Subpart
mass of total
wt. (%)
1
Semiconductor
Device
Silicon Chip
7.84
Doped silicon
7440-21-3
100
5.53
5.53
Copper
7440-50-8
95.645
41.61
Iron
7439-89-6
2.185
0.95
Tin
7440-31-5
0.034
0.01
Zinc
7440-66-6
0.135
0.06
2
Lead Frame
Copper alloy with
silver plating
61.68
Silver (plating)
7440-22-4
2.0
0.87
43.5
3
Bond wire
Gold wire
0.26
Gold
7440-57-5
100
0.18
0.18
Di-ester resin
proprietary
3
0.055
Functionalized ester
proprietary
7
0.13
Polymeric compound proprietary
3
0.055
4
Die Attach
Adhesive
2.56
Silver
7440-22-4
87
1.57
1.81
Silica fused
60676-86-0
90.5
41.27
Epoxy resin
proprietary
4.7
2.14
Phenolic resin
proprietary
4.7
2.14
5
Mold compound
(halogen-free)
Epoxy resin
64.66
Carbon black
1333-86-4
0.1
0.05
45.6
6
Matte tin plating
matte tin
4.79
Tin
7440-31-5
100
3.38
3.38
Total weight 141.79
This Document was updated on:
January 12, 2010
Important remarks:
1. It is the responsibility of the user to verify they are accessing the latest version.
Material Number
P850-U180-WH
Product Line
TBU
Compliance Date
January-2008
RoHS Compliant
Yes
MSL
3


Similar Part No. - P850-U180-WH

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
P850-U180-WH BOURNS-P850-U180-WH Datasheet
705Kb / 6P
   Extremely high speed performance
P850-U180-WH BOURNS-P850-U180-WH Datasheet
784Kb / 6P
   P650-U and P850-U Series TBU짰 High-Speed Protectors
More results

Similar Description - P850-U180-WH

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
P850-G120-WH BOURNS-P850-G120-WH Datasheet
123Kb / 1P
   MATERIAL DECLARATION SHEET
C650-260-WH BOURNS-C650-260-WH Datasheet
123Kb / 1P
   MATERIAL DECLARATION SHEET
P500-G200-WH BOURNS-P500-G200-WH Datasheet
123Kb / 1P
   MATERIAL DECLARATION SHEET
P850-G200-WH BOURNS-P850-G200-WH Datasheet
123Kb / 1P
   MATERIAL DECLARATION SHEET
P850-U260-WH BOURNS-P850-U260-WH Datasheet
123Kb / 1P
   MATERIAL DECLARATION SHEET
C850-180-WH BOURNS-C850-180-WH Datasheet
122Kb / 1P
   MATERIAL DECLARATION SHEET
C650-180-WH BOURNS-C650-180-WH Datasheet
123Kb / 1P
   MATERIAL DECLARATION SHEET
P650-U180-WH BOURNS-P650-U180-WH Datasheet
123Kb / 1P
   MATERIAL DECLARATION SHEET
CGA0402MLC BOURNS-CGA0402MLC Datasheet
232Kb / 1P
   MATERIAL DECLARATION SHEET
P500-G120-WH BOURNS-P500-G120-WH Datasheet
123Kb / 1P
   MATERIAL DECLARATION SHEET
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com