Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD74111YRUZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD74111YRUZ
Description  Low Cost, Low Power Mono Audio Codec
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD74111YRUZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD74111YRUZ Datasheet HTML 2Page - Analog Devices AD74111YRUZ Datasheet HTML 3Page - Analog Devices AD74111YRUZ Datasheet HTML 4Page - Analog Devices AD74111YRUZ Datasheet HTML 5Page - Analog Devices AD74111YRUZ Datasheet HTML 6Page - Analog Devices AD74111YRUZ Datasheet HTML 7Page - Analog Devices AD74111YRUZ Datasheet HTML 8Page - Analog Devices AD74111YRUZ Datasheet HTML 9Page - Analog Devices AD74111YRUZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
REV. 0
–6–
AD74111
PIN CONFIGURATION
VIN
CAPP
REFCAP
AGND
DGND
DVDD2
DVDD1
MCLK
VOUT
CAPN
AVDD
RESET
DOUT
DFS
DIN
DCLK
1
2
3
16
4
15
5
14
6
13
7
12
8
11
10
9
AD74111
TOP VIEW
(NOT TO SCALE)
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
I/O
Description
1
DCLK
I/O
Serial Clock
2DIN
I
Serial Data Input. The state of DIN on the rising edge of RESET determines the operating mode
of the interface. See the Selecting Master or Slave Mode section for more information.
3
DFS
I/O
Frame Synchronization Signal
4
DOUT
O
Serial Data Output
5
RESET
IPower-Down/Reset Input
6
AVDD
Analog 2.5 V Power Supply Connection
7
CAPN
ADC Filter Capacitor (Negative)
8
VOUT
O
DAC Analog Output
9VIN
I
ADC Analog Input
10
CAPP
ADC Filter Capacitor (Positive)
11
REFCAP
I/O
Internal Reference Decoupling Capacitor. Can also be used for connection of an external reference.
12
AGND
Analog Ground Connection
13
DGND
Digital Ground Connection
14
DVDD2
Digital 2.5 V Power Supply Connection (Core)
15
DVDD1
Digital Power Supply Connection (Interface)
16
MCLK
I
External Master Clock Input


Similar Part No. - AD74111YRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD74111YRUZ AD-AD74111YRUZ Datasheet
350Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111YRUZ-REEL AD-AD74111YRUZ-REEL Datasheet
214Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
More results

Similar Description - AD74111YRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD74111YRUZ AD-AD74111YRUZ Datasheet
350Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111_17 Datasheet
282Kb / 21P
   Low Cost, Low Power Mono Audio Codec
AD74111 AD-AD74111 Datasheet
344Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111YRUZ-REEL AD-AD74111YRUZ-REEL Datasheet
214Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111_15 Datasheet
350Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
logo
Suzhou Everest Semicond...
ES8311 EVEREST-ES8311 Datasheet
556Kb / 12P
   Low Power Mono Audio CODEC
ES8312 EVEREST-ES8312 Datasheet
570Kb / 12P
   Low Power Mono Audio CODEC
ES8374 EVEREST-ES8374 Datasheet
696Kb / 11P
   Low Power Mono Audio CODEC
logo
Shenzhen X-Powers Techn...
AC102 XPOWER-AC102 Datasheet
462Kb / 2P
   High Performance and Low Power Mono Audio CODEC
logo
Texas Instruments
TLV320AIC3109-Q1 TI1-TLV320AIC3109-Q1 Datasheet
909Kb / 111P
[Old version datasheet]   Automotive, Low-Power, 96-kHz, Mono Audio Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com