Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG608TRU Datasheet(PDF) 7 Page - Analog Devices

Part # ADG608TRU
Description  3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG608TRU Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG608TRU Datasheet HTML 3Page - Analog Devices ADG608TRU Datasheet HTML 4Page - Analog Devices ADG608TRU Datasheet HTML 5Page - Analog Devices ADG608TRU Datasheet HTML 6Page - Analog Devices ADG608TRU Datasheet HTML 7Page - Analog Devices ADG608TRU Datasheet HTML 8Page - Analog Devices ADG608TRU Datasheet HTML 9Page - Analog Devices ADG608TRU Datasheet HTML 10Page - Analog Devices ADG608TRU Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADG608/ADG609
REV. A
–7–
VS,VD – Volts
0.02
0.01
–0.01
05
1234
0.00
VDD = +5V
VSS = 0V
TA = +25
oC
ID(OFF)
ID(ON)
IS(OFF)
Figure 7. Leakage Currents as a Function of VD (VS)
FREQUENCY – Hz
104
103
10–1
10
10M
100
1k
10k
100k
1M
102
101
100
VDD = +5V
VSS = –5V
EN = 2.4V
EN = 0V
Figure 8. Positive Supply Current vs. Switching Frequency
SOURCE VOLTAGE – V
30
20
–10
–5
5
–4
–3
–2
–1
0
1
2
3
4
10
0
CL = 1nF
VDD = +5V
VSS = –5V
VDD = +5V
VSS = 0V
VDD = +3V
VSS = 0V
Figure 9. Charge Injection vs. Analog Voltage VS
VS, VD – Volts
0.02
0.01
–0.01
0
3.0
0.5
1.0
1.5
2.0
2.5
0.00
ID(OFF)
ID(ON)
IS(OFF)
VDD = +3V
VSS = 0V
TA = +25
oC
Figure 10. Leakage Currents as a Function of VD (VS)
FREQUENCY – Hz
104
103
10–1
10
10M
100
1k
10k
100k
1M
102
101
100
VDD = +5V
VSS = –5V
EN = 2.4V
EN = 0V
10–2
Figure 11. Negative Supply Current vs. Switching Frequency
FREQUENCY – Hz
120
110
50
100
1M
1k
10k
100k
90
80
70
60
100
VDD = +5V
VSS = –5V
Figure 12. Crosstalk and Off Isolation vs. Frequency


Similar Part No. - ADG608TRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG608TRU AD-ADG608TRU Datasheet
158Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608TRU AD-ADG608TRU Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608TRU AD-ADG608TRU Datasheet
109Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608TRU AD-ADG608TRU Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608TRU AD-ADG608TRU Datasheet
109Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
More results

Similar Description - ADG608TRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG608BRZ-REEL AD-ADG608BRZ-REEL Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608TRUZ AD-ADG608TRUZ Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608TRUZ AD-ADG608TRUZ Datasheet
109Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608BNZ AD-ADG608BNZ Datasheet
109Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609BRZ AD-ADG609BRZ Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608 AD-ADG608 Datasheet
158Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609 AD-ADG609_15 Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609BNZ AD-ADG609BNZ Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608BRUZ AD-ADG608BRUZ Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608BRZ AD-ADG608BRZ Datasheet
109Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com