Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TBU-CA025-050-WH Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # TBU-CA025-050-WH
Description  TBU-CA Series - TBU짰 High-Speed Protectors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TBU-CA025-050-WH Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  TBU-CA025-050-WH Datasheet HTML 1Page - Bourns Electronic Solutions TBU-CA025-050-WH Datasheet HTML 2Page - Bourns Electronic Solutions TBU-CA025-050-WH Datasheet HTML 3Page - Bourns Electronic Solutions TBU-CA025-050-WH Datasheet HTML 4Page - Bourns Electronic Solutions TBU-CA025-050-WH Datasheet HTML 5Page - Bourns Electronic Solutions TBU-CA025-050-WH Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
Superior circuit protection
Overcurrent and overvoltage protection
Blocks surges up to rated limits
High-speed performance
Small SMT package
Agency listing:
Applications
Voice / VDSL cards
Protection modules and dongles
Process control equipment
Test and measurement equipment
General electronics
TBU-CA Series - TBU® High-Speed Protectors
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
General Information
The TBU-CA Series of Bourns® TBU®
products are low capacitance single
bidirectional high-speed protection
components, constructed using MOSFET
semiconductor technology, and designed
to protect against faults caused by short
circuits, AC power cross, induction and lightning surges.
The TBU® high-speed protector placed in the system circuit will monitor the current with
the MOSFET detection circuit triggering to provide an effective barrier behind which
sensitive electronics will not be exposed to large voltages or currents during surge
events. The TBU® device is provided in a surface mount DFN package and meets
industry standard requirements such as RoHS and Pb Free solder reflow profiles.
Agency Listing
Description
UL
File Number: E315805
Absolute Maximum Ratings (@ TA = 25 °C Unless Otherwise Noted)
Symbol
Parameter
Part Number
Value
Unit
Vimp
Peak impulse voltage withstand with duration less than 10 ms
TBU-CA025-xxx-WH
TBU-CA040-xxx-WH
TBU-CA050-xxx-WH
TBU-CA065-xxx-WH
TBU-CA085-xxx-WH
250
400
500
650
850
V
Vrms
Continuous A.C. RMS voltage
TBU-CA025-xxx-WH
TBU-CA040-xxx-WH
TBU-CA050-xxx-WH
TBU-CA065-xxx-WH
TBU-CA085-xxx-WH
100
200
250
300
425
V
Top
Operating temperature range
-55 to +125
°C
Tstg
Storage temperature range
-65 to +150
°C
Tjmax
Maximum Junction Temperature
+125
°C
ESD
HBM ESD protection per IEC 61000-4-2
±2
kV
TBU® Device
Line In/
Line Out
Line Out/
Line In
A5050
E075
Asia-Pacific: Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
Europe: Tel: +41-41 768 5555 • Fax: +41-41 768 5510
The Americas: Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com


Similar Part No. - TBU-CA025-050-WH

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TBU-CA025-050-WH BOURNS-TBU-CA025-050-WH Datasheet
494Kb / 6P
   TBU-CA Series - TBU짰 High-Speed Protectors
TBU-CA025-050-WH BOURNS-TBU-CA025-050-WH Datasheet
494Kb / 6P
   TBU-CA Series - TBU짰 High-Speed Protectors
TBU-CA025-050-WH BOURNS-TBU-CA025-050-WH Datasheet
492Kb / 6P
   TBU High Speed Protectors
TBU-CA025-050-WH BOURNS-TBU-CA025-050-WH Datasheet
1Mb / 8P
   Bidirectional Dual TBU짰 Protectors
TBU-CA025-050-WH BOURNS-TBU-CA025-050-WH Datasheet
486Kb / 6P
   High-Speed Protectors
More results

Similar Description - TBU-CA025-050-WH

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TBU-CA025-050-WH BOURNS-TBU-CA025-050-WH_11 Datasheet
494Kb / 6P
   TBU-CA Series - TBU짰 High-Speed Protectors
TBU-DT065-500-WH BOURNS-TBU-DT065-500-WH_12 Datasheet
605Kb / 5P
   TBU-DT Series - TBU High-Speed Protectors
TBU-PK050-100-WH_1107 BOURNS-TBU-PK050-100-WH_1107 Datasheet
806Kb / 7P
   TBU짰 High-Speed Protectors
C650-180-WH BOURNS-C650-180-WH_15 Datasheet
667Kb / 6P
   TBU High-Speed Protectors
TBU-PL050-100-WH BOURNS-TBU-PL050-100-WH Datasheet
800Kb / 7P
   TBU High Speed Protectors
TBU-DB-Q BOURNS-TBU-DB-Q Datasheet
800Kb / 7P
   TBU High-Speed Protectors
TBU-DT065-500-WH BOURNS-TBU-DT065-500-WH Datasheet
590Kb / 5P
   TBU High Speed Protectors
TBU-DF BOURNS-TBU-DF Datasheet
783Kb / 7P
   TBU High-Speed Protectors
TBU-CX025-VTC-WH BOURNS-TBU-CX025-VTC-WH Datasheet
561Kb / 5P
   TBU High Speed Protectors
TBU-KE025-500-WH BOURNS-TBU-KE025-500-WH Datasheet
526Kb / 6P
   TBU High Speed Protectors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com