Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG1221 Datasheet(PDF) 6 Page - Analog Devices

Part # ADG1221
Description  Low Capacitance, Low Charge Injection, 15 V/12 V iCMOS Dual SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1221 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG1221 Datasheet HTML 2Page - Analog Devices ADG1221 Datasheet HTML 3Page - Analog Devices ADG1221 Datasheet HTML 4Page - Analog Devices ADG1221 Datasheet HTML 5Page - Analog Devices ADG1221 Datasheet HTML 6Page - Analog Devices ADG1221 Datasheet HTML 7Page - Analog Devices ADG1221 Datasheet HTML 8Page - Analog Devices ADG1221 Datasheet HTML 9Page - Analog Devices ADG1221 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADG1221/ADG1222/ADG1223
Rev. A | Page 6 of 16
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
VDD to VSS
35 V
VDD to GND
–0.3 V to +25 V
VSS to GND
+0.3 V to −25 V
Analog Inputs1
VSS – 0.3 V to VDD + 0.3 V or
30 mA, whichever occurs first
Digital Inputs1
GND – 0.3 V to VDD + 0.3 V or
30 mA, whichever occurs first
Peak Current, S or D
100 mA (pulsed at 1 ms,
10% duty cycle max)
Continuous Current per
Channel, S or D
30 mA
Operating Temperature Range
–40°C to +125°C
Storage Temperature Range
–65°C to +150°C
Junction Temperature
150°C
Reflow Soldering Peak
Temperature, Pb free
260°C
1 Overvoltages at IN, S, or D are clamped by internal diodes. Current must be
limited to the maximum ratings given.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 4. Thermal Resistance
Package Type
θJA
θJC
Unit
10-Lead MSOP (4-Layer Board)
206
44
°C/W
ESD CAUTION


Similar Part No. - ADG1221

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1221BRMZ AD-ADG1221BRMZ Datasheet
279Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS짰 Dual SPST Switches
REV. A
ADG1221BRMZ-REEL7 AD-ADG1221BRMZ-REEL7 Datasheet
279Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS짰 Dual SPST Switches
REV. A
More results

Similar Description - ADG1221

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1213YRUZ AD-ADG1213YRUZ Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1211 AD-ADG1211_12 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1223BRMZ AD-ADG1223BRMZ Datasheet
279Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS짰 Dual SPST Switches
REV. A
ADG1201 AD-ADG1201 Datasheet
293Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS SPST in SOT-23
REV. 0
ADG1236YRUZ AD-ADG1236YRUZ Datasheet
288Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS?? Dual SPDT Switch
REV. 0
ADG1204 AD-ADG1204_09 Datasheet
398Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V, 4:1 iCMOS Multiplexer
REV. B
ADG1211 AD-ADG1211 Datasheet
271Kb / 16P
   1 pF Off Capacitance, 1 pC Charge Injection, 짹15 V/12 V iCMOS??Quad SPST Switches
Rev. PrE
ADG1219 AD-ADG1219 Datasheet
308Kb / 17P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS??SPDT in SOT-23
Rev. PrB
ADG1204 AD-ADG1204 Datasheet
453Kb / 16P
   2 pF Off Capacitance, 1 pC Charge Injection, -15 V/12 V 4:1 iCMOS Multiplexer
Rev. PrD
ADG1208 AD-ADG1208 Datasheet
445Kb / 20P
   Low Capacitance, 4-/8-Channel -15 V/12 V iCMOS Multiplexers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com