Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TBU-CA050-500-WH Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # TBU-CA050-500-WH
Description  TBU-CA Series - TBU짰 High-Speed Protectors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TBU-CA050-500-WH Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  TBU-CA050-500-WH Datasheet HTML 1Page - Bourns Electronic Solutions TBU-CA050-500-WH Datasheet HTML 2Page - Bourns Electronic Solutions TBU-CA050-500-WH Datasheet HTML 3Page - Bourns Electronic Solutions TBU-CA050-500-WH Datasheet HTML 4Page - Bourns Electronic Solutions TBU-CA050-500-WH Datasheet HTML 5Page - Bourns Electronic Solutions TBU-CA050-500-WH Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
TBU-CA Series - TBU® High-Speed Protectors
Product Dimensions
DIMENSIONS:
MM
(INCHES)
Recommended Pad Layout
TBU® High-Speed Protectors have a 100 % matte-tin termination
finish. For improved thermal dissipation, the recommended layout
uses PCB copper areas which extend beyond the exposed solder
pad. The exposed solder pads should be defined by a solder mask
which matches the pad layout of the TBU® device in size and spac-
ing. It is recommended that they should be the same dimension as
the TBU® pads but if smaller solder pads are used, they should be
centered on the TBU® package terminal pads and not more than
0.10-0.12 mm (0.004-0.005 in.) smaller in overall width or length.
Solder pad areas should not be larger than the TBU® pad sizes
to ensure adequate clearance is maintained. The recommended
stencil thickness is 0.10-0.12 mm (0.004-0.005 in.) with a stencil
opening size 0.025 mm (0.0010 in.) less than the solder pad size.
Extended copper areas beyond the solder pad significantly improve
the junction to ambient thermal resistance, resulting in operation
at lower junction temperatures with a corresponding benefit of reli-
ability. All pads should soldered to the PCB, including pads marked
as NC or NU but no electrical connection should be made to these
pads. For minimum parasitic capacitance, it is recommended that
signal, ground or power signals are not routed beneath any pad.
PIN 1 & BACKSIDE CHAMFER
4.00 ± 0.10
(.157 ± .004)
0.00 - 0.05
(.000 - .002)
6.50 ± 0.10
(.256 ± .004)
0.85 ± 0.05
(.033 ± .002)
0.30
(.012)
3.40
(.134)
0.30
(.012)
1.85
(.073)
0.70
(.028)
0.70
(.028)
0.80
(.031)
1.85
(.073)
C
PIN 1
0.25
(.010)
3
2
1
Pad #
Pin Out
1
Line In/Out
2NU
3
Line Out/In
Pad Designation
Dark grey areas show added PCB copper area for better
thermal resistance.


Similar Part No. - TBU-CA050-500-WH

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TBU-CA050-500-WH BOURNS-TBU-CA050-500-WH Datasheet
494Kb / 6P
   TBU-CA Series - TBU짰 High-Speed Protectors
TBU-CA050-500-WH BOURNS-TBU-CA050-500-WH Datasheet
492Kb / 6P
   TBU High Speed Protectors
TBU-CA050-500-WH BOURNS-TBU-CA050-500-WH Datasheet
1Mb / 8P
   Bidirectional Dual TBU짰 Protectors
TBU-CA050-500-WH BOURNS-TBU-CA050-500-WH Datasheet
486Kb / 6P
   High-Speed Protectors
More results

Similar Description - TBU-CA050-500-WH

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TBU-CA025-050-WH BOURNS-TBU-CA025-050-WH_11 Datasheet
494Kb / 6P
   TBU-CA Series - TBU짰 High-Speed Protectors
TBU-DT065-500-WH BOURNS-TBU-DT065-500-WH_12 Datasheet
605Kb / 5P
   TBU-DT Series - TBU High-Speed Protectors
TBU-PK050-100-WH_1107 BOURNS-TBU-PK050-100-WH_1107 Datasheet
806Kb / 7P
   TBU짰 High-Speed Protectors
C650-180-WH BOURNS-C650-180-WH_15 Datasheet
667Kb / 6P
   TBU High-Speed Protectors
TBU-PL050-100-WH BOURNS-TBU-PL050-100-WH Datasheet
800Kb / 7P
   TBU High Speed Protectors
TBU-DB-Q BOURNS-TBU-DB-Q Datasheet
800Kb / 7P
   TBU High-Speed Protectors
TBU-DT065-500-WH BOURNS-TBU-DT065-500-WH Datasheet
590Kb / 5P
   TBU High Speed Protectors
TBU-DF BOURNS-TBU-DF Datasheet
783Kb / 7P
   TBU High-Speed Protectors
TBU-CX025-VTC-WH BOURNS-TBU-CX025-VTC-WH Datasheet
561Kb / 5P
   TBU High Speed Protectors
TBU-KE025-500-WH BOURNS-TBU-KE025-500-WH Datasheet
526Kb / 6P
   TBU High Speed Protectors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com