Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TBU-PL075-100-WH Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # TBU-PL075-100-WH
Description  TBU-PL Series - TBU High-Speed Protectors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TBU-PL075-100-WH Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  TBU-PL075-100-WH Datasheet HTML 1Page - Bourns Electronic Solutions TBU-PL075-100-WH Datasheet HTML 2Page - Bourns Electronic Solutions TBU-PL075-100-WH Datasheet HTML 3Page - Bourns Electronic Solutions TBU-PL075-100-WH Datasheet HTML 4Page - Bourns Electronic Solutions TBU-PL075-100-WH Datasheet HTML 5Page - Bourns Electronic Solutions TBU-PL075-100-WH Datasheet HTML 6Page - Bourns Electronic Solutions TBU-PL075-100-WH Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TBU-PL Series - TBU® High-Speed Protectors
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Bourns® TBU® Device Solutions
* GDT Special Test Protector with DC breakdown (DCBD) of less than 330 V.
Notes:
1) The Le9500, Le9520 and Le9530 (VE950 series) require a 200 mA Itrigger TBU
® device for normal operation. Other SLIC types should use
the 100 mA device.
2) The MOV maximum continuous rms voltage rating should not be exceeded. The exception is where the data sheet highlights withstand
capability such as the 600
Vrms, 1 A for 0.2 s, for example.
3) If EN55024 EMC compliance is required, the TBU® device may require capacitors to be fitted between the Tip and Ring connections and
ground (i.e. in parallel with the MOV device). The capacitance value can be chosen to meet levels as follows:
• 10 nF for EN55024 Level 1
• 20 nF for EN55024 Level 2
• 47 nF for EN55024 Level 3
Selection of capacitor voltage rating depends upon TBU® part number selection. Recommendations include:
• TBU-PL050 & TBU-PL060 Series: 120 VAC, 500 V Peak Surge Rated
• TBU-PL075 & TBU-PL085 Series: 240 VAC, 750 V Peak Surge Rated
Depending upon the SLIC type, it is usually possible to remove any EMI capacitors present between the output of the SLIC and ground
when using capacitors C1 and C2 in parallel with the MOVs.
Industry Standard
Surge & AC Withstand
TBU® Device P/N
Qty.
OVP Device P/N
Qty.
Telcordia GR-1089-CORE
Intra-building
Port Type 4
1500 V, 100 A 2/10 µs
120 Vrms, 25 A, 900 s
TBU-PL050-100-WH
1
MOV-07D201K
2
Telcordia GR-1089-CORE
Intra-building
Port Type 4a
1000 V, 100 A 10/1000 µs
120 Vrms, 25 A, 900 s
TBU-PL060-100-WH
1
MOV-10D201K
2
Non-GR-1089-CORE Intra-building
Specifications
5000 V, 500 A 2/10 µs
230 Vrms, 25 A, 900 s
TBU-PL085-100-WH
1
MOV-10D361K
2
1500 V, 100 A 2/10 µs
275 Vrms, 25 A, 900 s
TBU-PL085-100-WH
1
MOV-10D431K
2
ITU-T Basic K.20, K.21, K.45
4000 V, 40
Ω 10/700 µs
230 Vrms 10 Ω - 1000 Ω, 900 s
600 Vrms 600 Ω, 0.2 s
TBU-PL075-100-WH
1
MOV-10D361K
2
4000 V, 40
Ω 10/700 µs
230 V rms 10
Ω -1000 Ω, 900 s
600 V rms 600
Ω, 0.1 s
TBU-PL060-100-WH
1
TISP4400M3BJ
2
ITU-T Enhanced K.20, K.21, K.45
6000 V, 40
Ω 10/700 µs
240 Vrms 10 Ω - 1000 Ω, 900 s
600 Vrms 600 Ω, 0.2 s
600 Vrms 600 Ω, 1 s*
1500 Vrms, 200 Ω, 2 s*
TBU-PL085-100-WH
1
MOV-10D391K
2
6000 V, 40
Ω 10/700 µs
240 Vrms 10 Ω - 1000 Ω, 900 s
600 Vrms 600 Ω, 1 s
1500 Vrms, 200 Ω, 2 s
TBU-PL060-100-WH
1
TISP4500H3BJ
2


Similar Part No. - TBU-PL075-100-WH

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TBU-PL075-100-WH BOURNS-TBU-PL075-100-WH Datasheet
800Kb / 7P
   TBU High Speed Protectors
TBU-PL075-100-WH BOURNS-TBU-PL075-100-WH Datasheet
1Mb / 8P
   Bidirectional Dual TBU짰 Protectors
More results

Similar Description - TBU-PL075-100-WH

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TBU-DT065-500-WH BOURNS-TBU-DT065-500-WH_12 Datasheet
605Kb / 5P
   TBU-DT Series - TBU High-Speed Protectors
C650-180-WH BOURNS-C650-180-WH_15 Datasheet
667Kb / 6P
   TBU High-Speed Protectors
TBU-PL050-100-WH BOURNS-TBU-PL050-100-WH Datasheet
800Kb / 7P
   TBU High Speed Protectors
TBU-DB-Q BOURNS-TBU-DB-Q Datasheet
800Kb / 7P
   TBU High-Speed Protectors
TBU-CX085-VTC-WH BOURNS-TBU-CX085-VTC-WH Datasheet
613Kb / 5P
   TBU-CX Series - TBU High-Speed Protectors
TBU-KE040-500-WH BOURNS-TBU-KE040-500-WH Datasheet
539Kb / 6P
   TBU-KE Series - TBU High-Speed Protectors
TBU-PK085-100-WH BOURNS-TBU-PK085-100-WH Datasheet
812Kb / 7P
   TBU-PK Series - TBU High-Speed Protectors
TBU-DT065-500-WH BOURNS-TBU-DT065-500-WH Datasheet
590Kb / 5P
   TBU High Speed Protectors
TBU-DF BOURNS-TBU-DF Datasheet
783Kb / 7P
   TBU High-Speed Protectors
TBU-CX025-VTC-WH BOURNS-TBU-CX025-VTC-WH Datasheet
561Kb / 5P
   TBU High Speed Protectors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com