Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP7038L1 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # TISP7038L1
Description  TRIPLE ELEMENT THYRISTOR OVERVOLTAGE PROTECTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP7038L1 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  TISP7038L1 Datasheet HTML 1Page - Bourns Electronic Solutions TISP7038L1 Datasheet HTML 2Page - Bourns Electronic Solutions TISP7038L1 Datasheet HTML 3Page - Bourns Electronic Solutions TISP7038L1 Datasheet HTML 4Page - Bourns Electronic Solutions TISP7038L1 Datasheet HTML 5Page - Bourns Electronic Solutions TISP7038L1 Datasheet HTML 6Page - Bourns Electronic Solutions TISP7038L1 Datasheet HTML 7Page - Bourns Electronic Solutions TISP7038L1 Datasheet HTML 8Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
JULY 2000 – REVISED JULY 2008
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
TISP70xxL1 (VLV) OvervoltageProtectors
TISP7015L1, TISP7038L1
TRIPLE ELEMENT THYRISTOR OVERVOLTAGE PROTECTORS
Device Symbol
Three Terminal Very Low Voltage (VLV) Protection
Ion-Implanted Breakdown Region
How To Order
D Package (Top View)
Description
The TISP70xxL1 series are 3-point overvoltage protectors designed for protecting against metallic (transverse mode) and simultaneous
longitudinal (common mode) impulses. Each terminal pair has the same voltage limiting values and surge current capability.
These devices are designed to limit overvoltages between signal, data and control port conductors, connected to terminals T1 and T2, and a
protective ground, G. Each terminal pair has a symmetrical voltage-triggered bidirectional thyristor characteristic (Figure 1). Overvoltages are
initially clipped by breakdown clamping until the voltage rises to the breakover level, which causes the device to crowbar into a low-voltage
on state. This low-voltage on state causes the current resulting from the overvoltage to be safely diverted through the device. The device
holding current will normally be higher than the available short circuit d.c. system current, causing the protector to switch off as the diverted
current subsides.
Device
VDRM
V
V(BO)
V
‘7015L1
8
15
‘7038L1
28
38
Protection for Signal, Data and Control Lines
- ISDN
- T1/E1
- Ethernet
- RS232 & RS485
Low Capacitance
- ‘7015L1 ....................................................................... 24 pF typ.
- ‘7038L1 ....................................................................... 17 pF typ.
Rated for International Surge Wave Shapes
Voltage
Waveshape
Standard
IPPSM
A
2/10
GR-1089-CORE
200
1.2/50
IEC 61000-4-5
100
10/700
TIA/EIA-IS-968
ITU-T K.20/45/21
50
10/1000
GR-1089-CORE
30
IEC 61000-4-2 Immunity Ratings
Contact .................................................................................. 6 kV
Air .......................................................................................... 8 kV
MD7XAJA
NC
NC
G
NC
NC
T1
T2
NC
1
2
3
4
5
6
7
8
NC - No internal connection
G
SD7XAD
T1
T2
............................................ UL Recognized Components
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Device
Package
Carrier
TISP7015L1
D (8-pin, Small-outline)
R (Embossed Tape Reeled)
TISP7038L1
D (8-pin, Small-outline)
R (Embossed Tape Reeled)
TISP7015L1DR-S
TISP7038L1DR-S
Order As


Similar Part No. - TISP7038L1

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP7038L1D BOURNS-TISP7038L1D Datasheet
244Kb / 10P
   TRIPLE ELEMENT THYRISTOR OVERVOLTAGE PROTECTORS
TISP7038L1D-S BOURNS-TISP7038L1D-S Datasheet
244Kb / 10P
   TRIPLE ELEMENT THYRISTOR OVERVOLTAGE PROTECTORS
TISP7038L1DR BOURNS-TISP7038L1DR Datasheet
244Kb / 10P
   TRIPLE ELEMENT THYRISTOR OVERVOLTAGE PROTECTORS
TISP7038L1DR-S BOURNS-TISP7038L1DR-S Datasheet
244Kb / 10P
   TRIPLE ELEMENT THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP7038L1

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP70XXL1 BOURNS-TISP70XXL1 Datasheet
244Kb / 10P
   TRIPLE ELEMENT THYRISTOR OVERVOLTAGE PROTECTORS
TISP7XXXH3SL BOURNS-TISP7XXXH3SL Datasheet
395Kb / 13P
   TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP70XXF3 BOURNS-TISP70XXF3 Datasheet
496Kb / 16P
   LOW-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP7072F3 BOURNS-TISP7072F3_08 Datasheet
829Kb / 15P
   LOW-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP7125F3 BOURNS-TISP7125F3_08 Datasheet
988Kb / 19P
   MEDIUM & HIGH-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP7XXXF3 BOURNS-TISP7XXXF3 Datasheet
555Kb / 19P
   MEDIUM & HIGH-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP7070H3SL POINN-TISP7070H3SL Datasheet
283Kb / 14P
   TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP7072F3 POINN-TISP7072F3 Datasheet
400Kb / 22P
   TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS???
TISP7125F3 POINN-TISP7125F3 Datasheet
489Kb / 25P
   TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS???
TISP4070L3BJ POINN-TISP4070L3BJ Datasheet
223Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com