Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP9110MDM Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # TISP9110MDM
Description  INTEGRATED COMPLEMENTARY BUFFERED-GATE SCRS FOR DUAL POLARITY SLIC OVERVOLTAGE PROTECTION
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP9110MDM Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  TISP9110MDM Datasheet HTML 1Page - Bourns Electronic Solutions TISP9110MDM Datasheet HTML 2Page - Bourns Electronic Solutions TISP9110MDM Datasheet HTML 3Page - Bourns Electronic Solutions TISP9110MDM Datasheet HTML 4Page - Bourns Electronic Solutions TISP9110MDM Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
APRIL 2013 - REVISED NOVEMBER 2013
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
TISP9110MDM Overvoltage Protector
TISP9110MDM
INTEGRATED COMPLEMENTARY BUFFERED-GATE SCRS
FOR DUAL POLARITY SLIC OVERVOLTAGE PROTECTION
Device Symbol
High Performance Protection for SLICs with +ve and -ve
Battery Supplies
– Wide -110 V to +110 V Programming Range
– Low 5 mA max. Gate Triggering Current
– Dynamic Protection Performance Specified for
International Surge Waveshapes
Applications include:
– Wireless Local Loop
– Access Equipment
– Regenerated POTS
– VOIP Applications
Rated for International Surge Wave Shapes
How To Order
8-SOIC (210 mil) Package (Top View)
Description
The Model TISP9110MDM is a programmable overvoltage
protection device designed to protect modern dual polarity supply
rail ringing SLICs (Subscriber Line Interface Circuits) against
overvoltages on the telephone line. Overvoltages can be caused
by lightning, a.c. power contact and induction. Four separate
protection structures are used; two positive and two negative
to provide optimum protection during Metallic (Differential) and
Longitudinal (Common Mode) protection conditions in both polar-
ities. Dynamic protection performance is specified under typical
international surge waveforms from Telcordia GR-1089-CORE,
ITU-T K.44 and YD/T 950.
Wave Shape
Standard
IPPSM
A
2/10
GR-1089-CORE
150
10/700
ITU-T K.20/21/45
80
10/1000
GR-1089-CORE
50
MD-8SOIC(210)-003-a
NC - No internal connection
Terminal typical application names shown in
parenthesis
1
2
3
45
6
7
8
NC
Ground
Ground
NC
(-V
(BAT))
G1
(Tip or Ring) Line
(Ring or Tip) Line
(+V
(BAT))
G2
SD-TISP9-001-a
G2
G1
Ground
Line
Line
The Model TISP9110MDM is programmed by connecting the G1
and G2 gate terminals to the negative (-V(BAT)) and positive (+V
(BAT)) SLIC Battery supplies respectively. This creates a protector operating at
typically +1.4 V above +V(BAT) and -1.4 V below -V(BAT) under a.c. power induction and power contact conditions. The protector gate circuitry
incorporates 4 separate buffer transistors designed to provide independent control for each protection element. The gate buffer transistors
minimize supply regulation issues by reducing the gate current drawn to around 5 mA, while the high voltage base emitter structures eliminate
the need for expensive reverse bias protection gate diodes.
The Model TISP9110MDM is rated for common surges contained in regulatory requirements such as ITU-T K.20, K.45, Telcordia GR-1089-
CORE, YD/T 950. With the use of appropriate overcurrent protection devices such as the Bourns® Multifuse® and Telefusedevices, circuits
can be designed to comply with modern telecom standards.
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Device
Package
Carrier
Marking Code
Standard Quantity
TISP9110MDM
8-SOIC (210 mil)
Embossed Tape Reeled
TISP9110MDMR-S
9110M
2000
Order As


Similar Part No. - TISP9110MDM

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP9110LDM BOURNS-TISP9110LDM Datasheet
189Kb / 5P
   INTEGRATED COMPLEMENTARY BUFFERED-GATE SCRS FOR DUAL POLARITY SLIC OVERVOLTAGE PROTECTION
TISP9110LDM BOURNS-TISP9110LDM Datasheet
212Kb / 5P
   Overvoltage Protector
TISP9110LDMR-S BOURNS-TISP9110LDMR-S Datasheet
189Kb / 5P
   INTEGRATED COMPLEMENTARY BUFFERED-GATE SCRS FOR DUAL POLARITY SLIC OVERVOLTAGE PROTECTION
TISP9110LDMR-S BOURNS-TISP9110LDMR-S_11 Datasheet
740Kb / 1P
   SLIC Protection
TISP9110LDM BOURNS-TISP9110LDM_07 Datasheet
212Kb / 5P
   Overvoltage Protector
More results

Similar Description - TISP9110MDM

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP9110LDM BOURNS-TISP9110LDM Datasheet
189Kb / 5P
   INTEGRATED COMPLEMENTARY BUFFERED-GATE SCRS FOR DUAL POLARITY SLIC OVERVOLTAGE PROTECTION
TISP8200M BOURNS-TISP8200M Datasheet
286Kb / 11P
   COMPLEMENTARY BUFFERED-GATE SCRS FOR DUAL POLARITY SLIC OVERVOLTAGE PROTECTION
TISP8200HDM BOURNS-TISP8200HDM Datasheet
481Kb / 7P
   COMPLEMENTARY BUFFERED-GATE SCRS FOR DUAL POLARITY SLIC OVERVOLTAGE PROTECTION
TISP820XM BOURNS-TISP820XM Datasheet
329Kb / 13P
   COMPLEMENTARY BUFFERED-GATE SCRS FOR DUAL POLARITY SLIC OVERVOLTAGE PROTECTION
TISP821XMD BOURNS-TISP821XMD Datasheet
414Kb / 6P
   COMPLEMENTARY BUFFERED-GATE SCRS FOR DUAL POLARITY SLIC OVERVOLTAGE PROTECTION
TISP821XMD BOURNS-TISP821XMD_07 Datasheet
417Kb / 6P
   COMPLEMENTARY BUFFERED-GATE SCRS
logo
Maxim Integrated Produc...
MAX4864L MAXIM-MAX4864L Datasheet
346Kb / 12P
   Overvoltage Protection Controllers with Reverse Polarity Protection
Rev 1; 5/06
MAX4864L MAXIM-MAX4864L_10 Datasheet
197Kb / 11P
   Overvoltage Protection Controllers with Reverse Polarity Protection
Rev 2; 5/10
logo
Bourns Electronic Solut...
TISP61089M BOURNS-TISP61089M Datasheet
398Kb / 6P
   TISP61089M SLIC Overvoltage Protector
logo
STMicroelectronics
THBT7011D STMICROELECTRONICS-THBT7011D Datasheet
54Kb / 8P
   DUAL OVERVOLTAGE PROTECTION FOR TELECOM LINE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com