Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

19N402L18 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # 19N402L18
Description  LICON. SNAP ACTION SWITCHES
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

19N402L18 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button 19N402L18 Datasheet HTML 7Page - List of Unclassifed Manufacturers 19N402L18 Datasheet HTML 8Page - List of Unclassifed Manufacturers 19N402L18 Datasheet HTML 9Page - List of Unclassifed Manufacturers 19N402L18 Datasheet HTML 10Page - List of Unclassifed Manufacturers 19N402L18 Datasheet HTML 11Page - List of Unclassifed Manufacturers 19N402L18 Datasheet HTML 12Page - List of Unclassifed Manufacturers 19N402L18 Datasheet HTML 13Page - List of Unclassifed Manufacturers 19N402L18 Datasheet HTML 14Page - List of Unclassifed Manufacturers 19N402L18 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Contact an Authorized Distributor or Factory for Pricing
54
www.itwswitches.com
APPLICATIONS
Industrial valve controls
Aircraft rotary actuator
Aircraft linear actuator
Float control pumps
Spool valves
Medical equipment
Aircraft fuel valves
Pressure switches
ULTRA SUB-MINIATURE 7 AMP DOUBLE-BREAK
SNAP ACTION SWITCHES
Series 18 switches feature the Butterfly® double-
break momentary switch mechanism. This very
small package can carry a full 7 amp load (or low
current load).
KEY FEATURES:
Gold contacts
Solder terminals
Meets MIL-S-8805/76
UL recognized and CSA certified:
7 amps @ 125/250 VAC
Lever and roller actuator are
available
ACTUAL SIZE
STANDARDS / AGENCY / RATINGS:
RoHS
COMPLIANT
2002 / 95 / EC

IEC
IP67
COMPLIANT

®
V
D E
SNAP ACTION SWITCHES
ORDERING INFORMATION:
Part Number
Contacts
Terminals
RoHS Compliant
18-40421
Gold Plated
End Solder

18-488051
(MS27257-1)
Gold Plated
End Solder

Switches
Part Number
Oper. Force
Release Force
Pretravel
Overtravel
Movement Diff.
Operating Point
78-3000
6 ± 2 oz
2 oz min
.125 max
030 min
.030 ± .015
.325 ± .030
Spring Lever
78-3100
6 ± 2 oz
2 oz min
.125 max
.030 min
.035 ± .015
.560±.030
Roller Lever
Actuator (see page 70 for additional specifications)


Similar Part No. - 19N402L18

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
19N10 UTC-19N10 Datasheet
195Kb / 6P
   100V N-Channel MOSFET
19N10 UTC-19N10 Datasheet
232Kb / 6P
   100V N-Channel MOSFET
19N10-TM3-T UTC-19N10-TM3-T Datasheet
195Kb / 6P
   100V N-Channel MOSFET
19N10G UTC-19N10G Datasheet
195Kb / 6P
   100V N-Channel MOSFET
19N10G-T3P-T UTC-19N10G-T3P-T Datasheet
232Kb / 6P
   100V N-Channel MOSFET
More results

Similar Description - 19N402L18

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
LS0851503F040C2A E-SWITCH-LS0851503F040C2A Datasheet
279Kb / 3P
   SNAP ACTION SWITCHES
logo
TE Connectivity Ltd
SAJ2 TEC-SAJ2 Datasheet
604Kb / 4P
   Snap Action Switches
SAJ3 TEC-SAJ3 Datasheet
675Kb / 5P
   Snap Action Switches
SAJ1 TEC-SAJ1 Datasheet
323Kb / 3P
   Snap Action Switches
logo
E-SWITCH
MS085R100F130S1A E-SWITCH-MS085R100F130S1A Datasheet
800Kb / 3P
   SNAP ACTION SWITCHES-MINIATURE
logo
SHINMEI ELECTRIC CO., L...
MQS-53 SHINMEI-MQS-53 Datasheet
171Kb / 6P
   Compact-sized Snap Action Switches
logo
E-SWITCH
TS0101F020V1 E-SWITCH-TS0101F020V1 Datasheet
304Kb / 2P
   SNAP ACTION SWITCHES - SUB-MINIATURE
logo
SHINMEI ELECTRIC CO., L...
MQS-54 SHINMEI-MQS-54 Datasheet
311Kb / 11P
   Compact-sized Snap Action Switches
logo
E-SWITCH
TS1 E-SWITCH-TS1 Datasheet
90Kb / 1P
   SNAP ACTION SWITCHES - SUB-MINIATURE
SS0750301F030P1A E-SWITCH-SS0750301F030P1A Datasheet
1,009Kb / 2P
   SNAP ACTION SWITCHES - SUB-MINIATURE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com