Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

19N503 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # 19N503
Description  LICON. SNAP ACTION SWITCHES
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

19N503 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button 19N503 Datasheet HTML 4Page - List of Unclassifed Manufacturers 19N503 Datasheet HTML 5Page - List of Unclassifed Manufacturers 19N503 Datasheet HTML 6Page - List of Unclassifed Manufacturers 19N503 Datasheet HTML 7Page - List of Unclassifed Manufacturers 19N503 Datasheet HTML 8Page - List of Unclassifed Manufacturers 19N503 Datasheet HTML 9Page - List of Unclassifed Manufacturers 19N503 Datasheet HTML 10Page - List of Unclassifed Manufacturers 19N503 Datasheet HTML 11Page - List of Unclassifed Manufacturers 19N503 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
MECHANICAL / ELECTRICAL
CHARACTERISTICS:
Pretravel:
0.050 inches max
Overtravel:
0.012 inches min
Operating Force:
5 oz + 3 oz - 2 oz
Release Force:
2 oz min
Movement Differential:
0.020 inches ± 0.005
Operating Point:
0.406 inches ± 0.010
(from mounting hold centers)
Circuit:
SPDT-DB (Form Z)
Temperature Index:
-54°C to +135°C
(-65°F to +275°F)
MIL-PRF-8805/7 QPL listed:
16-188051 MS25476-1
16-488051 MS27217-1
Electrical Rating @ 28VDC:
800.544.3354
SERIES 16: SUB-MINIATURE 10.1 AMP DOUBLE-BREAK
Designs and specifications are subject to change
without notice due to product improvement.
51
SNAP ACTION SWITCHES
Sea Level 70,000 Feet
Res
10A
10A
Form Z
2 Circuit
Ind*
5A
2A
Lamp 3A
*L/R = .026
END SOLDER
END SCREW
QC TAPER TAB
SIDE SOLDER
BOTTOM SOLDER
BOTTOM QC .110
FORM Z


Similar Part No. - 19N503

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
19N10 UTC-19N10 Datasheet
195Kb / 6P
   100V N-Channel MOSFET
19N10 UTC-19N10 Datasheet
232Kb / 6P
   100V N-Channel MOSFET
19N10-TM3-T UTC-19N10-TM3-T Datasheet
195Kb / 6P
   100V N-Channel MOSFET
19N10G UTC-19N10G Datasheet
195Kb / 6P
   100V N-Channel MOSFET
19N10G-T3P-T UTC-19N10G-T3P-T Datasheet
232Kb / 6P
   100V N-Channel MOSFET
More results

Similar Description - 19N503

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
LS0851503F040C2A E-SWITCH-LS0851503F040C2A Datasheet
279Kb / 3P
   SNAP ACTION SWITCHES
logo
TE Connectivity Ltd
SAJ2 TEC-SAJ2 Datasheet
604Kb / 4P
   Snap Action Switches
SAJ3 TEC-SAJ3 Datasheet
675Kb / 5P
   Snap Action Switches
SAJ1 TEC-SAJ1 Datasheet
323Kb / 3P
   Snap Action Switches
logo
E-SWITCH
MS085R100F130S1A E-SWITCH-MS085R100F130S1A Datasheet
800Kb / 3P
   SNAP ACTION SWITCHES-MINIATURE
logo
SHINMEI ELECTRIC CO., L...
MQS-53 SHINMEI-MQS-53 Datasheet
171Kb / 6P
   Compact-sized Snap Action Switches
logo
E-SWITCH
TS0101F020V1 E-SWITCH-TS0101F020V1 Datasheet
304Kb / 2P
   SNAP ACTION SWITCHES - SUB-MINIATURE
logo
SHINMEI ELECTRIC CO., L...
MQS-54 SHINMEI-MQS-54 Datasheet
311Kb / 11P
   Compact-sized Snap Action Switches
logo
E-SWITCH
TS1 E-SWITCH-TS1 Datasheet
90Kb / 1P
   SNAP ACTION SWITCHES - SUB-MINIATURE
SS0750301F030P1A E-SWITCH-SS0750301F030P1A Datasheet
1,009Kb / 2P
   SNAP ACTION SWITCHES - SUB-MINIATURE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com