Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

19N602 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 19N602
Description  LICON. SNAP ACTION SWITCHES
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

19N602 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button 19N602 Datasheet HTML 2Page - List of Unclassifed Manufacturers 19N602 Datasheet HTML 3Page - List of Unclassifed Manufacturers 19N602 Datasheet HTML 4Page - List of Unclassifed Manufacturers 19N602 Datasheet HTML 5Page - List of Unclassifed Manufacturers 19N602 Datasheet HTML 6Page - List of Unclassifed Manufacturers 19N602 Datasheet HTML 7Page - List of Unclassifed Manufacturers 19N602 Datasheet HTML 8Page - List of Unclassifed Manufacturers 19N602 Datasheet HTML 9Page - List of Unclassifed Manufacturers 19N602 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
MECHANICAL / ELECTRICAL
CHARACTERISTICS:
Circuit:
SPDT-DB (Form Z)
Terminal:
#6 screw with cup washer
Electrical Ratings :
See chart on left
800.544.3354
SERIES 14: HEAVY DUTY 20 AMP DOUBLE-BREAK
Designs and specifications are subject to change
without notice due to product improvement.
49
SNAP ACTION SWITCHES
STANDARD BUTTON ACTUATOR
STANDARD BUTTON ACTUATOR—HEAVY DUTY MOUNTING
OVERTRAVEL PANEL MOUNT
ROLLER LEVER
FORM Z


Similar Part No. - 19N602

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
19N60M6 STMICROELECTRONICS-19N60M6 Datasheet
575Kb / 14P
   N-channel 600 V, 255 m typ., 11 A MDmesh M6 Power MOSFET in a PowerFLAT 8x8 HV package
December 2019 Rev 1
More results

Similar Description - 19N602

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
LS0851503F040C2A E-SWITCH-LS0851503F040C2A Datasheet
279Kb / 3P
   SNAP ACTION SWITCHES
logo
TE Connectivity Ltd
SAJ2 TEC-SAJ2 Datasheet
604Kb / 4P
   Snap Action Switches
SAJ3 TEC-SAJ3 Datasheet
675Kb / 5P
   Snap Action Switches
SAJ1 TEC-SAJ1 Datasheet
323Kb / 3P
   Snap Action Switches
logo
E-SWITCH
MS085R100F130S1A E-SWITCH-MS085R100F130S1A Datasheet
800Kb / 3P
   SNAP ACTION SWITCHES-MINIATURE
logo
SHINMEI ELECTRIC CO., L...
MQS-53 SHINMEI-MQS-53 Datasheet
171Kb / 6P
   Compact-sized Snap Action Switches
logo
E-SWITCH
TS0101F020V1 E-SWITCH-TS0101F020V1 Datasheet
304Kb / 2P
   SNAP ACTION SWITCHES - SUB-MINIATURE
logo
SHINMEI ELECTRIC CO., L...
MQS-54 SHINMEI-MQS-54 Datasheet
311Kb / 11P
   Compact-sized Snap Action Switches
logo
E-SWITCH
TS1 E-SWITCH-TS1 Datasheet
90Kb / 1P
   SNAP ACTION SWITCHES - SUB-MINIATURE
SS0750301F030P1A E-SWITCH-SS0750301F030P1A Datasheet
1,009Kb / 2P
   SNAP ACTION SWITCHES - SUB-MINIATURE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com