Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP61521 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # TISP61521
Description  DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP61521 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  TISP61521_08 Datasheet HTML 1Page - Bourns Electronic Solutions TISP61521_08 Datasheet HTML 2Page - Bourns Electronic Solutions TISP61521_08 Datasheet HTML 3Page - Bourns Electronic Solutions TISP61521_08 Datasheet HTML 4Page - Bourns Electronic Solutions TISP61521_08 Datasheet HTML 5Page - Bourns Electronic Solutions TISP61521_08 Datasheet HTML 6Page - Bourns Electronic Solutions TISP61521_08 Datasheet HTML 7Page - Bourns Electronic Solutions TISP61521_08 Datasheet HTML 8Page - Bourns Electronic Solutions TISP61521_08 Datasheet HTML 9Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
APRIL 2001 REVISED JULY 2008
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Electrical Characteristics, TJ = 25 °C (Unless Otherwise Noted)
TISP61521 SLIC Protector
Recommended Operating Conditions
Component
Min
Typ
Max
Unit
C1
Gate decoupling capacitor
100
220
nF
RS
series resistor for GR-1089-CORE, 2/10, 10/360 and 10/1000 first-level surge survival
25
series resistor for GR-1089-CORE, 2/10, 10/360 and 10/1000 first-level and 2/10 second-level
surge survival
40
series resistor for K.20, K.21 and K.45 coordination with a 400 V primary protector
10
series resistor for K.44 4 kV 10/700 surge survival
60
series resistor for FCC Part 68 Type A 10/160 and 10/560 surge survival
20
series resistor for FCC Part 68 Type B 9/720 surge survival
0
series resistor for VDE 0433 2 kV 10/700 surge survival
10
series resistor for VDE 0878 2 kV 1.2/50 surge survival
0
series resistor for IEC 6100-4-5 4 kV, 10/700, class 5, long distance balanced circuits surge
survival with a 400 V primary protector
10
series resistor for IEC 6100-4-5 1.2/50-8/20 combination generator, classes 0 to 5 (500 V to
4 kV maximum), short distance balanced circuits surge survival.
0
Parameter
Test Conditions
Min
Typ
Max
Unit
ID
Off-state current
V D =VDRM , VGK =0
TJ = 25 °C-5
µA
TJ =85 °C-50
µA
VGK(BO)
Gate-cathode impulse
breakover voltage
VGG =-48 V, CG = 220 nF
10/700, ITM =-30 A, RS =10
1.2/50, ITM =-30 A, RS =10
2/10, ITM =-38 A, RS =62 Ω,
7
10
25
V
VF
Forward voltage
IF =5 A, tw = 500 µs2
V
VFRM
Peak forward recovery
voltage
10/700, IF =30 A, RS =10
1.2/50, IF =30 A, RS =10
2/10, IF =38 A, RS =62 Ω,
5
7
12
V
IH
Holding current
I T = -1 A, di/dt = 1A/ms, V GG = -100 V
-150
mA
IGKS
Gate reverse current
VGG =VGK =VGKRM, VKA =0
TJ = 25 °C-5
µA
TJ =85 °C-50
µA
IGT
Gate trigger current
IT =-3 A, tp(g) 20 µs, VGG = -100 V
3.0
mA
VGT
Gate-cathode trigger
voltage
IT =-3 A, tp(g) 20 µs, VGG = -100 V
2.0
V
CKA
Cathode-anode off-
state capacitance
f= 1MHz, Vd =1 V, IG = 0, (see Note 4)
VD = -3 V
100
pF
VD =-48 V
50
pF
NOTE 4: These capacitance measurements employ a three terminal capacitance bridge incorporating a guard circuit. The unmeasured
device terminals are a.c. connected to the guard terminal of the bridge.


Similar Part No. - TISP61521_08

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP61521D BOURNS-TISP61521D Datasheet
253Kb / 11P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61521D-S BOURNS-TISP61521D-S Datasheet
253Kb / 11P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61521DR BOURNS-TISP61521DR Datasheet
253Kb / 11P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61521DR-S BOURNS-TISP61521DR-S Datasheet
253Kb / 11P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP61521_08

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP61089AS POINN-TISP61089AS Datasheet
277Kb / 16P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS?
logo
Bourns Electronic Solut...
TISP61089BSD BOURNS-TISP61089BSD Datasheet
428Kb / 20P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089 BOURNS-TISP61089 Datasheet
182Kb / 12P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61521 BOURNS-TISP61521 Datasheet
253Kb / 11P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP61089 POINN-TISP61089 Datasheet
425Kb / 17P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS?
logo
Bourns Electronic Solut...
TISP61089D BOURNS-TISP61089D Datasheet
253Kb / 8P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP61089S POINN-TISP61089S Datasheet
284Kb / 16P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP61511D BOURNS-TISP61511D_08 Datasheet
653Kb / 9P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP61060D POINN-TISP61060D Datasheet
286Kb / 14P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089A POINN-TISP61089A Datasheet
319Kb / 17P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com