Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM6315-45D4ART-RL Datasheet(PDF) 8 Page - Analog Devices

Part # ADM6315-45D4ART-RL
Description  Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM6315-45D4ART-RL Datasheet(HTML) 8 Page - Analog Devices

Back Button ADM6315-45D4ART-RL Datasheet HTML 4Page - Analog Devices ADM6315-45D4ART-RL Datasheet HTML 5Page - Analog Devices ADM6315-45D4ART-RL Datasheet HTML 6Page - Analog Devices ADM6315-45D4ART-RL Datasheet HTML 7Page - Analog Devices ADM6315-45D4ART-RL Datasheet HTML 8Page - Analog Devices ADM6315-45D4ART-RL Datasheet HTML 9Page - Analog Devices ADM6315-45D4ART-RL Datasheet HTML 10Page - Analog Devices ADM6315-45D4ART-RL Datasheet HTML 11Page - Analog Devices ADM6315-45D4ART-RL Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADM6315
Rev. E | Page 8 of 12
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS TO-253-AA
0.89
0.76
SEATING
PLANE
0.50
0.30
0.100
0.013
3.04
2.90
2.80
1.07
0.90
0.75
1.92 BSC
0.20
BSC
0.54 REF
12
3
4
1.40
1.30
1.20
2.64
2.10
0.60
0.50
0.40
0.20
0.08
1.22
0.80
Figure 12. 4-Lead Small Outline Transistor Package [SOT-143]
(RA-4)
Dimensions shown in millimeters
ORDERING GUIDE
Temperature
Range
Package
Option
Trip
Point
Minimum
Timeout (ms)
Model
Package Description
Branding
ADM6315-46D1ARTRL7
−40°C to +125°C
4-Lead Small Outline Transistor [SOT-143]
RA-4
4.63
1
MDV
ADM6315-46D1ART-RL
−40°C to +125°C
4-Lead Small Outline Transistor [SOT-143]
RA-4
4.63
1
MDV
−40°C to +125°C
4-Lead Small Outline Transistor [SOT-143]
RA-4
4.63
1
M9Q
ADM6315-46D1ARTZR71
ADM6315-45D1ARTRL7
−40°C to +125°C
4-Lead Small Outline Transistor [SOT-143]
RA-4
4.50
1
MDU
ADM6315-45D1ART-RL
−40°C to +125°C
4-Lead Small Outline Transistor [SOT-143]
RA-4
4.50
1
MDU
ADM6315-45D1ARTZR7
−40°C to +125°C
4-Lead Small Outline Transistor [SOT-143]
RA-4
4.50
1
M81
1
ADM6315-44D1ARTRL7
−40°C to +125°C
4-Lead Small Outline Transistor [SOT-143]
RA-4
4.39
1
MDT
ADM6315-44D1ART-RL
−40°C to +125°C
4-Lead Small Outline Transistor [SOT-143]
RA-4
4.39
1
MDT
ADM6315-31D1ARTRL7
−40°C to +125°C
4-Lead Small Outline Transistor [SOT-143]
RA-4
3.08
1
MDG
ADM6315-31D1ART-RL
−40°C to +125°C
4-Lead Small Outline Transistor [SOT-143]
RA-4
3.08
1
MDG
−40°C to +125°C
4-Lead Small Outline Transistor [SOT-143]
RA-4
3.08
1
M7X
ADM6315-31D1ARTZR71
−40°C to +125°C
4-Lead Small Outline Transistor [SOT-143]
RA-4
3.08
1
M7X
ADM6315-31D1ARTZRL1
ADM6315-29D1ARTRL7
−40°C to +125°C
4-Lead Small Outline Transistor [SOT-143]
RA-4
2.93
1
MDC
ADM6315-29D1ART-RL
−40°C to +125°C
4-Lead Small Outline Transistor [SOT-143]
RA-4
2.93
1
MDC
−40°C to +125°C
4-Lead Small Outline Transistor [SOT-143]
RA-4
2.93
1
M7T
ADM6315-29D1ARTZR71
ADM6315-26D1ARTRL7
−40°C to +125°C
4-Lead Small Outline Transistor [SOT-143]
RA-4
2.63
1
MDB
ADM6315-26D1ART-RL
−40°C to +125°C
4-Lead Small Outline Transistor [SOT-143]
RA-4
2.63
1
MDB
−40°C to +125°C
4-Lead Small Outline Transistor [SOT-143]
RA-4
2.63
1
MDB#
ADM6315-26D1ARTZR71
−40°C to +125°C
4-Lead Small Outline Transistor [SOT-143]
RA-4
2.63
1
MDB#
ADM6315-26D1ARTZRL1
ADM6315-46D2ARTRL7
−40°C to +125°C
4-Lead Small Outline Transistor [SOT-143]
RA-4
4.63
20
MEV
ADM6315-46D2ART-RL
−40°C to +125°C
4-Lead Small Outline Transistor [SOT-143]
RA-4
4.63
20
MEV
−40°C to +125°C
4-Lead Small Outline Transistor [SOT-143]
RA-4
4.63
20
M83
ADM6315-46D2ARTZR71
ADM6315-45D2ARTRL7
−40°C to +125°C
4-Lead Small Outline Transistor [SOT-143]
RA-4
4.50
20
MEU
ADM6315-45D2ART-RL
–40°C to +125°C
4-Lead Small Outline Transistor [SOT-143]
RA-4
4.50
20
MEU
–40°C to +125°C
4-Lead Small Outline Transistor [SOT-143]
RA-4
4.50
20
MA8
ADM6315-45D2ARTZR71
ADM6315-44D2ARTRL7
−40°C to +125°C
4-Lead Small Outline Transistor [SOT-143]
RA-4
4.39
20
MET
ADM6315-44D2ART-RL
−40°C to +125°C
4-Lead Small Outline Transistor [SOT-143]
RA-4
4.39
20
MET
−40°C to +125°C
4-Lead Small Outline Transistor [SOT-143]
RA-4
4.39
20
M80
ADM6315-44D2ARTZR71


Similar Part No. - ADM6315-45D4ART-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6315-45D4ART-RL AD-ADM6315-45D4ART-RL Datasheet
197Kb / 12P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. G
More results

Similar Description - ADM6315-45D4ART-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6315 AD-ADM6315_15 Datasheet
197Kb / 12P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. G
ADM6315_VE AD-ADM6315_VE Datasheet
272Kb / 12P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. E
ADM6315-29D3ARTRL7 AD-ADM6315-29D3ARTRL7 Datasheet
197Kb / 12P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. G
ADM6315-26D3ARTZR7 AD-ADM6315-26D3ARTZR7 Datasheet
228Kb / 12P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. F
ADM6315 AD-ADM6315 Datasheet
99Kb / 8P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
REV. 0
ADM6315-46D3ART-RL7 AD-ADM6315-46D3ART-RL7 Datasheet
197Kb / 12P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. G
ADM6315-26D4ART-RL AD-ADM6315-26D4ART-RL Datasheet
228Kb / 12P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. F
ADM6315-26D3ARTRL7 AD-ADM6315-26D3ARTRL7 Datasheet
286Kb / 12P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. E
ADM812 AD-ADM812_15 Datasheet
178Kb / 12P
   Microprocessor Supervisory Circuit in 4-Lead SOT-143 with DSP
Rev. G
ADM811RART AD-ADM811RART Datasheet
178Kb / 12P
   Microprocessor Supervisory Circuit in 4-Lead SOT-143 with DSP
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com