Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COADMG_2X2-S0006 Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # COADMG_2X2-S0006
Description  Green Single Channel CWDM OADM
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

COADMG_2X2-S0006 Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  COADMG_2X2-S0006 Datasheet HTML 1Page - OPLINK Communications Inc. COADMG_2X2-S0006 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Lines: Mux/Demux Switching/Routing Coupling/Splitting Monitoring/Conditioning Amplification Transmission Interconnect RGB Laser Modules
COADM
Ordering Information
Mechanical Drawing / Package Dimensions (dimension in mm)
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink’s OEM
design team or account manager for your requirements and ordering information (510) 933-7200.
0
2
2
G
Fiber Jacket
900μm Loose Tube = 2
Channel Spacing
Platform
Center Channel Wavelength
Fiber Length*
20nm = 2
Green = G
Refer ITU Grid Table
0.5 Meter = H
1.0 Meter = 1
1.5 Meters = 5
2.0 Meters = 2
Connector Type
None = 1
FC/PC = 2
FC/SPC = 3
FC/APC = 4
SC/PC = 5
SC/SPC = 6
SC/APC = 7
ST = 8
LC = 9
MU = A
Green Single Channel CWDM OADM (2x2)
COADMG 2x2 Series
S0006 - R03. 20100615
* The tolerance of fiber length is +/-0.1m. 1 meter is standard. The lead-time for special fiber
length will be longer.
4.0
Section A-A
Units: mm
4.0
8.0
8.0
4.0
3.0X4
A
R2.5
R1.5
2.0
5.0
A
Detail A
3.0
15.0
15.0
8.0X2
125.0
30.0
60.0
90.0
See Detail A
COM OUT
ADD
DROP
COM IN


Similar Part No. - COADMG_2X2-S0006

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
COADMG2100211 OPLINK-COADMG2100211 Datasheet
291Kb / 2P
   Single Channel CWDM OADM
COADMG2100212 OPLINK-COADMG2100212 Datasheet
291Kb / 2P
   Single Channel CWDM OADM
COADMG2100213 OPLINK-COADMG2100213 Datasheet
291Kb / 2P
   Single Channel CWDM OADM
COADMG2100214 OPLINK-COADMG2100214 Datasheet
291Kb / 2P
   Single Channel CWDM OADM
COADMG2100215 OPLINK-COADMG2100215 Datasheet
291Kb / 2P
   Single Channel CWDM OADM
More results

Similar Description - COADMG_2X2-S0006

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
COADMG OPLINK-COADMG Datasheet
291Kb / 2P
   Single Channel CWDM OADM
CWDMG OPLINK-CWDMG Datasheet
188Kb / 2P
   Single Channel CWDM OADM
OADMG1-1X2 OPLINK-OADMG1-1X2 Datasheet
219Kb / 2P
   Single Channel OADM
OADMG2-1X2 OPLINK-OADMG2-1X2 Datasheet
293Kb / 2P
   Single Channel OADM
OADMG1-2X2 OPLINK-OADMG1-2X2 Datasheet
313Kb / 2P
   Single Channel OADM
OADMG2-2X2 OPLINK-OADMG2-2X2 Datasheet
313Kb / 2P
   Single Channel OADM
logo
Finisar Corporation.
FWSF-OADM-4-1 FINISAR-FWSF-OADM-4-1 Datasheet
218Kb / 3P
   CWDM OADM-4 Plug-in Module
OADMF-4-1-LC FINISAR-OADMF-4-1-LC Datasheet
113Kb / 2P
   CWDM OADM-4 Optibox Module
OADMF-1-47-LC FINISAR-OADMF-1-47-LC Datasheet
111Kb / 2P
   CWDM OADM-1 Optibox Module
FWSF-OADM-1-47 FINISAR-FWSF-OADM-1-47 Datasheet
169Kb / 3P
   CWDM OADM-1 Plug-in Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com