Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECQV1H274JLW Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # ECQV1H274JLW
Description  Stacked Metallized Plastic Film Capacitor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQV1H274JLW Datasheet(HTML) 7 Page - Panasonic Semiconductor

  ECQV1H274JLW Datasheet HTML 1Page - Panasonic Semiconductor ECQV1H274JLW Datasheet HTML 2Page - Panasonic Semiconductor ECQV1H274JLW Datasheet HTML 3Page - Panasonic Semiconductor ECQV1H274JLW Datasheet HTML 4Page - Panasonic Semiconductor ECQV1H274JLW Datasheet HTML 5Page - Panasonic Semiconductor ECQV1H274JLW Datasheet HTML 6Page - Panasonic Semiconductor ECQV1H274JLW Datasheet HTML 7Page - Panasonic Semiconductor ECQV1H274JLW Datasheet HTML 8Page - Panasonic Semiconductor ECQV1H274JLW Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Rating
Voltage
Capacitance
Value(uF)
Code
dV/dt(V/us)
Current(o-p)
(A)
0.010
103
0.49
0.015
153
0.74
0.022
223
1.08
0.033
333
1.62
0.047
473
2.30
0.068
683
3.33
0.100
104
4.90
0.150
154
7.35
0.220
224
9.90
0.330
334
14.85
0.470
474
21.15
0.680
684
30.60
1.000
105
33
33.00
63VDC
49
45
Voltage Derating by Temperature
(Max 10000cycles)
Pulse Handling Capability (dV/dt)
Permissible Current
Permissible Voltage
0
20
40
60
80
-60
-40
-20
0
20
40
60
80
100 120
1
10
100
10
100
1000
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
10
100
1000
* Please consult Panasonic if your condition exceeds the above spec.
ECQV(M) Type 63VDC Series (Polyester Film)
Applicable Specifications
Frequency (kHz)
(at sinewave)
Frequency (kHz)
Surface Temperature of Capacitor(Degree C)
1.0uF
From 0.01uF to 1.0uF
0.47uF
0.22uF
0.10uF
0.047uF
0.022uF
0.01uF
0.01uF
0.022uF
0.047uF
0.10uF
0.22uF
0.47uF
1.0uF
40Vrms


Similar Part No. - ECQV1H274JLW

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQV1H274JLW PANASONIC-ECQV1H274JLW Datasheet
229Kb / 9P
   Stacked Metallized Plastic Film Capacitor
ECQV1H274JLW PANASONIC-ECQV1H274JLW Datasheet
229Kb / 9P
   Stacked Metallized Plastic Film Capacitor
More results

Similar Description - ECQV1H274JLW

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQ-V1H105JL2 PANASONIC-ECQ-V1H105JL2 Datasheet
229Kb / 9P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1J474JMW PANASONIC-ECQ-V1J474JMW Datasheet
223Kb / 9P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1H474JL3 PANASONIC-ECQ-V1H474JL3 Datasheet
112Kb / 4P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1H824JL3 PANASONIC-ECQ-V1H824JL3 Datasheet
223Kb / 9P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1183JM2 PANASONIC-ECQ-V1183JM2 Datasheet
112Kb / 4P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1H154JL2 PANASONIC-ECQ-V1H154JL2 Datasheet
223Kb / 9P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1H224JL3 PANASONIC-ECQ-V1H224JL3 Datasheet
619Kb / 3P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1H473JL2 PANASONIC-ECQ-V1H473JL2 Datasheet
223Kb / 9P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1H273JL3 PANASONIC-ECQ-V1H273JL3 Datasheet
223Kb / 9P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1H104JL2 PANASONIC-ECQ-V1H104JL2 Datasheet
229Kb / 9P
   Stacked Metallized Plastic Film Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com