Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN4661BRZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADN4661BRZ
Description  Single, 3 V, CMOS, LVDS, High Speed Differential Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4661BRZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADN4661BRZ Datasheet HTML 3Page - Analog Devices ADN4661BRZ Datasheet HTML 4Page - Analog Devices ADN4661BRZ Datasheet HTML 5Page - Analog Devices ADN4661BRZ Datasheet HTML 6Page - Analog Devices ADN4661BRZ Datasheet HTML 7Page - Analog Devices ADN4661BRZ Datasheet HTML 8Page - Analog Devices ADN4661BRZ Datasheet HTML 9Page - Analog Devices ADN4661BRZ Datasheet HTML 10Page - Analog Devices ADN4661BRZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADN4661
Rev. 0 | Page 7 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
1.415
1.414
1.413
1.412
3.0
3.1
3.2
3.3
3.4
3.5
3.6
POWER SUPPLY VOLTAGE, VCC (V)
TA = 25°C
RL = 100Ω
Figure 6. Output High Voltage vs. Power Supply Voltage
1.090
1.089
1.088
1.087
3.0
3.1
3.2
3.3
3.4
3.5
3.6
POWER SUPPLY VOLTAGE, VCC (V)
TA = 25°C
RL = 100Ω
Figure 7. Output Low Voltage vs. Power Supply Voltage
–3.9
–4.0
–4.1
–4.2
3.0
3.1
3.2
3.3
3.4
3.5
3.6
POWER SUPPLY VOLTAGE, VCC (V)
TA = 25°C
VIN = GND OR VCC
VOUT = 0V
Figure 8. Output Short-Circuit Current vs. Power Supply Voltage
325.0
324.2
324.4
324.6
324.8
324.0
3.03.13.23.3
3.43.53.6
POWER SUPPLY VOLTAGE, VCC (V)
TA = 25°C
RL = 100Ω
Figure 9. Differential Output Voltage vs. Power Supply Voltage
500
300
350
400
450
250
90
100
110
120
130
140
150
LOAD RESISTOR, RL (Ω)
TA = 25°C
VCC = 3.3V
Figure 10. Differential Output Voltage vs. Load Resistor
1.252
1.250
1.251
1.249
3.03.13.23.3
3.43.53.6
POWER SUPPLY VOLTAGE, VCC (V)
TA = 25°C
RL = 100Ω
Figure 11. Offset Voltage vs. Power Supply Voltage


Similar Part No. - ADN4661BRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4661BRZ AD-ADN4661BRZ Datasheet
251Kb / 12P
   Single, 3 V, CMOS, LVDS, High Speed Differential Driver
REV. 0
ADN4661BRZ AD-ADN4661BRZ Datasheet
251Kb / 12P
   Single, 3 V, CMOS, LVDS, High Speed Differential Driver
Rev. 0
ADN4661BRZ-REEL7 AD-ADN4661BRZ-REEL7 Datasheet
251Kb / 12P
   Single, 3 V, CMOS, LVDS, High Speed Differential Driver
REV. 0
ADN4661BRZ-REEL7 AD-ADN4661BRZ-REEL7 Datasheet
251Kb / 12P
   Single, 3 V, CMOS, LVDS, High Speed Differential Driver
Rev. 0
ADN4661BRZ-REEL71 AD-ADN4661BRZ-REEL71 Datasheet
251Kb / 12P
   Single, 3 V, CMOS, LVDS, High Speed Differential Driver
REV. 0
More results

Similar Description - ADN4661BRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4661BRZ AD-ADN4661BRZ Datasheet
251Kb / 12P
   Single, 3 V, CMOS, LVDS, High Speed Differential Driver
REV. 0
ADN4661BRZ-REEL7 AD-ADN4661BRZ-REEL7 Datasheet
251Kb / 12P
   Single, 3 V, CMOS, LVDS, High Speed Differential Driver
REV. 0
ADN4661 AD-ADN4661 Datasheet
251Kb / 12P
   Single, 3 V, CMOS, LVDS, High Speed Differential Driver
Rev. 0
ADN4663BRZ AD-ADN4663BRZ Datasheet
249Kb / 12P
   Dual, 3 V, CMOS, LVDS High Speed Differential Driver
REV. 0
ADN4663BRZ AD-ADN4663BRZ Datasheet
249Kb / 12P
   Dual, 3 V, CMOS, LVDS High Speed Differential Driver
Rev. 0
ADN4663BRZ AD-ADN4663BRZ Datasheet
249Kb / 12P
   Dual, 3 V, CMOS, LVDS High Speed Differential Driver
REV. 0
logo
National Semiconductor ...
DS90LV017 NSC-DS90LV017 Datasheet
480Kb / 4P
   LVDS Single High Speed Differential Driver
DS90LV017A NSC-DS90LV017A_05 Datasheet
633Kb / 8P
   LVDS Single High Speed Differential Driver
DS90LV017A NSC-DS90LV017A Datasheet
194Kb / 7P
   LVDS Single High Speed Differential Driver
logo
Texas Instruments
DSLVDS1001 TI1-DSLVDS1001 Datasheet
653Kb / 25P
[Old version datasheet]   3.3-V LVDS Single Channel High Speed Differential Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com