Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN4661BRZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADN4661BRZ
Description  Single, 3 V, CMOS, LVDS, High Speed Differential Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4661BRZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADN4661BRZ Datasheet HTML 4Page - Analog Devices ADN4661BRZ Datasheet HTML 5Page - Analog Devices ADN4661BRZ Datasheet HTML 6Page - Analog Devices ADN4661BRZ Datasheet HTML 7Page - Analog Devices ADN4661BRZ Datasheet HTML 8Page - Analog Devices ADN4661BRZ Datasheet HTML 9Page - Analog Devices ADN4661BRZ Datasheet HTML 10Page - Analog Devices ADN4661BRZ Datasheet HTML 11Page - Analog Devices ADN4661BRZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ADN4661
Rev. 0 | Page 11 of 12
OUTLINE DIMENSIONS
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
COMPLIANT TO JEDEC STANDARDS MS-012-A A
0.25 (0.0098)
0.17 (0.0067)
1.27 (0.0500)
0.40 (0.0157)
0.50 (0.0196)
0.25 (0.0099)
45°
1.75 (0.0688)
1.35 (0.0532)
SEATING
PLANE
0.25 (0.0098)
0.10 (0.0040)
4
1
85
5.00 (0.1968)
4.80 (0.1890)
4.00 (0.1574)
3.80 (0.1497)
1.27 (0.0500)
BSC
6.20 (0.2441)
5.80 (0.2284)
0.51 (0.0201)
0.31 (0.0122)
COPLANARITY
0.10
Figure 22. 8-Lead Standard Small Outline Package [SOIC_N]
Narrow Body
(R-8)
Dimensions shown in millimeters and (inches)
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
ADN4661BRZ1
−40°C to +85°C
8-Lead Standard Small Outline Package [SOIC-N]
R-8
ADN4661BRZ-REEL71
−40°C to +85°C
8-Lead Standard Small Outline Package [SOIC-N]
R-8
1 Z = RoHS Compliant Part.


Similar Part No. - ADN4661BRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4661BRZ AD-ADN4661BRZ Datasheet
251Kb / 12P
   Single, 3 V, CMOS, LVDS, High Speed Differential Driver
REV. 0
ADN4661BRZ AD-ADN4661BRZ Datasheet
251Kb / 12P
   Single, 3 V, CMOS, LVDS, High Speed Differential Driver
Rev. 0
ADN4661BRZ-REEL7 AD-ADN4661BRZ-REEL7 Datasheet
251Kb / 12P
   Single, 3 V, CMOS, LVDS, High Speed Differential Driver
REV. 0
ADN4661BRZ-REEL7 AD-ADN4661BRZ-REEL7 Datasheet
251Kb / 12P
   Single, 3 V, CMOS, LVDS, High Speed Differential Driver
Rev. 0
ADN4661BRZ-REEL71 AD-ADN4661BRZ-REEL71 Datasheet
251Kb / 12P
   Single, 3 V, CMOS, LVDS, High Speed Differential Driver
REV. 0
More results

Similar Description - ADN4661BRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4661BRZ AD-ADN4661BRZ Datasheet
251Kb / 12P
   Single, 3 V, CMOS, LVDS, High Speed Differential Driver
REV. 0
ADN4661BRZ-REEL7 AD-ADN4661BRZ-REEL7 Datasheet
251Kb / 12P
   Single, 3 V, CMOS, LVDS, High Speed Differential Driver
REV. 0
ADN4661 AD-ADN4661 Datasheet
251Kb / 12P
   Single, 3 V, CMOS, LVDS, High Speed Differential Driver
Rev. 0
ADN4663BRZ AD-ADN4663BRZ Datasheet
249Kb / 12P
   Dual, 3 V, CMOS, LVDS High Speed Differential Driver
REV. 0
ADN4663BRZ AD-ADN4663BRZ Datasheet
249Kb / 12P
   Dual, 3 V, CMOS, LVDS High Speed Differential Driver
Rev. 0
ADN4663BRZ AD-ADN4663BRZ Datasheet
249Kb / 12P
   Dual, 3 V, CMOS, LVDS High Speed Differential Driver
REV. 0
logo
National Semiconductor ...
DS90LV017 NSC-DS90LV017 Datasheet
480Kb / 4P
   LVDS Single High Speed Differential Driver
DS90LV017A NSC-DS90LV017A_05 Datasheet
633Kb / 8P
   LVDS Single High Speed Differential Driver
DS90LV017A NSC-DS90LV017A Datasheet
194Kb / 7P
   LVDS Single High Speed Differential Driver
logo
Texas Instruments
DSLVDS1001 TI1-DSLVDS1001 Datasheet
653Kb / 25P
[Old version datasheet]   3.3-V LVDS Single Channel High Speed Differential Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com