Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN4661BRZ-REEL7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADN4661BRZ-REEL7
Description  Single, 3 V, CMOS, LVDS, High Speed Differential Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4661BRZ-REEL7 Datasheet(HTML) 1 Page - Analog Devices

  ADN4661BRZ-REEL7 Datasheet HTML 1Page - Analog Devices ADN4661BRZ-REEL7 Datasheet HTML 2Page - Analog Devices ADN4661BRZ-REEL7 Datasheet HTML 3Page - Analog Devices ADN4661BRZ-REEL7 Datasheet HTML 4Page - Analog Devices ADN4661BRZ-REEL7 Datasheet HTML 5Page - Analog Devices ADN4661BRZ-REEL7 Datasheet HTML 6Page - Analog Devices ADN4661BRZ-REEL7 Datasheet HTML 7Page - Analog Devices ADN4661BRZ-REEL7 Datasheet HTML 8Page - Analog Devices ADN4661BRZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Single, 3 V, CMOS, LVDS,
High Speed Differential Driver
ADN4661
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
±15 kV ESD protection on output pins
600 Mbps (300 MHz) switching rates
Flow-through pinout simplifies PCB layout
300 ps typical differential skew
700 ps maximum differential skew
1.5 ns maximum propagation delay
3.3 V power supply
±355 mV differential signaling
Low power dissipation: 23 mW typical
Interoperable with existing 5 V LVDS receivers
Conforms to TIA/EIA-644 LVDS standards
Industrial operating temperature range (−40°C to +85°C)
Available in surface-mount (SOIC) package
APPLICATIONS
Backplane data transmission
Cable data transmission
Clock distribution
FUNCTIONAL BLOCK DIAGRAM
ADN4661
VCC
DIN
DOUT+
DOUT–
GND
NC
NC NC
NC = NO CONNECT
Figure 1.
GENERAL DESCRIPTION
The ADN4661 is a single, CMOS, low voltage differential
signaling (LVDS) line driver offering data rates of over
600 Mbps (300 MHz) and ultra-low power consumption.
It features a flow-through pinout for easy PCB layout and
separation of input and output signals.
The device accepts low voltage TTL/CMOS logic signals and
converts them to a differential current output of typically
±3.1 mA for driving a transmission medium such as a twisted-
pair cable. The transmitted signal develops a differential voltage
of typically ±355 mV across a termination resistor at the receiv-
ing end, and this is converted back to a TTL/CMOS logic level
by a line receiver.
The ADN4661 and a companion LVDS receiver offer a new
solution to high speed point-to-point data transmission, and a
low power alternative to emitter-coupled logic (ECL) or positive
emitter-coupled logic (PECL).


Similar Part No. - ADN4661BRZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4661BRZ-REEL7 AD-ADN4661BRZ-REEL7 Datasheet
251Kb / 12P
   Single, 3 V, CMOS, LVDS, High Speed Differential Driver
REV. 0
ADN4661BRZ-REEL7 AD-ADN4661BRZ-REEL7 Datasheet
251Kb / 12P
   Single, 3 V, CMOS, LVDS, High Speed Differential Driver
Rev. 0
ADN4661BRZ-REEL71 AD-ADN4661BRZ-REEL71 Datasheet
251Kb / 12P
   Single, 3 V, CMOS, LVDS, High Speed Differential Driver
REV. 0
More results

Similar Description - ADN4661BRZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4661BRZ AD-ADN4661BRZ Datasheet
251Kb / 12P
   Single, 3 V, CMOS, LVDS, High Speed Differential Driver
REV. 0
ADN4661BRZ-REEL7 AD-ADN4661BRZ-REEL7 Datasheet
251Kb / 12P
   Single, 3 V, CMOS, LVDS, High Speed Differential Driver
REV. 0
ADN4661 AD-ADN4661 Datasheet
251Kb / 12P
   Single, 3 V, CMOS, LVDS, High Speed Differential Driver
Rev. 0
ADN4663BRZ AD-ADN4663BRZ Datasheet
249Kb / 12P
   Dual, 3 V, CMOS, LVDS High Speed Differential Driver
REV. 0
ADN4663BRZ AD-ADN4663BRZ Datasheet
249Kb / 12P
   Dual, 3 V, CMOS, LVDS High Speed Differential Driver
Rev. 0
ADN4663BRZ AD-ADN4663BRZ Datasheet
249Kb / 12P
   Dual, 3 V, CMOS, LVDS High Speed Differential Driver
REV. 0
logo
National Semiconductor ...
DS90LV017 NSC-DS90LV017 Datasheet
480Kb / 4P
   LVDS Single High Speed Differential Driver
DS90LV017A NSC-DS90LV017A_05 Datasheet
633Kb / 8P
   LVDS Single High Speed Differential Driver
DS90LV017A NSC-DS90LV017A Datasheet
194Kb / 7P
   LVDS Single High Speed Differential Driver
logo
Texas Instruments
DSLVDS1001 TI1-DSLVDS1001 Datasheet
653Kb / 25P
[Old version datasheet]   3.3-V LVDS Single Channel High Speed Differential Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com