Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP25E070054A Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # AP25E070054A
Description  25mm One Stage GPS Active Patch Antenna Module with front-end Saw Filter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP25E070054A Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button AP25E070054A Datasheet HTML 3Page - List of Unclassifed Manufacturers AP25E070054A Datasheet HTML 4Page - List of Unclassifed Manufacturers AP25E070054A Datasheet HTML 5Page - List of Unclassifed Manufacturers AP25E070054A Datasheet HTML 6Page - List of Unclassifed Manufacturers AP25E070054A Datasheet HTML 7Page - List of Unclassifed Manufacturers AP25E070054A Datasheet HTML 8Page - List of Unclassifed Manufacturers AP25E070054A Datasheet HTML 9Page - List of Unclassifed Manufacturers AP25E070054A Datasheet HTML 10Page - List of Unclassifed Manufacturers AP25E070054A Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
90
270
180
0
8
5
0
-5
-10
-15
-20
-25
-30
-35
-40
SPE-11-8-038/C | page 8 of 11
6.3 XY Plane Radiation
Pattern
Model No.
Test Mode Freq (MHz) Max Gain(dBi) Min Gain(dBi) Avg. Gain(dBi) Source Polar.
Date
1
AP.25E.07.0054A
XZ
1579.42
0.86 / 347.00 -18.16 / 187.00
-3.65
RHCP
2010/4/19
2
AP.25E.07.0054A
YZ
1579.42
0.73 / 357.00 -20.87 / 181.00
-3.44
RHCP
2010/4/19


Similar Part No. - AP25E070054A

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
AP25E070054A TAOGLAS-AP25E070054A Datasheet
708Kb / 10P
   25mm one Stage GPS/Galileo Active Patch Antenna Module
More results

Similar Description - AP25E070054A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP25M070080A ETC2-AP25M070080A Datasheet
1Mb / 12P
   25mm One Stage GPS Active Patch Antenna Module with front-end Saw Filter
logo
Taoglas antenna solutio...
AP25M070080A TAOGLAS-AP25M070080A Datasheet
632Kb / 9P
   25mm One Stage GPS Active Patch Antenna Module with front-end Saw Fi
logo
List of Unclassifed Man...
AP25F070078A ETC2-AP25F070078A Datasheet
1Mb / 11P
   25mm Two Stage GPS Active Patch Antenna Module with front-end Saw Filter
AP17E070064A ETC2-AP17E070064A Datasheet
1Mb / 11P
   17mm One Stage GPS Active Patch Antenna Module with Front End SAW Filter
AGGP25F070060A ETC2-AGGP25F070060A Datasheet
1Mb / 11P
   25mm Two Stage GPS-Glonass- GNSS Active Patch Antenna Module with Front-end Saw Filter
logo
Taoglas antenna solutio...
AGGP25F070060A TAOGLAS-AGGP25F070060A Datasheet
716Kb / 9P
    25mm Two Stage GPS-Glonass- GNSS Active Patch Antenna Module with Front-end Saw Filter
AP25E070054A TAOGLAS-AP25E070054A Datasheet
708Kb / 10P
   25mm one Stage GPS/Galileo Active Patch Antenna Module
logo
List of Unclassifed Man...
AP35A070054A ETC2-AP35A070054A Datasheet
619Kb / 14P
   35mm One Stage GPS Active Patch Antenna Module with back-end Saw Filter
logo
Taoglas antenna solutio...
AP35A070054A TAOGLAS-AP35A070054A Datasheet
988Kb / 11P
   35mm One Stage GPS Active Patch Antenna Module with back-end Saw Filter
logo
List of Unclassifed Man...
AP12F070045A ETC2-AP12F070045A Datasheet
1Mb / 11P
   12mm Two Stage 25dB GPS Active Patch Antenna Module with front-end Saw Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com