Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM28F256-90EI Datasheet(PDF) 4 Page - Advanced Micro Devices

Part # AM28F256-90EI
Description  256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM28F256-90EI Datasheet(HTML) 4 Page - Advanced Micro Devices

  AM28F256-90EI Datasheet HTML 1Page - Advanced Micro Devices AM28F256-90EI Datasheet HTML 2Page - Advanced Micro Devices AM28F256-90EI Datasheet HTML 3Page - Advanced Micro Devices AM28F256-90EI Datasheet HTML 4Page - Advanced Micro Devices AM28F256-90EI Datasheet HTML 5Page - Advanced Micro Devices AM28F256-90EI Datasheet HTML 6Page - Advanced Micro Devices AM28F256-90EI Datasheet HTML 7Page - Advanced Micro Devices AM28F256-90EI Datasheet HTML 8Page - Advanced Micro Devices AM28F256-90EI Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
4
Am28F256
CONNECTION DIAGRAMS (continued)
LOGIC SYMBOL
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32-Pin TSOP—Standard Pinout
A11
A9
A8
A13
A14
NC
WE#
VCC
VPP
NC
NC
A12
A7
A6
A5
A4
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
OE#
A10
CE#
D7
D6
D5
D4
D3
VSS
D2
D1
D0
A0
A1
A2
A3
32-Pin TSOP—Reverse Pinout
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A11
A9
A8
A13
A14
NC
WE#
VCC
VPP
NC
NC
A12
A7
A6
A5
A4
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
OE#
A10
CE#
D7
D6
D5
D4
D3
VSS
D2
D1
D0
A0
A1
A2
A3
11560G-4
15
8
DQ0
A0–A14
CE# (E#)
OE# (G#)
–DQ7
WE# (W#)
11560F-5


Similar Part No. - AM28F256-90EI

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM28F256A AMD-AM28F256A Datasheet
456Kb / 35P
   256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
AM28F256A-120EC AMD-AM28F256A-120EC Datasheet
456Kb / 35P
   256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
AM28F256A-120ECB AMD-AM28F256A-120ECB Datasheet
456Kb / 35P
   256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
AM28F256A-120EE AMD-AM28F256A-120EE Datasheet
456Kb / 35P
   256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
AM28F256A-120EEB AMD-AM28F256A-120EEB Datasheet
456Kb / 35P
   256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
More results

Similar Description - AM28F256-90EI

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM28F256A AMD-AM28F256A Datasheet
456Kb / 35P
   256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
AM28F512 AMD-AM28F512 Datasheet
484Kb / 35P
   512 Kilobit (64 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
AM28F020 AMD-AM28F020 Datasheet
509Kb / 35P
   2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
AM28F512A AMD-AM28F512A Datasheet
463Kb / 34P
   512 Kilobit (64 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
AM28F010 AMD-AM28F010 Datasheet
492Kb / 35P
   1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
AM28F020A AMD-AM28F020A Datasheet
470Kb / 35P
   2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
AM28F010A AMD-AM28F010A Datasheet
464Kb / 35P
   1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
AM27C256 AMD-AM27C256 Datasheet
171Kb / 12P
   256 Kilobit (32 K x 8-Bit) CMOS EPRO
AM27X256 AMD-AM27X256 Datasheet
139Kb / 10P
   256 Kilobit (32 K x 8-Bit) CMOS ExpressROM Device
logo
Mosel Vitelic, Corp
V29LC51000 MOSEL-V29LC51000 Datasheet
52Kb / 12P
   512 KILOBIT 65,536 x 8 BIT 5 VOLT CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com