Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP83121D Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # TISP83121D
Description  DUAL-GATE UNIDIRECTIONAL OVERVOLTAGE PROTECTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP83121D Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  TISP83121D Datasheet HTML 1Page - Bourns Electronic Solutions TISP83121D Datasheet HTML 2Page - Bourns Electronic Solutions TISP83121D Datasheet HTML 3Page - Bourns Electronic Solutions TISP83121D Datasheet HTML 4Page - Bourns Electronic Solutions TISP83121D Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FEBRUARY 1999 – REVISED JULY 2008
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Electrical Characteristics, TJ = 25 °C (Unless Otherwise Noted)
TISP83121D Unidirectional P & N-Gate Protector
Absolute Maximum Ratings
Thermal Characteristics
Parameter
Test Conditions
Min
Typ
Max
Unit
ID
Off-state current
Vd =70 V, IG =0
1
µA
IDRM
Repetitive peak off-
state current
Vd =VDRM = 100 V, IG =0, 0 °C to 70 °C10
µA
IH
Holding current
IT = 1 A, di/dt = -1A/ms
TJ = 0 to 70 °C
TJ = 25 °C
TJ = 70 °C
90
60
300
mA
IR
Reverse current
VR =0.3 V
1mA
IG1T
Gate G1 trigger current
IT =+1 A, tp(g) =20 µs
+200
mA
IG2T
Gate G2 trigger current
IT =+1 A, tp(g) =20 µs
-180
mA
VG1T
G1-K trigger voltage
IT =+1 A, tp(g) =20 µs+1.8
V
VG2T
G2-A trigger voltage
IT =+1 A, tp(g) =20 µs-1.8
V
CAK
Anode-cathode off-
state capacitance
f=1MHz, Vd =1V rms, VD =5V, IG = 0 (see Note 3)
100
pF
NOTE
3: These capacitance measurements employ a three terminal capacitance bridge incorporating a guard circuit. The unmeasured
device terminals are a.c. connected to the guard terminal of the bridge.
Parameter
Test Conditions
Min
Typ
Max
Unit
R θJA
Junction to free air thermal resistance
TA
T
TSM(900)
= 25 °C, EIA/JESD51-3 PCB,
EIA/JESD51-2 environment, I = I
105
°C/W
Rating
Symbol
Value
Unit
Repetitive peak off-state voltage, 0 °C to 70 °CVDRM
100
V
Non-repetitive peak on-state pulse current (see Notes 1 and 2)
ITSP
A
10/1000
(GR-1089-CORE, open-circuit voltage wave shape 10/1000
150
5/310
(CCITT K20/21, open-circuit voltage wave shape 7 kV, 10/700
250
8/20 µs
µs
µs)
µs)
µs)
µs
(ANSI C62.41, open-circuit voltage wave shape 1.2/50
500
Non-repetitive peak on-state current, 50 Hz, halfwave rectified sinewave, (see Notes 1 and 2)
100 ms
1 s
900 s
ITSM
22
8
3
A
Junction temperature
TJ
-40 to +150
°C
Storage temperature range
Tstg
-65 to +150
°C
NOTES: 1. Initially the protector must be in thermal equilibrium with 0 °C < TJ < 70 °C. The surge may be repeated after the device returns to
its initial conditions. For operation at the rated current value, pins 1, 4, 5 and 8 must be connected together.
2. Above 70 °C, derate linearly to zero at 150 °C lead temperature.


Similar Part No. - TISP83121D

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP83121D POINN-TISP83121D Datasheet
134Kb / 7P
   DUAL-GATE UNIDIRECTIONAL OVERVOLTAGE PROTECTOR
TISP83121DR POINN-TISP83121DR Datasheet
134Kb / 7P
   DUAL-GATE UNIDIRECTIONAL OVERVOLTAGE PROTECTOR
More results

Similar Description - TISP83121D

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP83121D POINN-TISP83121D Datasheet
134Kb / 7P
   DUAL-GATE UNIDIRECTIONAL OVERVOLTAGE PROTECTOR
logo
Bourns Electronic Solut...
TISP8250 BOURNS-TISP8250 Datasheet
183Kb / 4P
   UNIDIRECTIONAL P-GATE THYRISTOR OVERVOLTAGE AND OVERCURRENT PROTECTOR
TISP8250D BOURNS-TISP8250D_08 Datasheet
257Kb / 4P
   UNIDIRECTIONAL P-GATE THYRISTOR OVERVOLTAGE AND OVERCURRENT PROTECTOR
TISP1120F3D BOURNS-TISP1120F3D Datasheet
183Kb / 5P
   DUAL FORWARD-CONDUCTING UNIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTOR
TISP61089HDM BOURNS-TISP61089HDM Datasheet
218Kb / 7P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTOR PROGRAMMABLE OVERVOLTAGE PROTECTOR
TISP9110LDM BOURNS-TISP9110LDM_07 Datasheet
212Kb / 5P
   Overvoltage Protector
TISP4A250H3BJ BOURNS-TISP4A250H3BJ Datasheet
535Kb / 8P
   Overvoltage Protector
TISP61089HDM BOURNS-TISP61089HDM_07 Datasheet
279Kb / 7P
   Overvoltage Protector
TISP1XXXF3 BOURNS-TISP1XXXF3 Datasheet
752Kb / 13P
   Overvoltage Protector
logo
Power Innovations Ltd
TISP61CAP3 POINN-TISP61CAP3 Datasheet
89Kb / 5P
   PROGRAMMABLE OVERVOLTAGE PROTECTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com