Electronic Components Datasheet Search |
|
CC1808KKNPOCBN103 Datasheet(PDF) 4 Page - YAGEO Corporation |
|
CC1808KKNPOCBN103 Datasheet(HTML) 4 Page - YAGEO Corporation |
4 / 15 page High-Voltage NP0 /X7R 1 KV to 3 KV www.yageo.com Dec. 19, 2012 V.6 Surface-Mount Ceramic Multilayer Capacitors 4 15 Product specification (1) Please refer to "Last 2-digit of 12NC" in "CAPACITANCE RANGE & THICKNESS FOR X7R" (2) Tolerance ±5% is not available for full product range, please contact local sales force before ordering (3) Quantity on reel depends on thickness classification; see table 5 Ordering information for X7R 1 KV to 3 KV 2 2 X X X X X X X X X X Carrier type 50 = Blister 55 = Paper/PE 54 = Bulk Rated voltage - Termination 00 = 1 KV 02 = 2 KV 04 = 3 KV Size 1 = 1206 2 = 1210 3 = 1808 4 = 1812 Capacitance value(1) Tolerance 5 = ±5%(2) 6 = ±10% Packaging(3) 1 = reel: ∅180 mm; 7" 5 = reel: ∅330 mm; 13" 4 = bulk case Temperature characteristic 5 = X7R YNM0040 PHYCOMP CTC CODE (FOR NORTH AMERICA) Example: 12102R102KFBB00 1210 2R 102 K F B B 0 0 Size code Temp. Char. Capacitance in pF Tolerance Voltage Termination Packing Marking Range identifier 0805 1206 1210 1808 1812 CG = NP0 2R = X7R 101 = 100 pF; the third digit signifies the multiplying factor: 8 = × 0.01 9 = × 0.1 0 = × 1 1 = × 10 2 = × 100 3 = × 1,000 C = ±0.25 pF D = ±0.5 pF G = ±2% J = ±5% K = ±10% E = 1 KV F = 2 KV G = 3 KV B = NiSn 2 = 180 mm 7” Paper/PE 3 = 330 mm 13” Paper/PE B = 180 mm 7” Blister F = 330 mm 13” Blister P = Bulk case 0 = no marking 0 = conv. Ceramic D = Class 2 MLCC |
Similar Part No. - CC1808KKNPOCBN103 |
|
Similar Description - CC1808KKNPOCBN103 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |