Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTV6N100E Datasheet(PDF) 5 Page - Motorola, Inc

Part # MTV6N100E
Description  TMOS POWER FET 6.0 AMPERES 1000 VOLTS RDS(on) = 1.5 OHM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTV6N100E Datasheet(HTML) 5 Page - Motorola, Inc

  MTV6N100E Datasheet HTML 1Page - Motorola, Inc MTV6N100E Datasheet HTML 2Page - Motorola, Inc MTV6N100E Datasheet HTML 3Page - Motorola, Inc MTV6N100E Datasheet HTML 4Page - Motorola, Inc MTV6N100E Datasheet HTML 5Page - Motorola, Inc MTV6N100E Datasheet HTML 6Page - Motorola, Inc MTV6N100E Datasheet HTML 7Page - Motorola, Inc MTV6N100E Datasheet HTML 8Page - Motorola, Inc MTV6N100E Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MTV6N100E
5
Motorola TMOS Power MOSFET Transistor Device Data
Figure 8. Gate–To–Source and Drain–To–Source
Voltage versus Total Charge
Figure 9. Resistive Switching Time
Variation versus Gate Resistance
Figure 10. Stored Charge
Figure 11. Diode Forward Voltage versus Current
0
5
IS = 6 A
dlS/dt = 100 A/
µs
VDD = 25 V
TJ = 25°C
2
ID, DRAIN CURRENT (AMPS)
1
3
0
6
1000
100
10
0
10
100
RG, GATE RESISTANCE (OHMS)
4
5
VDD = 480 V
ID = 6 A
VGS = 10 V
TJ = 25°C
tr
tf
td(off)
td(on)
QG, TOTAL GATE CHARGE (nC)
70
0
10
20
40
60
ID = 6 A
TJ = 25°C
VDS
VGS
Q1
Q2
QT
Q3
30
50
10
6
2
0
16
8
4
14
12
400
350
300
250
200
150
50
100
0
VSD, SOURCE–TO–DRAIN VOLTAGE (VOLTS)
0.50
0.70
0.78
0.82
0
4
6
VGS = 0 V
TJ = 25°C
2
0.66
0.74
0.58
0.54
0.62
5
3
1
2
1
3
4
SAFE OPERATING AREA
The Forward Biased Safe Operating Area curves define
the maximum simultaneous drain–to–source voltage and
drain current that a transistor can handle safely when it is for-
ward biased. Curves are based upon maximum peak junc-
tion temperature and a case temperature (TC) of 25°C. Peak
repetitive pulsed power limits are determined by using the
thermal response data in conjunction with the procedures
discussed in AN569, “Transient Thermal Resistance–General
Data and Its Use.”
Switching between the off–state and the on–state may tra-
verse any load line provided neither rated peak current (IDM)
nor rated voltage (VDSS) is exceeded and the transition time
(tr,tf) do not exceed 10 µs. In addition the total power aver-
aged over a complete switching cycle must not exceed
(TJ(MAX) – TC)/(R
θJC).
A Power MOSFET designated E–FET can be safely used
in switching circuits with unclamped inductive loads. For reli-
able operation, the stored energy from circuit inductance dis-
sipated in the transistor while in avalanche must be less than
the rated limit and adjusted for operating conditions differing
from those specified. Although industry practice is to rate in
terms of energy, avalanche energy capability is not a con-
stant. The energy rating decreases non–linearly with an in-
crease of peak current in avalanche and peak junction
temperature.
Although many E–FETs can withstand the stress of drain–
to–source avalanche at currents up to rated pulsed current
(IDM), the energy rating is specified at rated continuous cur-
rent (ID), in accordance with industry custom. The energy rat-
ing must be derated for temperature as shown in the
accompanying graph (Figure 12). Maximum energy at cur-
rents below rated continuous ID can safely be assumed to
equal the values indicated.


Similar Part No. - MTV6N100E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTV6N100E ONSEMI-MTV6N100E Datasheet
287Kb / 11P
   Power Field Effect Transistor
August, 2006 ??Rev. 1
logo
Inchange Semiconductor ...
MTV6N100E ISC-MTV6N100E Datasheet
298Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - MTV6N100E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTW6N100E MOTOROLA-MTW6N100E Datasheet
195Kb / 8P
   TMOS POWER FET 6.0 AMPERES 1000 VOLTS RDS(on) = 1.5 OHM
MTD6N20E MOTOROLA-MTD6N20E Datasheet
269Kb / 10P
   TMOS POWER FET 6.0 AMPERES 200 VOLTS RDS(on) = 0.7 OHM
MTD6P10E MOTOROLA-MTD6P10E Datasheet
261Kb / 10P
   TMOS POWER FET 6.0 AMPERES 100 VOLTS RDS(on) = 0.66 OHM
MTD6N15 MOTOROLA-MTD6N15 Datasheet
231Kb / 10P
   TMOS POWER FET 6.0 AMPERES 150 VOLTS RDS(on) = 0.3 OHM
MTP2P50E MOTOROLA-MTP2P50E Datasheet
230Kb / 8P
   TMOS POWER FET 2.0 AMPERES 500 VOLTS RDS(on) = 6.0 OHM
MTD6N10E MOTOROLA-MTD6N10E Datasheet
211Kb / 10P
   TMOS POWER FET 6.0 AMPERES 100 VOLTS RDS(on) = 0.400 OHM
MTP6P20E MOTOROLA-MTP6P20E Datasheet
216Kb / 8P
   TMOS POWER FET 6.0 AMPERES 200 VOLTS RDS(on) = 1.0 OHM
MTV10N100E MOTOROLA-MTV10N100E Datasheet
269Kb / 10P
   TMOS POWER FET 10 AMPERES 1000 VOLTS RDS(on) = 1.3 OHM
MTP1N100E MOTOROLA-MTP1N100E Datasheet
203Kb / 8P
   TMOS POWER FET 1.0 AMPERES 1000 VOLTS RDS(on) = 9.0 OHM
MTW10N100E MOTOROLA-MTW10N100E Datasheet
192Kb / 8P
   TMOS POWER FET 10 AMPERES 1000 VOLTS RDS(on) = 1.3 OHM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com