Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1622A-079-FC-1351-04 Datasheet(PDF) 1 Page - Emcore Corporation

Part # 1622A-079-FC-1351-04
Description  1622 CWDM DFB Laser Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

1622A-079-FC-1351-04 Datasheet(HTML) 1 Page - Emcore Corporation

  1622A-079-FC-1351-04 Datasheet HTML 1Page - Emcore Corporation 1622A-079-FC-1351-04 Datasheet HTML 2Page - Emcore Corporation 1622A-079-FC-1351-04 Datasheet HTML 3Page - Emcore Corporation 1622A-079-FC-1351-04 Datasheet HTML 4Page - Emcore Corporation 1622A-079-FC-1351-04 Datasheet HTML 5Page - Emcore Corporation 1622A-079-FC-1351-04 Datasheet HTML 6Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DATASHEET | APRIL 2013
FIBER OPTICS
| REV 2013.04
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Applications
CWDM Forward Path
Broadcast and Narrowcast Networks
CWDM Cuts New Fiber Costs
High Optical Splits
Features
OC-48 Pinout Compatible
Telcordia TechnologiesTM 468
Compliant
Up to 79 Channel Count
Up to 20 mW
Wide Temperature Range – Stable even
in Harsh Environments
The 1622 ITU G.695 compliant CWDM forward path DFB laser components are
designed for both broadcast and narrowcast analog applications. The highly
linear, OC-48 pinout compatible components feature options for up to 20 mW of
minimum optical output power with superior distortion performance over an
enhanced temperature range of -40
C to +85C.
Performance Highlights
Min
Typical
Max
Units
Wavelength
1287
1307
1327
1347
1367
1291
1311
1331
1351
1371
1295
1315
1335
1355
1375
nm
Optical Output Power
4
6
8
10
13
16
20
-
-
mW
Temperature Range
-40
-
+85
C
Frequency Range
5
-
1002
MHz
Carrier to Noise Ratio
51
-
-
dB
Composite Second Order (1622B versions)
-
-
-59
dBc
Composite Triple Beat
-
-
-65
dBc
1622 CWDM DFB Laser Module


Similar Part No. - 1622A-079-FC-1351-04

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1622A-079-FC-1351-04 EMCORE-1622A-079-FC-1351-04 Datasheet
738Kb / 6P
   OC-48 Pinout Compatible
More results

Similar Description - 1622A-079-FC-1351-04

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1622-E1-AA-D1-1291-04 EMCORE-1622-E1-AA-D1-1291-04 Datasheet
318Kb / 6P
   CWDM DFB Laser Module
logo
Optoway Technology Inc
DL-5100-CXX0 OPTOWAY-DL-5100-CXX0 Datasheet
110Kb / 2P
   1270 nm ~ 1610 nm DFB LASER DIODES CWDM MQW-DFB LASER DIODES
DL-5100-CXX0 OPTOWAY-DL-5100-CXX0_07 Datasheet
119Kb / 3P
   1270 nm ~ 1610 nm DFB LASER DIODES CWDM MQW-DFB LASER DIODES
DL-5100S-CXX0 OPTOWAY-DL-5100S-CXX0 Datasheet
110Kb / 2P
   1270 nm ~ 1610 nm DFB LASER DIODES 2.5 Gbps CWDM MQW-DFB LASER DIODES
DL-5300S-1625 OPTOWAY-DL-5300S-1625 Datasheet
91Kb / 2P
   1625 nm DFB LASER DIODE MODULE 1625 nm DFB LASER DIODE MODULE
logo
Emcore Corporation
1612A-079-FC-04 EMCORE-1612A-079-FC-04_12 Datasheet
607Kb / 6P
   1310 nm DFB Laser Module
1614-SC-WW-02 EMCORE-1614-SC-WW-02 Datasheet
229Kb / 6P
   1310 nm DFB Laser Module
1542 EMCORE-1542 Datasheet
787Kb / 4P
   Microwave DFB Laser Microwave DFB Laser
1612A-079-FC-04 EMCORE-1612A-079-FC-04 Datasheet
167Kb / 6P
   1310 nm DFB Laser Module
logo
Source Photonics, Inc.
C-15-DFB-P-SSC2I-APC-O-01 SOURCE-C-15-DFB-P-SSC2I-APC-O-01 Datasheet
385Kb / 3P
   1550nm MQW-DFB Laser Diode Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com