Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1742C-SF-FA Datasheet(PDF) 3 Page - Emcore Corporation

Part # 1742C-SF-FA
Description  1742 18 GHz 1550 nm Microwave DFB Laser
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

1742C-SF-FA Datasheet(HTML) 3 Page - Emcore Corporation

  1742C-SF-FA Datasheet HTML 1Page - Emcore Corporation 1742C-SF-FA Datasheet HTML 2Page - Emcore Corporation 1742C-SF-FA Datasheet HTML 3Page - Emcore Corporation 1742C-SF-FA Datasheet HTML 4Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MICROWAVE
DATASHEET | AUGUST 2013
© 2013 EMCORE Corporation
| REV 2013.08
satcom-sales@emcore.com
www.emcore.com
Information contained herein is deemed to be reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specifications at any time without notice.
+1 626-293-3400
Mechanical Drawing (dimension are in inches)
RF Characteristics
Parameter
Specifications
Unit
1742B
1742C
1742D
Maximum Frequency
7
13
18
GHz
Minimum Frequency
0.01
GHz
Amplitude Flatness1&2
4.0
4.0
5.0
dB p-p
Input Return Loss (50
Ω)
7.0
4.0
4.0
dB
Input 1 dB Compression
+20
dBm
Input Third Order Intercept3
0.01 GHz - 7.0 GHz
7.0 GHz - 18.0 GHz
+30
+25
Noise Figure (dB)4
0.01 GHz - 3.0 GHz
3.0 GHz - 7.0 GHz
7.0 GHz - 13.0 GHz
13.0 GHz - 18.0 GHz
47
50
-
-
47
50
54
-
47
50
54
59
1. Specifications guaranteed when unit is connected to an optical path with return loss >35 dB.
2. Peak to Peak
3. Two Carrier Test
4. No RF Input
1742 18 GHz 1550 nm
Microwave DFB Laser
Electrical Schematic


Similar Part No. - 1742C-SF-FA

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
1742C ALPHAWIRE-1742C Datasheet
98Kb / 4P
   Customer Specification
12/8/2022
More results

Similar Description - 1742C-SF-FA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DL-5100S ETC1-DL-5100S Datasheet
106Kb / 2P
   1550 nm DFB LASER DIODES
logo
Optoway Technology Inc
DL-5100 OPTOWAY-DL-5100_07 Datasheet
120Kb / 3P
   1550 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-5100 OPTOWAY-DL-5100 Datasheet
112Kb / 2P
   1550 nm DFB LASER DIODES MQW-DFB LASER DIODES
logo
Emcore Corporation
1751A EMCORE-1751A Datasheet
658Kb / 6P
   1550 nm DWDM DFB Laser Module
1542 EMCORE-1542 Datasheet
787Kb / 4P
   Microwave DFB Laser Microwave DFB Laser
1751A EMCORE-1751A_13 Datasheet
658Kb / 6P
   1751A 1550 nm DWDM DFB Laser Module
logo
NEC
NX8503BG NEC-NX8503BG Datasheet
98Kb / 5P
   NECs 1550 nm InGaAsP MQW DFB LASER DIODE
logo
Source Photonics, Inc.
C-15-DFBA-PB-SFCHI SOURCE-C-15-DFBA-PB-SFCHI Datasheet
383Kb / 3P
   Analog 1550 nm MQW-DFB Laser Diode Module
logo
Optoway Technology Inc
DL-5300 OPTOWAY-DL-5300_09 Datasheet
81Kb / 4P
   1550 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5540 OPTOWAY-DL-5540 Datasheet
117Kb / 2P
   1550 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH RECEPTACLE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com