Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3X-CN21 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E3X-CN21
Description  Proximity Sensor with Separate Amplifier Enables Easily Making High-precision Sensitivity Settings
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3X-CN21 Datasheet(HTML) 2 Page - Omron Electronics LLC

  E3X-CN21 Datasheet HTML 1Page - Omron Electronics LLC E3X-CN21 Datasheet HTML 2Page - Omron Electronics LLC E3X-CN21 Datasheet HTML 3Page - Omron Electronics LLC E3X-CN21 Datasheet HTML 4Page - Omron Electronics LLC E3X-CN21 Datasheet HTML 5Page - Omron Electronics LLC E3X-CN21 Datasheet HTML 6Page - Omron Electronics LLC E3X-CN21 Datasheet HTML 7Page - Omron Electronics LLC E3X-CN21 Datasheet HTML 8Page - Omron Electronics LLC E3X-CN21 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
E2C-EDA
2
Amplifier Units
Amplifier Units with Cables
Amplifier Units with Connectors (An Amplifier Unit Connector (sold separately) is required.)
Amplifier Unit Connectors (Order Separately)
Note: Protector seals provided. [Refer to E3X-DA-S/MDA.]
Mobile Console (Order Separately) [Refer to E3X-DA-S/MDA.]
Note: Use the E3X-MC11-SV2 Mobile Console with E2C-EDA-series Amplifier Units. If you use a Mobile Console like the E3X-MC11-S, some
functions may not operate. For details, refer to Ratings and Specifications for E3X-DA-S/MDA.
Item
Appearance
Functions
Model
NPN output
PNP output
Advanced models
Twin-output models
Area output, open
circuit detection,
differential operation
E2C-EDA11 2M
E2C-EDA41 2M
External-input models
Remote setting,
differential operation
E2C-EDA21 2M
E2C-EDA51 2M
Item
Appearance
Functions
Model
NPN output
PNP output
Advanced models
Twin-output models
Area output, open
circuit detection,
differential operation
E2C-EDA6
E2C-EDA8
External-input models
Remote setting,
differential operation
E2C-EDA7
E2C-EDA9
Item
Appearance
Cable length
No. of conductors
Model
Master Connector
2 m
4
E3X-CN21
Slave Connector
2
E3X-CN22
Appearance
Model
Remarks
E3X-MC11-SV2
(model number of set)
Mobile Console with
Head, Cable, and AC
adapter provided as
accessories
E3X-MC11-C1-SV2
Mobile Console
E3X-MC11-H1
Head
E39-Z12-1
Cable (1.5 m)
Ordering Precautions for Amplifier Units with Connectors
A Connector is not provided with the Amplifier Unit.
Refer to the following tables when ordering.
When Using 5 Amplifier Units
Amplifier Unit
Applicable Connector
(Order Separately)
Model
NPN output
PNP output
Master Connector
Slave Connector
Advanced models
E2C-EDA6
E2C-EDA8
+
E3X-CN21
E3X-CN22
E2C-EDA7
E2C-EDA9
Amplifier Units (5 Units)
+
1 Master Connector
4 Slave Connectors


Similar Part No. - E3X-CN21

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3X-CN21 OMRON-E3X-CN21 Datasheet
2Mb / 38P
   Sensor connectors, reflectors, mounting brackets, accessories
E3X-CN21-M1J0.3M OMRON-E3X-CN21-M1J0.3M Datasheet
2Mb / 38P
   Sensor connectors, reflectors, mounting brackets, accessories
E3X-CN21-M3J-20.3M OMRON-E3X-CN21-M3J-20.3M Datasheet
2Mb / 38P
   Sensor connectors, reflectors, mounting brackets, accessories
More results

Similar Description - E3X-CN21

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2C-CR8B OMRON-E2C-CR8B Datasheet
1Mb / 24P
   Separate Amplifier Sensor with Sensitivity Adjustment
E2C-JC4CH OMRON-E2C-JC4CH Datasheet
1Mb / 23P
   Separate Amplifier Sensor with Sensitivity Adjustment
logo
Murata Manufacturing Co...
PV36W102C01B00 MURATA1-PV36W102C01B00_V01 Datasheet
231Kb / 3P
   High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36W201C01B00 MURATA1-PV36W201C01B00_V01 Datasheet
231Kb / 3P
   High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36X201C01B00 MURATA1-PV36X201C01B00_V01 Datasheet
233Kb / 3P
   High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36W204C01B00 MURATA1-PV36W204C01B00_V01 Datasheet
231Kb / 3P
   High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36W104C01B00 MURATA1-PV36W104C01B00_V01 Datasheet
231Kb / 3P
   High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36W105C01B00 MURATA1-PV36W105C01B00_V01 Datasheet
231Kb / 3P
   High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36W203C01B00 MURATA1-PV36W203C01B00_V01 Datasheet
231Kb / 3P
   High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36X101C01B00 MURATA1-PV36X101C01B00_V01 Datasheet
233Kb / 3P
   High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com