Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3X-CN21 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # E3X-CN21
Description  Proximity Sensor with Separate Amplifier Enables Easily Making High-precision Sensitivity Settings
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3X-CN21 Datasheet(HTML) 5 Page - Omron Electronics LLC

  E3X-CN21 Datasheet HTML 1Page - Omron Electronics LLC E3X-CN21 Datasheet HTML 2Page - Omron Electronics LLC E3X-CN21 Datasheet HTML 3Page - Omron Electronics LLC E3X-CN21 Datasheet HTML 4Page - Omron Electronics LLC E3X-CN21 Datasheet HTML 5Page - Omron Electronics LLC E3X-CN21 Datasheet HTML 6Page - Omron Electronics LLC E3X-CN21 Datasheet HTML 7Page - Omron Electronics LLC E3X-CN21 Datasheet HTML 8Page - Omron Electronics LLC E3X-CN21 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
E2C-EDA
Engineering Data
Sensing Distance vs. Display Values
Influence of Sensing Object Size and Material
E2C-EDR6-F
E2C-ED01(-
@)
E2C-ED02(-
@)/EM02(-@)
E2C-EM07(-
@)
E2C-EV05(-
@)
E2C-EM02H
E2C-EDR6-F
E2C-ED01(-
@)
E2C-ED02(-
@)/EM02(-@)
4000
3000
2000
1500
1000
0
0.3
0.6
0.9
1.2
Sensing distance (mm)
Fine
positioning
at 0.9 mm
Fine
positioning
at 0.3 mm
4000
3000
2000
1500
1000
0
0.5
1.0
1.5
2.0
Sensing distance (mm)
Fine
positioning
at 1.5 mm
Fine
positioning
at 0.5 mm
4000
3000
2000
1500
1000
0
1
2
3
4
Sensing distance (mm)
Fine
positioning
at 3 mm
Fine
positioning
at 1 mm
4000
3000
2000
1500
1000
0
3.5
7.0
10.5
14
Sensing distance (mm)
Fine
positioning
at 10.5 mm
Fine
positioning
at 3.5 mm
4000
3000
2000
1500
1000
0
2.5
5
7.5
10
Sensing distance (mm)
Fine
positioning
at 7.5 mm
Fine
positioning
at 2.5 mm
4000
3000
2000
1500
1000
0
1
2
3
4
Sensing distance (mm)
Fine
positioning
at 3 mm
Fine
positioning
at 1 mm
1.2
1.0
0.8
0.6
0.4
0.2
0
10
20
30
40
50
Length of sensed object d (mm)
Iron
Stainless
Aluminium
@d
t=3mm
X
2.0
1.5
1.0
0.5
0
10
20
30
40
50
@d
t=3mm
X
Length of sensed object d (mm)
Iron
Stainless
Aluminium
4
3
2
1
0
10
20
30
40
50
@d
t=3mm
X
Length of sensed object d (mm)
Iron
Stainless
Aluminium


Similar Part No. - E3X-CN21

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3X-CN21 OMRON-E3X-CN21 Datasheet
2Mb / 38P
   Sensor connectors, reflectors, mounting brackets, accessories
E3X-CN21-M1J0.3M OMRON-E3X-CN21-M1J0.3M Datasheet
2Mb / 38P
   Sensor connectors, reflectors, mounting brackets, accessories
E3X-CN21-M3J-20.3M OMRON-E3X-CN21-M3J-20.3M Datasheet
2Mb / 38P
   Sensor connectors, reflectors, mounting brackets, accessories
More results

Similar Description - E3X-CN21

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2C-CR8B OMRON-E2C-CR8B Datasheet
1Mb / 24P
   Separate Amplifier Sensor with Sensitivity Adjustment
E2C-JC4CH OMRON-E2C-JC4CH Datasheet
1Mb / 23P
   Separate Amplifier Sensor with Sensitivity Adjustment
logo
Murata Manufacturing Co...
PV36W102C01B00 MURATA1-PV36W102C01B00_V01 Datasheet
231Kb / 3P
   High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36W201C01B00 MURATA1-PV36W201C01B00_V01 Datasheet
231Kb / 3P
   High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36X201C01B00 MURATA1-PV36X201C01B00_V01 Datasheet
233Kb / 3P
   High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36W204C01B00 MURATA1-PV36W204C01B00_V01 Datasheet
231Kb / 3P
   High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36W104C01B00 MURATA1-PV36W104C01B00_V01 Datasheet
231Kb / 3P
   High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36W105C01B00 MURATA1-PV36W105C01B00_V01 Datasheet
231Kb / 3P
   High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36W203C01B00 MURATA1-PV36W203C01B00_V01 Datasheet
231Kb / 3P
   High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36X101C01B00 MURATA1-PV36X101C01B00_V01 Datasheet
233Kb / 3P
   High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com