Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3X-CN22 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # E3X-CN22
Description  Proximity Sensor with Separate Amplifier Enables Easily Making High-precision Sensitivity Settings
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3X-CN22 Datasheet(HTML) 3 Page - Omron Electronics LLC

  E3X-CN22 Datasheet HTML 1Page - Omron Electronics LLC E3X-CN22 Datasheet HTML 2Page - Omron Electronics LLC E3X-CN22 Datasheet HTML 3Page - Omron Electronics LLC E3X-CN22 Datasheet HTML 4Page - Omron Electronics LLC E3X-CN22 Datasheet HTML 5Page - Omron Electronics LLC E3X-CN22 Datasheet HTML 6Page - Omron Electronics LLC E3X-CN22 Datasheet HTML 7Page - Omron Electronics LLC E3X-CN22 Datasheet HTML 8Page - Omron Electronics LLC E3X-CN22 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
E2C-EDA
3
Accessories (Order Separately)
Mounting Bracket
A Mounting Bracket is not provided with the Amplifier Unit.
Order a Mounting Bracket separately if required.
[Refer to E39-L, F39-L, E39-S, and E39-R.]
End Plate
An End Plate is not provided with the Amplifier Unit. Order an
End Plate separately if required.
[Refer to PFP-
@.]
Extension Cables between Sensor Head and Amplifier Unit
A Mounting Bracket is not provided with the Amplifier Unit.
Order an Extension Cable separately if required.
[Refer to Dimensions on page 12.]
Rating and Specifications
Sensor Heads
*1 The repeat accuracy and temperature characteristic are for a standard sensing object positioned midway through the rated sensing distance.
*2 A sudden temperature rise even within the rated temperature range may degrade characteristics.
*3 For the Sensor Head only without the preamplifier (−10 to 60°C). With no icing or condensation.
*4 Do not operate in areas exposed to water vapor because the enclosure is not waterproof.
Appearance
Model
Quantity
E39-L143
1
Appearance
Model
Quantity
PFP-M
1
Cable length
Model
Quantity
2 m
E22-XC2R
1
7 m
E22-XC7R
Model E2C-EDR6-F
E2C-ED01(-
@) E2C-ED02(-@) E2C-EM02(-@) E2C-EM07(-@) E2C-EV05(-@) E2C-EM02H
Item
3 dia.
× 18 mm 5.4 dia. × 18 mm 8 dia. × 22 mm M10 × 22 mm M18 × 46.3 mm 30 × 14 × 4.8 mm M12 × 22 mm
Sensing distance
0.6 mm
1 mm
2 mm
7 mm
5 mm
2 mm
Sensing object
Magnetic metal
(The sensing distance will decrease when sensing non-magnetic metal. Refer to Engineering Data on page 5.)
Standard sensing object
5
× 5 × 3 mm
10
× 10 × 3 mm
22
× 22 × 3 mm 15 × 15 × 3 mm 20 × 20 × 3 mm
Material: iron (S50C)
Repeat accuracy
*1
1
μm2 μm5 μm2 μm
Hysteresis distance
Variable
Tempera-
ture char-
acteristic
*1
Sensor Head
0.3%/
°C
0.08%/
°C
0.04%/
°C0.2%/°C
Preamplifier and
Amplifier
0.08%/
°C
Ambient
tempera-
ture
*2
Operating
–10
°C to 60°C (with no icing or condensation)
–10
°C to
200
°C *3
Storage
–10
°C to 60°C
(with no icing
or
condensation)
–20
°C to 70°C (with no icing or condensation)
Ambient humidity
Operating/storage: 35% to 85% (with no condensation)
Insulation resistance
50 M
Ω min. (at 500 VDC)
Dielectric strength
1,000 VAC at 50/60 Hz for 1 min between current carry parts and case
Vibration resistance
Destruction: 10 to 55 Hz, 1.5-mm double amplitude for 2 hours each in X, Y, and Z directions
Shock resistance
Destruction: 500 m/s2 for 3 times each in X, Y, and Z
directions
Degree of protection
IEC60529 IP67
IEC60529
IP60
*4
Connection method
Connector (standard cable length: 2.5 m (2 m between Head and Preamplifier)
“-F” model cable length: 3.5 m (0.5 m between Head and Preamplifier)
Weight (packed state)
Approx. 120 g (Models with protective spiral tube (“-S” models) are approx. 90 g heavier.)
Material
Sensor
Head
Case
Brass
Stainless
steel
Brass
Zinc
Brass
Sensing
surface
Heat-resistant ABS
PEEK
Clamping
nut
---
Nickel-plated brass
---
Nickel-plated
brass
Toothed
washer
---
Zinc-plated iron
---
Zinc-plated
iron
Preamplifier
PES
Accessories
Preamplifier Mounting Brackets, Instruction Manual


Similar Part No. - E3X-CN22

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3X-CN22 OMRON-E3X-CN22 Datasheet
2Mb / 38P
   Sensor connectors, reflectors, mounting brackets, accessories
More results

Similar Description - E3X-CN22

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2C-CR8B OMRON-E2C-CR8B Datasheet
1Mb / 24P
   Separate Amplifier Sensor with Sensitivity Adjustment
E2C-JC4CH OMRON-E2C-JC4CH Datasheet
1Mb / 23P
   Separate Amplifier Sensor with Sensitivity Adjustment
logo
Murata Manufacturing Co...
PV36W102C01B00 MURATA1-PV36W102C01B00_V01 Datasheet
231Kb / 3P
   High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36W201C01B00 MURATA1-PV36W201C01B00_V01 Datasheet
231Kb / 3P
   High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36X201C01B00 MURATA1-PV36X201C01B00_V01 Datasheet
233Kb / 3P
   High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36W204C01B00 MURATA1-PV36W204C01B00_V01 Datasheet
231Kb / 3P
   High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36W104C01B00 MURATA1-PV36W104C01B00_V01 Datasheet
231Kb / 3P
   High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36W105C01B00 MURATA1-PV36W105C01B00_V01 Datasheet
231Kb / 3P
   High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36W203C01B00 MURATA1-PV36W203C01B00_V01 Datasheet
231Kb / 3P
   High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36X101C01B00 MURATA1-PV36X101C01B00_V01 Datasheet
233Kb / 3P
   High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com