Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELC06D820E Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ELC06D820E
Description  Choke Coils
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELC06D820E Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ELC06D820E Datasheet HTML 1Page - Panasonic Semiconductor ELC06D820E Datasheet HTML 2Page - Panasonic Semiconductor ELC06D820E Datasheet HTML 3Page - Panasonic Semiconductor ELC06D820E Datasheet HTML 4Page - Panasonic Semiconductor ELC06D820E Datasheet HTML 5Page - Panasonic Semiconductor ELC06D820E Datasheet HTML 6Page - Panasonic Semiconductor ELC06D820E Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Choke Coils
f 10.0
±0.5
13.0 max.
5.0
±0.5
f 0.8
2–
f 1.20
±0.05
5.0
±0.1
S
F
Examples Type 10D
Recommended PWB
piercing plan
Connection Schematic
Part No.
Inductance
(µH)
Tolerance
(%)
Test Freq.
(kHz)
RDC.( )
[at 20 °C]
(Tol.±20 %)
IDC.
[at 20 °C]
(A)max.
ELC10D2R2E
2.2
±20
10
0.014
5.90
ELC10D2R7E
2.7
0.015
5.50
ELC10D3R3E
3.3
0.016
5.20
ELC10D3R9E
3.9
0.018
4.80
ELC10D4R7E
4.7
0.019
4.60
ELC10D5R6E
5.6
0.021
4.30
ELC10D6R8E
6.8
0.022
4.20
ELC10D8R2E
8.2
0.024
4.00
ELC10D100E
10.0
0.026
3.90
ELC10D120E
12.0
0.028
3.80
ELC10D150E
15.0
0.033
3.50
ELC10D180E
18.0
0.036
3.40
ELC10D220E
22.0
±10
0.040
3.20
ELC10D270E
27.0
0.044
3.00
ELC10D330E
33.0
0.051
2.80
ELC10D390E
39.0
0.054
2.70
ELC10D470E
47.0
0.060
2.50
ELC10D560E
56.0
0.067
2.30
ELC10D680E
68.0
0.075
2.10
ELC10D820E
82.0
0.095
1.80
ELC10D101E
100.0
0.110
1.70
ELC10D121E
120.0
0.120
1.60
ELC10D151E
150.0
0.160
1.40
ELC10D181E
180.0
0.180
1.30
ELC10D221E
220.0
0.210
1.10
ELC10D271E
270.0
0.280
1.00
ELC10D331E
330.0
0.320
0.90
ELC10D391E
390.0
0.400
0.80
ELC10D471E
470.0
0.450
0.70
ELC10D561E
560.0
0.560
0.68
ELC10D681E
680.0
0.660
0.64
ELC10D821E
820.0
0.800
0.55
ELC10D102E
1000.0
1.000
0.50
ELC10D122E
1200.0
1.200
0.45
ELC10D152E
1500.0
1.500
0.42
ELC10D182E
1800.0
1.800
0.40
ELC10D222E
2200.0
2.100
0.36
ELC10D272E
2700.0
2.700
0.32
ELC10D332E
3300.0
3.200
0.28
ELC10D392E
3900.0
3.500
0.26
✽ Allowable DC Current: Smaller current value either when the inductance is –10 % or when the case temperature has risen 45 °C.
[Dimensions in mm]
(not to scale)
Feb. 2006


Similar Part No. - ELC06D820E

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELC06D820E PANASONIC-ELC06D820E Datasheet
136Kb / 7P
   Choke Coils
ELC06D820E PANASONIC-ELC06D820E Datasheet
136Kb / 7P
   Examples Type 06D
ELC06D820E PANASONIC-ELC06D820E Datasheet
136Kb / 7P
   Choke Coils
ELC06D820E PANASONIC-ELC06D820E Datasheet
771Kb / 10P
   Choke Coils
ELC06D820E PANASONIC-ELC06D820E Datasheet
136Kb / 7P
   Choke Coils
More results

Similar Description - ELC06D820E

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELC11D2R2F PANASONIC-ELC11D2R2F Datasheet
321Kb / 4P
   Choke coils
ELL-6PG6R8N PANASONIC-ELL-6PG6R8N Datasheet
83Kb / 2P
   Choke Coils
ELC-09D101DF PANASONIC-ELC-09D101DF Datasheet
136Kb / 7P
   Choke Coils
ELC-09D180F PANASONIC-ELC-09D180F Datasheet
136Kb / 7P
   Choke Coils
ELC06D3R3E PANASONIC-ELC06D3R3E Datasheet
771Kb / 10P
   Choke Coils
ELC-09D680DF PANASONIC-ELC-09D680DF Datasheet
136Kb / 7P
   Choke Coils
ELC-15E561L PANASONIC-ELC-15E561L Datasheet
204Kb / 8P
   Choke Coils
ELC-16B561L PANASONIC-ELC-16B561L Datasheet
136Kb / 7P
   Choke Coils
09D PANASONIC-09D Datasheet
259Kb / 8P
   Choke Coils
ELL4FG100MA PANASONIC-ELL4FG100MA Datasheet
151Kb / 2P
   Choke Coils
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com