Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELJFB102JF2 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ELJFB102JF2
Description  Fixed Inductors (Chip Inductors)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJFB102JF2 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ELJFB102JF2 Datasheet HTML 1Page - Panasonic Semiconductor ELJFB102JF2 Datasheet HTML 2Page - Panasonic Semiconductor ELJFB102JF2 Datasheet HTML 3Page - Panasonic Semiconductor ELJFB102JF2 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Chip Inductors)
0.4±0.2
Marking
2.5
+0.3
–0.2
3.5 to 4.0
1.4 to 1.5
Recommended Land Pattern in mm (not to scale)
Dimensions in mm (not to scale)
FC Type 2520 (1008)
Part No.
Inductance
Q
SRF ✽1
(MHz) min.
RDC ✽2
(
Ω) max.
DC Current
(mA) max.
(μH)
Tolerance
(%)
Test Freq.
(MHz)
min.
Test Freq.
(MHz)
ELJFCR22
□F
0.22
M : ±20 %
or
K : ±10 %
25.2
25
25.2
230
0.70
190
ELJFCR27
□F
0.27
210
0.75
180
ELJFCR33
□F
0.33
190
0.85
170
ELJFCR39
□F
0.39
175
0.95
160
ELJFCR47
□F
0.47
160
1.00
155
ELJFCR56
□F
0.56
155
1.10
150
ELJFCR68
□F
0.68
135
1.25
140
ELJFCR82
□F
0.82
125
1.40
130
ELJFC1R0
□F
1.0
K : ±10 %
or
J : ± 5 %
7.96
7.96
115
0.65
195
ELJFC1R2
□F
1.2
100
0.75
180
ELJFC1R5
□F
1.5
90
0.85
170
ELJFC1R8
□F
1.8
85
0.95
160
ELJFC2R2
□F
2.2
80
1.05
155
ELJFC2R7
□F
2.7
75
1.20
145
ELJFC3R3
□F
3.3
65
1.30
135
ELJFC3R9
□F
3.9
60
1.40
130
ELJFC4R7
□F
4.7
55
1.55
125
ELJFC5R6
□F
5.6
50
1.75
120
ELJFC6R8
□F
6.8
45
1.95
115
ELJFC8R2
□F
8.2
40
2.20
105
ELJFC100
□F10
2.52
2.52
32
3.70
80
ELJFC120
□F
12
30
4.10
75
ELJFC150
□F
15
28
5.00
70
ELJFC180
□F
18
25
5.40
65
ELJFC220
□F
22
22
6.00
60
ELJFC270
□F27
20
21
6.30
115
ELJFC330
□F
33
20
7.10
110
ELJFC390
□F
39
18
9.50
90
ELJFC470
□F
47
17
11.0
80
ELJFC560
□F
56
16
12.1
75
ELJFC680
□F
68
15
16.6
70
ELJFC820
□F
82
13
19.0
65
ELJFC101
□F
100
0.796
15
0.796
12
21.0
60
Standard Packing Quantity
● 2000 pcs./Reel
Standard Parts
□ : Symbol of Tolerance
✽1 : Self Resonant Frequency ✽2 : DC Resistance
Sep. 2012
01
17


Similar Part No. - ELJFB102JF2

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJFB102JF2 PANASONIC-ELJFB102JF2 Datasheet
76Kb / 4P
   Fixed Inductors (Chip Inductors)
ELJFB102JF2 PANASONIC-ELJFB102JF2 Datasheet
96Kb / 4P
   Fixed Inductors (Chip Inductors)
ELJFB102JF2 PANASONIC-ELJFB102JF2 Datasheet
80Kb / 4P
   3. General use FC, FA, FB
ELJFB102JF2 PANASONIC-ELJFB102JF2 Datasheet
96Kb / 4P
   Fixed Inductors (Chip Inductors)
ELJFB102JF2 PANASONIC-ELJFB102JF2 Datasheet
96Kb / 4P
   Fixed Inductors (Chip Inductors)
More results

Similar Description - ELJFB102JF2

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Semiconductor
ELJ-NDR56JF PANASONIC-ELJ-NDR56JF Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJ-RF1N0DFB PANASONIC-ELJ-RF1N0DFB Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJ-PC150KF PANASONIC-ELJ-PC150KF Datasheet
138Kb / 5P
   Fixed Inductors (Chip Inductors)
ELJ-RF12NJFB PANASONIC-ELJ-RF12NJFB Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com