Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29F040B-55JI Datasheet(PDF) 5 Page - Advanced Micro Devices

Part # AM29F040B-55JI
Description  4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F040B-55JI Datasheet(HTML) 5 Page - Advanced Micro Devices

  AM29F040B-55JI Datasheet HTML 1Page - Advanced Micro Devices AM29F040B-55JI Datasheet HTML 2Page - Advanced Micro Devices AM29F040B-55JI Datasheet HTML 3Page - Advanced Micro Devices AM29F040B-55JI Datasheet HTML 4Page - Advanced Micro Devices AM29F040B-55JI Datasheet HTML 5Page - Advanced Micro Devices AM29F040B-55JI Datasheet HTML 6Page - Advanced Micro Devices AM29F040B-55JI Datasheet HTML 7Page - Advanced Micro Devices AM29F040B-55JI Datasheet HTML 8Page - Advanced Micro Devices AM29F040B-55JI Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Am29F040B
5
P R E L I M I NARY
PIN CONFIGURATION
A0–A18
=
Address Inputs
DQ0–DQ7 =
Data Input/Output
CE#
=
Chip Enable
WE#
=
Write Enable
OE#
=
Output Enable
VSS
=
Device Ground
VCC
=
+5.0 V single power supply
(see Product Selector Guide for
device speed ratings and voltage
supply tolerances)
LOGIC SYMBOL
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed
by a combination of the following:
Valid Combinations
Valid Combinations list configurations planned to be sup-
ported in volume for this device. Consult the local AMD sales
office to confirm availability of specific valid combinations and
to check on newly released combinations.
19
8
DQ0–DQ7
A0–A18
CE#
OE#
WE#
21445B-5
DEVICE NUMBER/DESCRIPTION
Am29F040B
4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only Sector Erase Flash Memory
5.0 V Read, Program, and Erase
Am29F040B
-55
E
C
B
OPTIONAL PROCESSING
Blank = Standard Processing
B = Burn-in
(Contact an AMD representative for more information)
TEMPERATURE RANGE
C
=
Commercial (0
°C to +70°C)
I=
Industrial (–40
°C to +85°C)
E
=
Extended (–55
°C to +125°C)
PACKAGE TYPE
P =
32-Pin Plastic DIP (PD 032)
J
=
32-Pin Rectangular Plastic Leaded Chip
Carrier (PL 032)
E =
32-Pin Thin Small Outline Package (TSOP)
Standard Pinout (TS 032)
F =
32-Pin Thin Small Outline Package (TSOP)
Reverse Pinout (TSR032)
SPEED OPTION
See Product Selector Guide and Valid Combinations
Valid Combinations
Am29F040B-55
JC, JI, JE, EC, EI, EE, FC, FI, FE
Am29F040B-70
Am29F040B-90
PC, PI, PE,
JC, JI, JE,
EC, EI, EE,
FC, FI, FE
Am29F040B-120
Am29F040B-150


Similar Part No. - AM29F040B-55JI

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29F040B-55JI AMD-AM29F040B-55JI Datasheet
790Kb / 35P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F040B-55JI AMD-AM29F040B-55JI Datasheet
981Kb / 36P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
More results

Similar Description - AM29F040B-55JI

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM29F040B-09 SPANSION-AM29F040B-09 Datasheet
918Kb / 36P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
Advanced Micro Devices
AM29F040B AMD-AM29F040B_06 Datasheet
981Kb / 36P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
Force Technologies Ltd
FT29F040B FORCE-FT29F040B Datasheet
3Mb / 36P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
Advanced Micro Devices
AM29F040B-1 AMD-AM29F040B-1 Datasheet
790Kb / 35P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F004B AMD-AM29F004B Datasheet
993Kb / 37P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29F004B SPANSION-AM29F004B_06 Datasheet
944Kb / 37P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29F010B SPANSION-AM29F010B_06 Datasheet
951Kb / 33P
   1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F010B SPANSION-AM29F010B Datasheet
849Kb / 35P
   1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
Advanced Micro Devices
AM29F010 AMD-AM29F010 Datasheet
370Kb / 31P
   1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F010A AMD-AM29F010A Datasheet
389Kb / 31P
   1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com