Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1622A-079-SC-1351-13 Datasheet(PDF) 6 Page - Emcore Corporation

Part # 1622A-079-SC-1351-13
Description  1622 CWDM DFB Laser Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

1622A-079-SC-1351-13 Datasheet(HTML) 6 Page - Emcore Corporation

  1622A-079-SC-1351-13 Datasheet HTML 1Page - Emcore Corporation 1622A-079-SC-1351-13 Datasheet HTML 2Page - Emcore Corporation 1622A-079-SC-1351-13 Datasheet HTML 3Page - Emcore Corporation 1622A-079-SC-1351-13 Datasheet HTML 4Page - Emcore Corporation 1622A-079-SC-1351-13 Datasheet HTML 5Page - Emcore Corporation 1622A-079-SC-1351-13 Datasheet HTML 6Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
DATASHEET | APRIL 2013
FIBER OPTICS
| REV 2013.04
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Ordering Code Definitions
1622x – www – aa – yyyy – zz
Family Name
Analog O-Band CWDM DFB, Laser
CSO Performance
X = A Standard Performance
X = B Enhanced Performance (CSO)
Frequency Plan
www = 079: 79 Channel NTSC
Optical Connector
aa = FC: FC/APC
aa = SC: SC/APC
1622 CWDM DFB Laser Module
Center Wavelength
yyyy = 1291: 1291 nm
yyyy = 1311: 1311 nm
yyyy = 1331: 1331 nm
yyyy = 1351: 1351 nm
yyyy = 1371: 1371 nm
Minimum Optical Power
zz = 04: 4 mW
zz = 06: 6 mW
zz = 08: 8 mW
zz = 10: 10 mW
zz = 13: 13 mW
zz = 16: 16 mW
zz = 20: 20 mW
Example
1622B-79-SC-1331-10: CWDM Laser, Enhanced performance, 79 channel NTSC, SC/APC connector, 1331
nm center wavelength, 10 mW minimum optical power.


Similar Part No. - 1622A-079-SC-1351-13

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1622A-079-SC-1351-04 EMCORE-1622A-079-SC-1351-04 Datasheet
738Kb / 6P
   OC-48 Pinout Compatible
More results

Similar Description - 1622A-079-SC-1351-13

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1622-E1-AA-D1-1291-04 EMCORE-1622-E1-AA-D1-1291-04 Datasheet
318Kb / 6P
   CWDM DFB Laser Module
logo
Optoway Technology Inc
DL-5100-CXX0 OPTOWAY-DL-5100-CXX0 Datasheet
110Kb / 2P
   1270 nm ~ 1610 nm DFB LASER DIODES CWDM MQW-DFB LASER DIODES
DL-5100-CXX0 OPTOWAY-DL-5100-CXX0_07 Datasheet
119Kb / 3P
   1270 nm ~ 1610 nm DFB LASER DIODES CWDM MQW-DFB LASER DIODES
DL-5100S-CXX0 OPTOWAY-DL-5100S-CXX0 Datasheet
110Kb / 2P
   1270 nm ~ 1610 nm DFB LASER DIODES 2.5 Gbps CWDM MQW-DFB LASER DIODES
DL-5300S-1625 OPTOWAY-DL-5300S-1625 Datasheet
91Kb / 2P
   1625 nm DFB LASER DIODE MODULE 1625 nm DFB LASER DIODE MODULE
logo
Emcore Corporation
1612A-079-FC-04 EMCORE-1612A-079-FC-04_12 Datasheet
607Kb / 6P
   1310 nm DFB Laser Module
1614-SC-WW-02 EMCORE-1614-SC-WW-02 Datasheet
229Kb / 6P
   1310 nm DFB Laser Module
1542 EMCORE-1542 Datasheet
787Kb / 4P
   Microwave DFB Laser Microwave DFB Laser
1612A-079-FC-04 EMCORE-1612A-079-FC-04 Datasheet
167Kb / 6P
   1310 nm DFB Laser Module
logo
Source Photonics, Inc.
C-15-DFB-P-SSC2I-APC-O-01 SOURCE-C-15-DFB-P-SSC2I-APC-O-01 Datasheet
385Kb / 3P
   1550nm MQW-DFB Laser Diode Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com